Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOZ1233-01 Datasheet(PDF) 7 Page - Alpha & Omega Semiconductors

Part # AOZ1233-01
Description  28V/8A Synchronous EZBuckTM Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ1233-01 Datasheet(HTML) 7 Page - Alpha & Omega Semiconductors

Back Button AOZ1233-01 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ1233-01 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ1233-01 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ1233-01 Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ1233-01 Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ1233-01 Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ1233-01 Datasheet HTML 9Page - Alpha & Omega Semiconductors AOZ1233-01 Datasheet HTML 10Page - Alpha & Omega Semiconductors AOZ1233-01 Datasheet HTML 11Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
AOZ1233-01
Rev. 1.2 October 2012
www.aosmd.com
Page 7 of 17
Functional Block Diagram
TON
Generator
ISENSE
ILIM_VALLEY
Error Comp
ILIM Comp
0.8V
ISENSE
(AC)
FB
Decode
OTP
Reference
& Bias
BST
PG Logic
LX
AGND
PGND
ISENSE (DC)
ISENSE (AC)
Current
Information
Processing
Vcc
IN
AIN
PGood
UVLO
LDO
TON
Timer
Q
TOFF_MIN
S
R
Q
Timer
Q
TON
PFM
FB
SS
EN
VCC
Light Load
Threshold
ISENSE
Light Load
Comp


Similar Part No. - AOZ1233-01

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1233QI-01 AOSMD-AOZ1233QI-01 Datasheet
793Kb / 17P
   28V/8A Synchronous EZBuckTM Regulator
More results

Similar Description - AOZ1233-01

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1233QI-01 AOSMD-AOZ1233QI-01 Datasheet
793Kb / 17P
   28V/8A Synchronous EZBuckTM Regulator
AOZ2261QI-15 AOSMD-AOZ2261QI-15 Datasheet
955Kb / 16P
   28V/8A Synchronous EZBuckTM Regulator
AOZ2261QI-10 AOSMD-AOZ2261QI-10 Datasheet
954Kb / 16P
   28V/8A Synchronous EZBuckTM Regulator
AOZ2254TQI-20 AOSMD-AOZ2254TQI-20 Datasheet
1Mb / 17P
   28V/8A Synchronous EZBuckTM Regulator
Rev. 2.0 May 2019
AOZ2253LQI-30 AOSMD-AOZ2253LQI-30 Datasheet
2Mb / 15P
   28V/8A Synchronous EZBuckTM Regulator
Rev. 1.0 December 2021
AOZ2253TQI-11 AOSMD-AOZ2253TQI-11 Datasheet
1Mb / 17P
   28V/8A Synchronous EZBuckTM Regulator
Rev. 2.0 May 2019
AOZ2261AQI-15 AOSMD-AOZ2261AQI-15 Datasheet
1Mb / 15P
   28V/8A Synchronous EZBuckTM Regulator
Rev. 2.0 March 2019
AOZ2261AQI-10 AOSMD-AOZ2261AQI-10 Datasheet
1Mb / 15P
   28V/8A Synchronous EZBuckTM Regulator
Rev. 2.0 March 2019
AOZ1237QI-01 AOSMD-AOZ1237QI-01 Datasheet
882Kb / 16P
   28V/8A Synchronous EZBuckTM Regulator
AOZ2237QI-01 AOSMD-AOZ2237QI-01 Datasheet
1Mb / 16P
   28V/8A Synchronous EZBuckTM Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com