Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBL3045CT Datasheet(PDF) 2 Page - Sirectifier Global Corp.

Part # SBL3045CT
Description  Power Schottky Rectifier - 30Amp 45Volt
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECT [Sirectifier Global Corp.]
Direct Link  http://www.sirectsemi.com
Logo SIRECT - Sirectifier Global Corp.

SBL3045CT Datasheet(HTML) 2 Page - Sirectifier Global Corp.

  SBL3045CT_10 Datasheet HTML 1Page - Sirectifier Global Corp. SBL3045CT_10 Datasheet HTML 2Page - Sirectifier Global Corp. SBL3045CT_10 Datasheet HTML 3Page - Sirectifier Global Corp. SBL3045CT_10 Datasheet HTML 4Page - Sirectifier Global Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
http:// www.sirectsemi.com
0
5
15
20
175
AMBIENT TEMPERATURE (ºC)
Figure 1. Forward Current Derating Curve
10
150
125
100
75
50
25
NUMBER OF CYCLES AT 60Hz
Figure 2. Maximum Non-repetitive Surge Current
100
50
20
10
5
2
1
0
400
200
100
300
8.3ms Single Half-Sine-Wave
(JEDEC METHOD)
0.01
0.1
1
10
100
1000
20
40
60
80
100
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
Figure 3. Typical Reverse Characteristics
0
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
Figure 4. Typical Forward Characteristics
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0.1
1.0
10
100
REVERSE VOLTAGE, VOLTS
Figure 5. Typical Junction Capacitance
0.1
1
4
10
100
10
100
1000
TJ = 25ºC
f = 1MHz
SBL3045CT/FCT/PT
Sirectifier Global Corp., Delaware, U.S.A.
U.S.A.: sgc@sirectsemi.com
France: ss@sirectsemi.com
Taiwan: se@sirectsemi.com
Hong Kong: hk@sirectsemi.com
China: st@sirectsemi.com Thailand: th@sirectsemi.com
Philippines: aiac@sirectsemi.com Belize: belize@sirectsemi.com


Similar Part No. - SBL3045CT_10

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBL3045CTP DIODES-SBL3045CTP Datasheet
91Kb / 3P
   30A SCHOTTKY BARRIER RECTIFIER
SBL3045CTP DIODES-SBL3045CTP Datasheet
77Kb / 4P
   30A SCHOTTKY BARRIER RECTIFIER
SBL3045CTP-G DIODES-SBL3045CTP-G Datasheet
77Kb / 4P
   30A SCHOTTKY BARRIER RECTIFIER
SBL3045CTP DIODES-SBL3045CTP_15 Datasheet
77Kb / 4P
   30A SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SBL3045CTSH ZOWIE-SBL3045CTSH Datasheet
63Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SBL3045CT_10

ManufacturerPart #DatasheetDescription
logo
Sirectifier Global Corp...
SBL30L45CT SIRECT-SBL30L45CT Datasheet
148Kb / 4P
   Power Schottky Rectifier - 30Amp 45Volt
SBL30L45CT SIRECT-SBL30L45CT Datasheet
141Kb / 2P
   Power Schottky Rectifier - 30Amp 45Volt
SBL30L45CTH SIRECT-SBL30L45CTH Datasheet
141Kb / 2P
   Power Schottky Rectifier - 30Amp 45Volt
SBL30B45CTH SIRECT-SBL30B45CTH Datasheet
141Kb / 2P
   Power Schottky Rectifier - 30Amp 45Volt
FWSR310PT SIRECT-FWSR310PT Datasheet
117Kb / 2P
   Power Schottky Rectifier - 30Amp 45Volt
SBL30B45CTH SIRECT-SBL30B45CTH Datasheet
131Kb / 3P
   Power Schottky Rectifier - 30Amp 45Volt
SBL3045CT SIRECT-SBL3045CT Datasheet
140Kb / 2P
   Power Schottky Rectifier - 30Amp 45Volt
FWSL310PT SIRECT-FWSL310PT Datasheet
117Kb / 2P
   Power Schottky Rectifier - 30Amp 45Volt
FWSR320PT SIRECT-FWSR320PT Datasheet
116Kb / 2P
   Power Schottky Rectifier - 60Amp 45Volt
MBR40B45CTH SIRECT-MBR40B45CTH Datasheet
133Kb / 3P
   Power Schottky Rectifier - 40Amp 45Volt
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com