Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIN_F18 Datasheet(PDF) 6 Page - Altera Corporation

Part # PIN_F18
Description  The DE2-115 package contains all components needed to use the DE2-115 board in conjunction with a computer that runs the Microsoft Windows OS.
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PIN_F18 Datasheet(HTML) 6 Page - Altera Corporation

Back Button PIN_F18 Datasheet HTML 2Page - Altera Corporation PIN_F18 Datasheet HTML 3Page - Altera Corporation PIN_F18 Datasheet HTML 4Page - Altera Corporation PIN_F18 Datasheet HTML 5Page - Altera Corporation PIN_F18 Datasheet HTML 6Page - Altera Corporation PIN_F18 Datasheet HTML 7Page - Altera Corporation PIN_F18 Datasheet HTML 8Page - Altera Corporation PIN_F18 Datasheet HTML 9Page - Altera Corporation PIN_F18 Datasheet HTML 10Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 116 page
background image
5
• Bag of six rubber (silicon) covers for the DE2-115 board stands. The bag also contains some
extender pins, which can be used to facilitate easier probing with testing equipment of the
board’s I/O expansion headers.
• Clear plastic cover for the board.
• 12V DC desktop power supply.
• Remote controller
1
1..22 T
Thhee D
DE
E22--111155 B
Booaarrdd A
Asssseem
mbbllyy
To assemble the included stands for the DE2-115 board:
• Assemble a rubber (silicon) cover, as shown in Figure 1-2, for each of the six copper stands on
the DE2-115 board
• The clear plastic cover provides extra protection, and is mounted over the top of the board by
using additional stands and screws
Figure 1-2
The feet for the DE2-115 board


Similar Part No. - PIN_F18

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
PIN-001 INTERPOINT-PIN-001 Datasheet
36Kb / 2P
   ACCESSORY PIN TERMINAL ADAPTOR
logo
Crane Aerospace & Elect...
PIN-001 CRANE-PIN-001 Datasheet
36Kb / 2P
   ACCESSORY PIN TERMINAL ADAPTOR
logo
Finisar Corporation.
PIN-1310-10LR-LC FINISAR-PIN-1310-10LR-LC Datasheet
219Kb / 7P
   10 GBPS 1310NM PIN PREAMP LC ROSA PACKAGE
PIN-1310-10LR-SC FINISAR-PIN-1310-10LR-SC Datasheet
140Kb / 6P
   10 GBPS 1310NM PIN PREAMP SC AND LC ROSA PACKAGE
PIN-1310-2I-LCA FINISAR-PIN-1310-2I-LCA Datasheet
190Kb / 6P
   3.7GBS 1310NM PINPREAMP ROSA
More results

Similar Description - PIN_F18

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
P0071 ALTERA-P0071 Datasheet
13Mb / 43P
   DE2-115 with LCD Touch Panel and Camera
logo
Zilog, Inc.
Z51F0811 ZILOG-Z51F0811 Datasheet
1Mb / 52P
   The Z51F0811 Evaluation Board contains the following components
logo
Texas Instruments
ADS1174EVM TI1-ADS1174EVM Datasheet
2Mb / 48P
[Old version datasheet]   Contains all support circuitry needed for the ADS1174/ADS1274
May2009
ADS1146EVM TI1-ADS1146EVM Datasheet
2Mb / 27P
[Old version datasheet]   Contains all support circuitry needed for the ADS1146/ADS1246
July2009
ADS1148EVM TI1-ADS1148EVM Datasheet
1Mb / 34P
[Old version datasheet]   Contains all support circuitry needed for the ADS1148/ADS1248
logo
Analog Devices
UG-291 AD-UG-291 Datasheet
278Kb / 16P
   The SDP-S board is designed to be used in conjunction
logo
PHOENIX CONTACT
2702132 PHOENIX-2702132 Datasheet
128Kb / 10P
   The bus coupler for the PROFIBUS has 4 digital outputs and 8 digital inputs. This package contains all the necessary Inline connectors for connecting the supply and the I/Os.
2700949 PHOENIX-2700949 Datasheet
51Kb / 3P
   In addition to the basic functions, the Pro version of WebVisit contains the following macros
logo
Littelfuse
RM2000 LITTELFUSE-RM2000 Datasheet
383Kb / 2P
   The RM2000 Series is a motor-monitoring device to be used in conjunction with the 777 family of products
logo
Texas Instruments
SN74AHCT1G04DCKR TI-SN74AHCT1G04DCKR Datasheet
867Kb / 13P
[Old version datasheet]   The SN74AHCT1G04 contains one gate. The device performs the Boolean function Y = A.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com