Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR10B100CTH Datasheet(PDF) 2 Page - Sirectifier Global Corp.

Part # MBR10B100CTH
Description  Power Schottky Rectifier - 10Amp 100Volt
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECT [Sirectifier Global Corp.]
Direct Link  http://www.sirectsemi.com
Logo SIRECT - Sirectifier Global Corp.

MBR10B100CTH Datasheet(HTML) 2 Page - Sirectifier Global Corp.

  MBR10B100CTH Datasheet HTML 1Page - Sirectifier Global Corp. MBR10B100CTH Datasheet HTML 2Page - Sirectifier Global Corp. MBR10B100CTH Datasheet HTML 3Page - Sirectifier Global Corp. MBR10B100CTH Datasheet HTML 4Page - Sirectifier Global Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
http:// www.sirectsemi.com
0
1
3
5
175
AMBIENT TEMPERATURE (ºC)
Figure 1. Forward Current Derating Curve
2
150
125
100
75
50
25
4
NUMBER OF CYCLES AT 60Hz
Figure 2. Maximum Non-repetitive Surge Current
100
50
20
10
5
2
1
0
60
150
90
120
30
8.3ms Single Half-Sine-Wave
(JEDEC METHOD)
0.001
0.01
0.1
1
10
100
20
40
60
80
100
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
Figure 3. Typical Reverse Characteristics
0
TJ = 25ºC
TJ = 75ºC
TJ =125ºC
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
Figure 4. Typical Forward Characteristics
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0.1
1.0
10
5.0
REVERSE VOLTAGE, VOLTS
Figure 5. Typical Junction Capacitance
0.1
1
4
10
100
10
100
1000
TJ = 25ºC
f = 1MHz
Sirectifier Global Corp., Delaware, U.S.A.
U.S.A.: sgc@sirectsemi.com
France: ss@sirectsemi.com
Taiwan: se@sirectsemi.com
Hong Kong: hk@sirectsemi.com
China: st@sirectsemi.com Thailand: th@sirectsemi.com
Philippines: aiac@sirectsemi.com Belize: belize@sirectsemi.com
MBR10B100CTH/FCTH/CRH/CGH


Similar Part No. - MBR10B100CTH

ManufacturerPart #DatasheetDescription
logo
Sirectifier Global Corp...
MBR10B120CTH SIRECT-MBR10B120CTH Datasheet
132Kb / 3P
   Power Schottky Rectifier - 10Amp 120Volt
MBR10B120FCTH SIRECT-MBR10B120FCTH Datasheet
132Kb / 3P
   Power Schottky Rectifier - 10Amp 120Volt
MBR10B150CGH SIRECT-MBR10B150CGH Datasheet
145Kb / 4P
   Power Schottky Rectifier - 10Amp 150Volt
MBR10B150CRH SIRECT-MBR10B150CRH Datasheet
145Kb / 4P
   Power Schottky Rectifier - 10Amp 150Volt
MBR10B150CTH SIRECT-MBR10B150CTH Datasheet
145Kb / 4P
   Power Schottky Rectifier - 10Amp 150Volt
More results

Similar Description - MBR10B100CTH

ManufacturerPart #DatasheetDescription
logo
Sirectifier Global Corp...
MBR10U100CTH SIRECT-MBR10U100CTH Datasheet
123Kb / 2P
   Power Schottky Rectifier - 10Amp 100Volt
MBR10100FCT SIRECT-MBR10100FCT Datasheet
124Kb / 2P
   Power Schottky Rectifier - 10Amp 100Volt
MBR10L100CTH_FCTH SIRECT-MBR10L100CTH_FCTH Datasheet
145Kb / 4P
   Power Schottky Rectifier - 10Amp 100Volt
SB10100FC SIRECT-SB10100FC Datasheet
162Kb / 3P
   Power Schottky Rectifier - 10Amp 100Volt
MBR10U100FCTH SIRECT-MBR10U100FCTH Datasheet
123Kb / 2P
   Power Schottky Rectifier - 10Amp 100Volt
MBR10X100CTH SIRECT-MBR10X100CTH Datasheet
137Kb / 3P
   Power Schottky Rectifier - 10Amp 100Volt
MBR10100C SIRECT-MBR10100C Datasheet
132Kb / 3P
   Power Schottky Rectifier - 10Amp 100Volt
MBR10100CT SIRECT-MBR10100CT_12 Datasheet
146Kb / 4P
   Power Schottky Rectifier - 10Amp 100Volt
MBR10L100FCT SIRECT-MBR10L100FCT Datasheet
124Kb / 2P
   Power Schottky Rectifier - 10Amp 100Volt
MBR10100CT SIRECT-MBR10100CT Datasheet
123Kb / 2P
   Power Schottky Rectifier - 10Amp 100Volt
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com