Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOZ1605 Datasheet(PDF) 9 Page - Alpha & Omega Semiconductors

Part # AOZ1605
Description  500 mA / 3 MHz EZBuck Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ1605 Datasheet(HTML) 9 Page - Alpha & Omega Semiconductors

Back Button AOZ1605 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ1605 Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ1605 Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ1605 Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ1605 Datasheet HTML 9Page - Alpha & Omega Semiconductors AOZ1605 Datasheet HTML 10Page - Alpha & Omega Semiconductors AOZ1605 Datasheet HTML 11Page - Alpha & Omega Semiconductors AOZ1605 Datasheet HTML 12Page - Alpha & Omega Semiconductors AOZ1605 Datasheet HTML 13Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
AOZ1605
Rev. 1.2 June 2012
www.aosmd.com
Page 9 of 15
Inductor Selection
There are two main considerations when choosing an
inductor; the inductor should not saturate, and the
inductor current ripple should be small enough to achieve
the desire output voltage ripple. A 1
H inductor with a
saturation current of at least 1 A is recommended for the
AOZ1605 full load application. For maximum efficiency,
the inductor’s resistance (DCR) should be as low as
possible. For given input and output voltage, inductance
and switching frequency together decide the inductor
ripple current, which is,
The peak inductor current is:
High inductance gives low inductor ripple current
but requires larger size inductor to avoid saturation.
Low ripple current reduces inductor core losses.
It also reduces RMS current through inductor and
switches, which results in less conduction loss.
Usually, peak to peak ripple current on inductor is
designed to be 20% to 30% of output current.
When selecting the inductor, make sure it is able to
handle the peak current without saturation even at the
highest operating temperature.
The inductor takes the highest current in a buck circuit.
The conduction loss on inductor need to be checked for
thermal and efficiency requirements.
Surface mount inductors in different shape and styles are
available from Coilcraft, Elytone and Murata. Shielded
inductors are small and radiate less EMI noise. But they
cost more than unshielded inductors. The choice
depends on EMI requirement, price and size.
Input Capacitor
The input capacitor must be connected to the VIN pin and
PGND pin of AOZ1605 to maintain steady input voltage
and filter out the pulsing input current. The voltage rating
of input capacitor must be greater than maximum input
voltage plus ripple voltage. For greater capacitor
performance, the working capacitance voltage should be
twice Vin.
The input ripple voltage can be approximated by
equation below:
Since the input current is discontinuous in a buck
converter, the current stress on the input capacitor is
another concern when selecting the capacitor. For a buck
circuit, the RMS value of input capacitor current can be
calculated by:
if we let m equal the conversion ratio:
The relationship between the input capacitor RMS
current and voltage conversion ratio is calculated and
shown in Figure 1 below. It can be seen that when VO is
half of VIN, CIN is under the worst current stress. The
worst current stress on CIN is 0.5 x IO.
Figure 3. ICIN vs. Voltage Conversion Ratio
For reliable operation and best performance, the input
capacitors must have current rating higher than ICIN_RMS
at worst operating conditions. Ceramic capacitors are
preferred for input capacitors because of their low ESR
and high current rating. When selecting ceramic
capacitors, X5R or X7R type dielectric ceramic
capacitors should be used for their better temperature
and voltage characteristics. Note that the ripple current
rating from capacitor manufactures are based on certain
amount of life time. Further de-rating may be necessary
in practical design.
I
L
VO
fL
-----------
1
VO
VIN
---------



=
ILpeak
IO
I
L
2
--------
+
=
V
IN
IO
fCIN
-----------------
1
VO
VIN
---------



VO
VIN
---------
=
ICIN_RMS
IO
VO
VIN
--------- 1
VO
VIN
---------



=
VO
VIN
---------
m
=
0
0.1
0.2
0.3
0.4
0.5
0
0.5
1
m
I
CIN_RMS(m)
I
O


Similar Part No. - AOZ1605

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1606 AOSMD-AOZ1606 Datasheet
939Kb / 14P
   500 mA / 3 MHz EZBuck Regulator
More results

Similar Description - AOZ1605

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1606 AOSMD-AOZ1606 Datasheet
939Kb / 14P
   500 mA / 3 MHz EZBuck Regulator
logo
Microchip Technology
MCP1603 MICROCHIP-MCP1603_12 Datasheet
796Kb / 34P
   2.0 MHz, 500 mA Synchronous Buck Regulator
2007-2012 11/29/11
MCP1603 MICROCHIP-MCP1603 Datasheet
774Kb / 26P
   2.0 MHz, 500 mA Synchronous Buck Regulator
2007
logo
ON Semiconductor
NCP5500 ONSEMI-NCP5500 Datasheet
137Kb / 9P
   500 mA Linear Regulator
June, 2006 ??Rev. 3
logo
PEAK electronics GmbH
PSRW-783R3LF PEAK-PSRW-783R3LF Datasheet
149Kb / 2P
   500 mA Switching Regulator
PSRS-783R3LF PEAK-PSRS-783R3LF Datasheet
161Kb / 4P
   500 mA Switching Regulator
logo
Texas Instruments
LM78M05-MIL TI1-LM78M05-MIL Datasheet
648Kb / 19P
[Old version datasheet]   Series 3-Terminal 500-mA Positive Voltage Regulator
logo
Alpha & Omega Semicondu...
AOZ3011PI AOSMD-AOZ3011PI Datasheet
815Kb / 14P
   EZBuck??3 A Synchronous Buck Regulator
AOZ3015PI AOSMD-AOZ3015PI Datasheet
567Kb / 13P
   EZBuck??3 A Synchronous Buck Regulator
AOZ1051PI AOSMD-AOZ1051PI Datasheet
635Kb / 14P
   EZBuck??3 A Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com