Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR10L200CTH Datasheet(PDF) 2 Page - Sirectifier Global Corp.

Part # MBR10L200CTH
Description  Power Schottky Rectifier - 10Amp 200Volt
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECT [Sirectifier Global Corp.]
Direct Link  http://www.sirectsemi.com
Logo SIRECT - Sirectifier Global Corp.

MBR10L200CTH Datasheet(HTML) 2 Page - Sirectifier Global Corp.

  MBR10L200CTH Datasheet HTML 1Page - Sirectifier Global Corp. MBR10L200CTH Datasheet HTML 2Page - Sirectifier Global Corp. MBR10L200CTH Datasheet HTML 3Page - Sirectifier Global Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
http:// www.sirectsemi.com
0
1
3
5
175
AMBIENT TEMPERATURE (ºC)
Figure 1. Forward Current Derating Curve
2
150
125
100
75
50
25
4
NUMBER OF CYCLES AT 60Hz
Figure 2. Maximum Non-repetitive Surge Current
100
50
20
10
5
2
1
0
60
150
90
120
30
8.3ms Single Half-Sine-Wave
(JEDEC METHOD)
0.001
0.01
0.1
1
10
100
20
40
60
80
100
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
Figure 3. Typical Reverse Characteristics
0
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
Figure 4. Typical Forward Characteristics
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0.1
1.0
10
100
REVERSE VOLTAGE, VOLTS
Figure 5. Typical Junction Capacitance
0.1
1
4
10
100
10
100
1000
TJ = 25ºC
f = 1MHz
Sirectifier Global Corp., Delaware, U.S.A.
U.S.A.: sgc@sirectsemi.com
France: ss@sirectsemi.com
Taiwan: se@sirectsemi.com
Hong Kong: hk@sirectsemi.com
China: st@sirectsemi.com Thailand: th@sirectsemi.com
Philippines: aiac@sirectsemi.com Belize: belize@sirectsemi.com
MBR10L200CTH/FCTH


Similar Part No. - MBR10L200CTH

ManufacturerPart #DatasheetDescription
logo
Sirectifier Global Corp...
MBR10L200CT SIRECT-MBR10L200CT Datasheet
133Kb / 3P
   Power Schottky Rectifier - 10Amp 200Volt
More results

Similar Description - MBR10L200CTH

ManufacturerPart #DatasheetDescription
logo
Sirectifier Global Corp...
SB10200FC SIRECT-SB10200FC Datasheet
219Kb / 3P
   Power Schottky Rectifier - 10Amp 200Volt
MBR10B200CTH SIRECT-MBR10B200CTH Datasheet
147Kb / 4P
   Power Schottky Rectifier - 10Amp 200Volt
MBR10200CT SIRECT-MBR10200CT Datasheet
133Kb / 3P
   Power Schottky Rectifier - 10Amp 200Volt
MBR10L200CT SIRECT-MBR10L200CT Datasheet
133Kb / 3P
   Power Schottky Rectifier - 10Amp 200Volt
MBR10100D SIRECT-MBR10100D Datasheet
123Kb / 3P
   Power Schottky Rectifier - 10Amp 100~200Volt
SB1045FC SIRECT-SB1045FC Datasheet
165Kb / 3P
   Power Schottky Rectifier - 10Amp 45~200Volt
SB1045 SIRECT-SB1045 Datasheet
184Kb / 3P
   Power Schottky Rectifier - 10Amp 45~200Volt
MBR20H200CT SIRECT-MBR20H200CT Datasheet
216Kb / 2P
   Power Schottky Rectifier - 20Amp 200Volt
MBR30200CT SIRECT-MBR30200CT Datasheet
147Kb / 4P
   Power Schottky Rectifier - 30Amp 200Volt
logo
Kersemi Electronic Co.,...
MBR30200FCT KERSEMI-MBR30200FCT Datasheet
1Mb / 4P
   Power Schottky Rectifier - 30Amp 200Volt
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com