Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOZ1978 Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AOZ1978
Description  Dual Channel High Voltage LED Driver IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ1978 Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AOZ1978 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ1978 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ1978 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ1978 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ1978 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ1978 Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ1978 Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ1978 Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ1978 Datasheet HTML 9Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Rev. 1.0 January 2012
www.aosmd.com
Page 2 of 2
AOZ1978
Ordering Information
Part Number
Temperature Range
Package
Environmental
AOZ1978AI
-40°C to +85°C
SOIC-20
Green
AOS Green Products use reduced levels of Halogens, and are also RoHS compliant.
Please visit www.aosmd.com/web/quality/rohs_compliant.jsp for additional information.
Pin Configuration
SOIC-20
(Top View)
GATE1
GND
COMP1
OVP1
DBRT1
CS1
FB1
ISET
3
4
5
6
7
8
9
10
VIN
DPWM1
1
2
GATE2
GND
COMP2
OVP2
DBRT2
CS2
FB2
SCP
18
17
16
FLAG
DPWM2
20
19
15
14
13
12
11


Similar Part No. - AOZ1978

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1977 AOSMD-AOZ1977 Datasheet
815Kb / 16P
   High Voltage LED Driver IC
AOZ1977-1 AOSMD-AOZ1977-1 Datasheet
589Kb / 16P
   High Voltage LED Driver IC
More results

Similar Description - AOZ1978

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1977-1 AOSMD-AOZ1977-1 Datasheet
589Kb / 16P
   High Voltage LED Driver IC
AOZ1977 AOSMD-AOZ1977 Datasheet
815Kb / 16P
   High Voltage LED Driver IC
logo
Shanghai Consonance Ele...
CN5502 CONSONANCE-CN5502 Datasheet
349Kb / 9P
   High-Voltage, Linear High-Brightness LED Driver IC
CN5501 CONSONANCE-CN5501 Datasheet
344Kb / 9P
   High-Voltage, Linear High-Brightness LED Driver IC
logo
MagnaChip Semiconductor...
MAP3222 MGCHIP-MAP3222 Datasheet
1Mb / 15P
   Dual Channel High Brightness LED Driver
logo
Richtek Technology Corp...
RT8560 RICHTEK-RT8560 Datasheet
271Kb / 15P
   High Voltage 4 Channel LED Driver
logo
Infineon Technologies A...
BCR430U INFINEON-BCR430U Datasheet
271Kb / 11P
   Low Drop Voltage LED Driver IC
Datasheet 1.0 2017-10-09
logo
Panasonic Semiconductor
AN30888A PANASONIC-AN30888A Datasheet
685Kb / 32P
   High Brightness LED Driver IC
AN30888B PANASONIC-AN30888B Datasheet
631Kb / 31P
   High Brightness LED Driver IC
logo
Supertex, Inc
HV9980 SUTEX-HV9980 Datasheet
1Mb / 10P
   3-Channel LED Array Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com