Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOZ3011PI Datasheet(PDF) 6 Page - Alpha & Omega Semiconductors

Part # AOZ3011PI
Description  EZBuck??3 A Synchronous Buck Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ3011PI Datasheet(HTML) 6 Page - Alpha & Omega Semiconductors

Back Button AOZ3011PI Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ3011PI Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ3011PI Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ3011PI Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ3011PI Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ3011PI Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ3011PI Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ3011PI Datasheet HTML 9Page - Alpha & Omega Semiconductors AOZ3011PI Datasheet HTML 10Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
AOZ3011PI
Rev. 0.6 August 2012
www.aosmd.com
Page 6 of 14
Efficiency
Detailed Description
The AOZ3011PI is a current-mode step down regulator
with an integrated high-side PMOS switch and a low-side
NMOS switch. The AOZ3011PI operates from a 4.5 V to
18 V input voltage range and supplies up to 3 A of load
current. Features include enable control, power-on reset,
input under voltage lockout, output over voltage
protection, external soft-start and thermal shut down.
The AOZ3011PI is available in an exposed pad SO-8
package.
Enable and Soft Start
The AOZ3011PI has an external soft start feature to limit
in-rush current and ensure the output voltage ramps up
smoothly to regulation voltage. The soft start process
begins when the input voltage rises to 4.1 V and voltage
on the EN pin is HIGH. In the soft start process, the
FB voltage is ramped to follow the voltage of the soft start
pin until it reaches 0.8 V. The voltage of the soft-start pin
is charged by an internal 5 µA current.
The EN pin of the AOZ3011PI is active high. Connect the
EN pin to VIN if the enable function is not used. Pulling
EN to ground will disable the AOZ3011PI. Do not leave
EN open. The voltage on the EN pin must be above 2 V
to enable the AOZ3011PI. When the EN pin voltage falls
below 0.6 V, the AOZ3011PI is disabled.
Steady-State Operation
Under heavy load steady-state conditions, the converter
operates in fixed frequency and Continuous-Conduction
Mode (CCM).
The AOZ3011PI integrates an internal P-MOSFET as the
high-side switch. Inductor current is sensed by amplifying
the voltage drop across the drain to source of the high
side power MOSFET. Output voltage is divided down by
the external voltage divider at the FB pin. The difference
of the FB pin voltage and reference voltage is amplified
by the internal transconductance error amplifier. The
error voltage, which shows on the COMP pin, is
compared against the current signal, which is the sum of
inductor current signal and ramp compensation signal, at
the PWM comparator input. If the current signal is less
than the error voltage, the internal high-side switch is on.
The inductor current flows from the input through the
inductor to the output. When the current signal exceeds
the error voltage, the high-side switch is off. The inductor
current is freewheeling through the internal low-side
N-MOSFET switch to output. The internal adaptive FET
driver guarantees no turn on overlap of both the
high-side and the low-side switch.
Efficiency (VIN = 12V, L = 4.7µH) vs. Load Current
100
95
90
85
80
75
70
65
60
55
50
0
0.5
1.0
1.5
2.0
2.5
3.0
Load Current (A)
5V OUTPUT
3.3V OUTPUT
1.8V OUTPUT
1.2V OUTPUT


Similar Part No. - AOZ3011PI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ3010PI AOSMD-AOZ3010PI Datasheet
664Kb / 14P
   EZBuck??2 A Synchronous Buck Regulator
AOZ3013PI AOSMD-AOZ3013PI Datasheet
88Kb / 5P
   Plastic Encapsulated Device
AOZ3015AI AOSMD-AOZ3015AI Datasheet
1Mb / 14P
   EZBuck??3 A Synchronous Buck Regulator
AOZ3015PI AOSMD-AOZ3015PI Datasheet
567Kb / 13P
   EZBuck??3 A Synchronous Buck Regulator
AOZ3017 AOSMD-AOZ3017 Datasheet
789Kb / 14P
   EZBuck??4 A Synchronous Buck Regulator
More results

Similar Description - AOZ3011PI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ3015PI AOSMD-AOZ3015PI Datasheet
567Kb / 13P
   EZBuck??3 A Synchronous Buck Regulator
AOZ1051PI AOSMD-AOZ1051PI Datasheet
635Kb / 14P
   EZBuck??3 A Synchronous Buck Regulator
AOZ3024PI AOSMD-AOZ3024PI Datasheet
550Kb / 14P
   EZBuck??3 A Synchronous Buck Regulator
AOZ3015AI AOSMD-AOZ3015AI Datasheet
1Mb / 14P
   EZBuck??3 A Synchronous Buck Regulator
AOZ3048PI AOSMD-AOZ3048PI Datasheet
1Mb / 14P
   EZBuck 5 A Synchronous Buck Regulator
AOZ1038 AOSMD-AOZ1038 Datasheet
544Kb / 14P
   EZBuck??6 A Synchronous Buck Regulator
AOZ1039DI AOSMD-AOZ1039DI Datasheet
626Kb / 13P
   EZBuck??8 A Synchronous Buck Regulator
AOZ1050PI AOSMD-AOZ1050PI Datasheet
607Kb / 14P
   EZBuck??2 A Synchronous Buck Regulator
AOZ3017 AOSMD-AOZ3017 Datasheet
789Kb / 14P
   EZBuck??4 A Synchronous Buck Regulator
AOZ3046PI AOSMD-AOZ3046PI Datasheet
716Kb / 14P
   EZBuck 4 A Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com