Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR10X150CTH Datasheet(PDF) 2 Page - Sirectifier Global Corp.

Part # MBR10X150CTH
Description  Power Schottky Rectifier - 10Amp 150Volt
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECT [Sirectifier Global Corp.]
Direct Link  http://www.sirectsemi.com
Logo SIRECT - Sirectifier Global Corp.

MBR10X150CTH Datasheet(HTML) 2 Page - Sirectifier Global Corp.

  MBR10X150CTH Datasheet HTML 1Page - Sirectifier Global Corp. MBR10X150CTH Datasheet HTML 2Page - Sirectifier Global Corp. MBR10X150CTH Datasheet HTML 3Page - Sirectifier Global Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
http:// www.sirectsemi.com
0
1
3
5
175
AMBIENT TEMPERATURE (ºC)
Figure 1. Forward Current Derating Curve
2
150
125
100
75
50
25
4
NUMBER OF CYCLES AT 60Hz
Figure 2. Maximum Non-repetitive Surge Current
100
50
20
10
5
2
1
0
60
150
90
120
30
8.3ms Single Half-Sine-Wave
(JEDEC METHOD)
0.01
0.1
1
10
100
1000
20
40
60
80
100
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
Figure 3. Typical Reverse Characteristics
0
TJ =25ºC
TJ =125ºC
TJ =75ºC
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
Figure 4. Typical Forward Characteristics
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0.1
1.0
10
100
TJ = 25ºC
TJ =75ºC
TJ = 125ºC
REVERSE VOLTAGE, VOLTS
Figure 5. Typical Junction Capacitance
0.1
1
10
100
100
1000
10000
TJ = 25ºC
f = 1MHz
Sirectifier Global Corp., Delaware, U.S.A.
U.S.A.: sgc@sirectsemi.com
France: ss@sirectsemi.com
Taiwan: se@sirectsemi.com
Hong Kong: hk@sirectsemi.com
China: st@sirectsemi.com Thailand: th@sirectsemi.com
Philippines: aiac@sirectsemi.com Belize: belize@sirectsemi.com
MBR10X150CTH/FCTH


Similar Part No. - MBR10X150CTH

ManufacturerPart #DatasheetDescription
logo
Sirectifier Global Corp...
MBR10X100CTH SIRECT-MBR10X100CTH Datasheet
137Kb / 3P
   Power Schottky Rectifier - 10Amp 100Volt
More results

Similar Description - MBR10X150CTH

ManufacturerPart #DatasheetDescription
logo
Sirectifier Global Corp...
MBR10B150CTH SIRECT-MBR10B150CTH Datasheet
145Kb / 4P
   Power Schottky Rectifier - 10Amp 150Volt
SB10150FC SIRECT-SB10150FC Datasheet
178Kb / 3P
   Power Schottky Rectifier - 10Amp 150Volt
MBR10U150CTH SIRECT-MBR10U150CTH Datasheet
145Kb / 4P
   Power Schottky Rectifier - 10Amp 150Volt
MBR10150C SIRECT-MBR10150C Datasheet
132Kb / 3P
   Power Schottky Rectifier - 10Amp 150Volt
MBR10150CT SIRECT-MBR10150CT Datasheet
145Kb / 4P
   Power Schottky Rectifier - 10Amp 150Volt
MBR20U150CTH SIRECT-MBR20U150CTH Datasheet
144Kb / 4P
   Power Schottky Rectifier - 20Amp 150Volt
MBR30B150CTH SIRECT-MBR30B150CTH Datasheet
146Kb / 3P
   Power Schottky Rectifier - 30Amp 150Volt
MBR20B150CTH SIRECT-MBR20B150CTH Datasheet
145Kb / 4P
   Power Schottky Rectifier - 20Amp 150Volt
MBR30150CT SIRECT-MBR30150CT Datasheet
147Kb / 4P
   Power Schottky Rectifier - 30Amp 150Volt
MBR20L150CT SIRECT-MBR20L150CT Datasheet
189Kb / 3P
   Power Schottky Rectifier - 20Amp 150Volt
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com