Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR20BS100FCTH Datasheet(PDF) 2 Page - Sirectifier Global Corp.

Part # MBR20BS100FCTH
Description  Power Schottky Rectifier - 20Amp 100Volt
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECT [Sirectifier Global Corp.]
Direct Link  http://www.sirectsemi.com
Logo SIRECT - Sirectifier Global Corp.

MBR20BS100FCTH Datasheet(HTML) 2 Page - Sirectifier Global Corp.

  MBR20BS100FCTH Datasheet HTML 1Page - Sirectifier Global Corp. MBR20BS100FCTH Datasheet HTML 2Page - Sirectifier Global Corp. MBR20BS100FCTH Datasheet HTML 3Page - Sirectifier Global Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
http:// www.sirectsemi.com
0
2
6
10
175
AMBIENT TEMPERATURE (ºC)
Figure 1. Forward Current Derating Curve
4
150
125
100
75
50
25
8
NUMBER OF CYCLES AT 60Hz
Figure 2. Maximum Non-repetitive Surge Current
100
50
20
10
5
2
1
0
60
150
90
120
30
8.3ms Single Half-Sine-Wave
(JEDEC METHOD)
0.001
0.01
0.1
1
10
100
20
40
60
80
100
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
Figure 3. Typical Reverse Characteristics
0
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
Figure 4. Typical Forward Characteristics
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0.1
1.0
10
100
REVERSE VOLTAGE, VOLTS
Figure 5. Typical Junction Capacitance
0.1
1
4
10
100
10
100
1000
TJ = 25ºC
f = 1MHz
Sirectifier Global Corp., Delaware, U.S.A.
U.S.A.: sgc@sirectsemi.com
France: ss@sirectsemi.com
Taiwan: se@sirectsemi.com
Hong Kong: hk@sirectsemi.com
China: st@sirectsemi.com Thailand: th@sirectsemi.com
Philippines: aiac@sirectsemi.com Belize: belize@sirectsemi.com
MBR20BS100CTH/FCTH


Similar Part No. - MBR20BS100FCTH

ManufacturerPart #DatasheetDescription
logo
Sirectifier Global Corp...
MBR20B100CTH SIRECT-MBR20B100CTH Datasheet
145Kb / 4P
   Power Schottky Rectifier - 20Amp 100Volt
MBR20B120CTH SIRECT-MBR20B120CTH Datasheet
132Kb / 3P
   Power Schottky Rectifier - 20Amp 120Volt
MBR20B150CGH SIRECT-MBR20B150CGH Datasheet
145Kb / 4P
   Power Schottky Rectifier - 20Amp 150Volt
MBR20B150CRH SIRECT-MBR20B150CRH Datasheet
145Kb / 4P
   Power Schottky Rectifier - 20Amp 150Volt
MBR20B150CTH SIRECT-MBR20B150CTH Datasheet
145Kb / 4P
   Power Schottky Rectifier - 20Amp 150Volt
More results

Similar Description - MBR20BS100FCTH

ManufacturerPart #DatasheetDescription
logo
Sirectifier Global Corp...
MBR20U100CTH SIRECT-MBR20U100CTH Datasheet
180Kb / 2P
   Power Schottky Rectifier - 20Amp 100Volt
MBR20HL100CT SIRECT-MBR20HL100CT Datasheet
180Kb / 2P
   Power Schottky Rectifier - 20Amp 100Volt
MBR20B100CTH SIRECT-MBR20B100CTH Datasheet
145Kb / 4P
   Power Schottky Rectifier - 20Amp 100Volt
MBR20U100CTH SIRECT-MBR20U100CTH Datasheet
145Kb / 4P
   Power Schottky Rectifier - 20Amp 100Volt
MBR20U100FCTH SIRECT-MBR20U100FCTH Datasheet
180Kb / 2P
   Power Schottky Rectifier - 20Amp 100Volt
MBR20D100CTH SIRECT-MBR20D100CTH Datasheet
138Kb / 3P
   Power Schottky Rectifier - 20Amp 100Volt
MBR20X100CTH SIRECT-MBR20X100CTH Datasheet
137Kb / 3P
   Power Schottky Rectifier - 20Amp 100Volt
MBR20100FCT SIRECT-MBR20100FCT Datasheet
180Kb / 2P
   Power Schottky Rectifier - 20Amp 100Volt
MBR20A100CTH SIRECT-MBR20A100CTH Datasheet
147Kb / 4P
   Power Schottky Rectifier - 20Amp 100Volt
MBR20C100CTH SIRECT-MBR20C100CTH Datasheet
134Kb / 3P
   Power Schottky Rectifier - 20Amp 100Volt
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com