Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADN2841 Datasheet(PDF) 4 Page - Analog Devices

Part # ADN2841
Description  Dual-Loop 50 Mbps.2.7 Gbps Laser Diode Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2841 Datasheet(HTML) 4 Page - Analog Devices

  ADN2841 Datasheet HTML 1Page - Analog Devices ADN2841 Datasheet HTML 2Page - Analog Devices ADN2841 Datasheet HTML 3Page - Analog Devices ADN2841 Datasheet HTML 4Page - Analog Devices ADN2841 Datasheet HTML 5Page - Analog Devices ADN2841 Datasheet HTML 6Page - Analog Devices ADN2841 Datasheet HTML 7Page - Analog Devices ADN2841 Datasheet HTML 8Page - Analog Devices ADN2841 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
REV. 0
ADN2841
–4–
PIN FUNCTION DESCRIPTIONS
Pin No.
48-Lead
32-Lead
Mnemonic
Function
1
GND
Supply Ground
2
1
LBWSET
Select Low Loop Bandwidth (Active = VCC)
3
2
ASET
Alarm Current Threshold Setting Pin
4
3
ERSET
Extinction Ratio Set Pin
5
4
PSET
Average Optical Power Set Pin
6
GND
Ground
7
5
IMPD
Monitor Photodiode Input
8
6
IMPDMON
Mirrored Current from Monitor Photodiode
9
IMPDMON2
Mirrored Current from Monitor Photodiode 2 (for use with two MPDs)
10
IMPD2
Monitor Photodiode Input 2– (for use with two MPDs)
11
7
GND4
Supply Ground
12
8
VCC4
Supply Voltage
13
9
ERCAP
Extinction Ratio Loop Capacitor
14
10
PAVCAP
Average Power Loop Capacitor
15
GND
Ground
16
11
VCC1
Supply Voltage
17
GND1
Supply Ground
18
12
DATAN
Data, Negative Differential Terminal
19
13
DATAP
Data, Positive Differential Terminal
20
14
GND1
Supply Ground
21
15
CLKP
Data Clock Positive Differential Terminal, used if CLKSEL = VCC
22
16
CLKN
Data Clock Negative Differential Terminal, used if CLKSEL = VCC
23
GND
Ground
24
GND
Ground
25
GND
Ground
26
17
CLKSEL
Clock Select (Active = VCC), used if data is clocked into chip
27
18
DEGRADE
DEGRADE Alarm Output
28
19
FAIL
FAIL Alarm Output
29
20
ALS
Automatic Laser Shutdown
30
21
VCC3
Supply Voltage
31
22
GND3
Supply Ground
32
23
IMMON
Modulation Current Mirror Output
33
24
IBMON
Bias Current Mirror Output
34
GND2
Supply Ground
35
IDTONE
IDTONE (Requires external current sink to ground)
36
GND2
Supply Ground
PIN CONFIGURATIONS
48-Lead LFCSP
PIN 1
INDICATOR
ADN2841
TOP VIEW
(Not to Scale)
GND2 37
VCC2 38
IMODN 39
IMODN 40
GND2 41
IMODP 42
IMODP 43
GND2 44
GND2 45
IBIAS 46
IBIAS 47
CCBIAS 48
24 GND
23 GND
22 CLKN
21 CLKP
20 GND1
19 DATAP
18 DATAN
17 GND1
16 VCC1
15 GND
14 PAVCAP
13 ERCAP
32-Lead LFCSP
PIN 1
INDICATOR
TOP VIEW
(Not to Scale)
LBWSET 1
ASET 2
ERSET 3
PSET 4
IMPD 5
IMPDMON 6
GND4 7
VCC4 8
ADN2841
24 IBMON
23 IMMON
22 GND3
21 VCC3
20 ALS
19 FAIL
18 DEGRADE
17 CLKSEL


Similar Part No. - ADN2841

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2841 AD-ADN2841_15 Datasheet
346Kb / 16P
   Dual-Loop, 50 Mbps to 2.7 Gbps Laser Diode Driver
REV. B
More results

Similar Description - ADN2841

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2841 AD-ADN2841_15 Datasheet
346Kb / 16P
   Dual-Loop, 50 Mbps to 2.7 Gbps Laser Diode Driver
REV. B
ADN2870 AD-ADN2870 Datasheet
764Kb / 20P
   3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. 0
ADN2847 AD-ADN2847 Datasheet
1Mb / 12P
   3 V Dual-Loop 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. 0
ADN2848 AD-ADN2848 Datasheet
254Kb / 12P
   3 V Dual-Loop 50 Mbps to 1.25 Gbps Laser Diode Driver
REV. 0
ADN2870 AD-ADN2870_15 Datasheet
705Kb / 20P
   3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. A
ADN2872 AD-ADN2872 Datasheet
588Kb / 20P
   3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. 0
ADN2847 AD-ADN2847_15 Datasheet
502Kb / 16P
   3.3 V Dual-Loop 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. B
ADN2848 AD-ADN2848_15 Datasheet
347Kb / 12P
   3.3 V Dual-Loop 50 Mbps to 1.25 Gbps Laser Diode Driver
REV. B
ADN2871 AD-ADN2871_15 Datasheet
768Kb / 20P
   3.3 V, 50 Mbps to 4.25 Gbps, Single-Loop, Laser Diode Driver
REV. A
ADN2873 AD-ADN2873 Datasheet
625Kb / 20P
   3.3 V, 50 Mbps to 4.25 Gbps, Single-Loop, Laser Diode Driver
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com