Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOZ5007 Datasheet(PDF) 4 Page - Alpha & Omega Semiconductors

Part # AOZ5007
Description  High-Current, High-Performance DrMOS Power Module
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ5007 Datasheet(HTML) 4 Page - Alpha & Omega Semiconductors

  AOZ5007 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ5007 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ5007 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ5007 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ5007 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ5007 Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ5007 Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ5007 Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ5007 Datasheet HTML 9Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AOZ5007
Rev. 1.1 October 2011
www.aosmd.com
Page 4 of 16
Absolute Maximum Ratings
Exceeding the Absolute Maximum ratings may damage the
device.
Notes:
1. Peak voltages can be applied for 100 nS per switching cycle.
2. Devices are inherently ESD sensitive, handling precautions are
required. Human body model rating: 1.5 k
 in series with 100 pF.
3 JEDEC Class II pulse conditions and failure criterion used. Level B
exceptions are using a negative pulse limited to -0.5 V on THDN.
Recommended Operating Conditions
The device is not guaranteed to operate beyond the Maximum
Recommended Operating Conditions.
Electrical Characteristics(4)
TA = 25°C, VIN = 12V, VDRV = VCIN = 5 V unless otherwise specified.
Parameter
Rating
Supply Voltage (VIN)
-0.3 V to 30 V
Switch Node Voltage (VSWH)
-0.3 V to 30 V
Bootstrap Voltage (VBOOT)
-0.3 V to 30 V
VBOOT Voltage Transient (1)
40 V
Supply and Gate Drive Voltages:
{VCIN, VDRV, (VBOOT – VSWH),
THDN(3)}
-0.3 V to 7 V
Control Inputs
(PWM, SMOD, DISB)
-0.3 V to VCIN+0.3 V
Storage Temperature (TS)
-40 °C to +150 °C
Junction Temperature (TJ)
-40 °C to +150 °C
ESD Rating(2)
2 kV
Parameter
Rating
Supply Voltage (VIN)
4.5 V to 25 V
Supply and Gate Drive Voltages
{VCIN, VDRV, (VBOOT – VSWH)}
4.5 V to 5.5 V
Control Inputs
(PWM, SMOD, DISB)
0 V to VCIN – 0.3 V
Operating Frequency
200 kHz to 1.5 MHz
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VIN
Operating Voltage
4.5
25
V
VCIN
VDRV Tied to VCIN
4.5
5.5
V
RJC
(5)
Thermal Resistance
PCB Temp = 100 °C
3
°C / W
RJA
(5)
AOS Evaluation Board
10
°C / W
INPUT SUPPLY AND UVLO
VCINON
Undervoltage Lockout
VCIN Rising
3.5
3.9
V
VCINHYST
550
mV
IVCIN
Control Circuit Bias Current
DISB = 0, VCIN = 5 V
50
75
A
DISB = High, VPWM = Open
350
500
A
DISB = High, VPWM = 0 V
650
A
IVDRV
Drive Circuit Operating
Current
DISB = High, VPWM = 300 kHz @ 50%
25
mA
DISB = High, VPWM = 1 MHz @ 50%
60
mA
PWM INPUT (AOZ5007QI)
VPWMH
PWM Input High Threshold
VPWM Rising, VCIN = 5 V
3.6
3.9
4.1
V
VPWML
PWM Input Low Threshold
VPWM Falling, VCIN = 5 V
0.8
1.0
1.2
V
IPWM
PWM Pin Input Current
Source or Sink, VPWM = 0 V to 5 V
±250
A
VTRIH
PWM Input Tri State
Threshold
VPWM Rising, VCIN = 5 V
1.0
1.3
1.6
V
VTRIL
VPWM Falling, VCIN = 5 V
3.4
3.7
4.0
V
VTRRH
Tri State Threshold
Hysteresis
VPWM Rising, VCIN = 5 V
280
mV
VTRFH
VPWM Falling, VCIN = 5 V
170
mV


Similar Part No. - AOZ5007

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ5007AQI AOSMD-AOZ5007AQI Datasheet
982Kb / 15P
   High-Current, High-Performance DrMOS Power Module
Rev. 1.3 August 2022
More results

Similar Description - AOZ5007

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW8706 ANPEC-APW8706 Datasheet
360Kb / 19P
   High-Performance, High-Current DrMOS Power Module
APW8707A ANPEC-APW8707A Datasheet
331Kb / 19P
   High-Performance, High-Current DrMOS Power Module
APW8703 ANPEC-APW8703 Datasheet
313Kb / 18P
   High-Performance, High-Current DrMOS Power Module
logo
Alpha & Omega Semicondu...
AOZ5612BQI AOSMD-AOZ5612BQI Datasheet
2Mb / 17P
   High-Current, High-Performance DrMOS Power Module
Rev. 1.1 May 2021
AOZ5019 AOSMD-AOZ5019 Datasheet
616Kb / 13P
   High-Current, High-Performance DrMOS Power Module
logo
Anpec Electronics Corop...
APW8703 ANPEC-APW8703_17 Datasheet
361Kb / 19P
   High-Performance, High-Current DrMOS Power Module
logo
Alpha & Omega Semicondu...
AOZ5007AQI AOSMD-AOZ5007AQI Datasheet
982Kb / 15P
   High-Current, High-Performance DrMOS Power Module
Rev. 1.3 August 2022
AOZ5316UQI AOSMD-AOZ5316UQI Datasheet
1Mb / 17P
   High-Current, High-Performance DrMOS Power Module
Rev. 1.0 June 2020
AOZ5018QI AOSMD-AOZ5018QI Datasheet
1Mb / 16P
   High-Current, High-Performance DrMOS Power Module
Rev. 1.0 December 2021
AOZ5516QI-02 AOSMD-AOZ5516QI-02 Datasheet
2Mb / 17P
   High-Current, High-Performance DrMOS Power Module
Rev. 2.0 May 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com