Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOZ8001A Datasheet(PDF) 4 Page - Alpha & Omega Semiconductors

Part # AOZ8001A
Description  Ultra-Low Capacitance TVS Diode Array
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ8001A Datasheet(HTML) 4 Page - Alpha & Omega Semiconductors

  AOZ8001A Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ8001A Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ8001A Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ8001A Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ8001A Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ8001A Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ8001A Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ8001A Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ8001A Datasheet HTML 9Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Rev. 3.0 October 2010
www.aosmd.com
Page 4 of 10
AOZ8001A
Typical Performance Characteristics
Typical Variation of CIN vs VR
(VP = 3.3V, f = 1MHz, T = 25 C)
Input Voltage (V)
Clamping Voltage vs. Peak Pulse Current
(tperiod = 100ns, tr = 1ns)
(tperiod = 100ns, tr = 1ns)
Peak Pulse Current, IPP (A)
Forward Voltage vs. Forward Current
Forward Current (A)
I/O – Gnd Insertion Loss (S21) vs. Frequency
Frequency (MHz)
I/O – I/O Insertion Loss (S21) vs. Frequency
Frequency (MHz)
Crosstalk (I/O–I/O) vs. Frequency
Frequency (MHz)
-25
-20
-15
-10
-5
0
5
1
10
100
1000
1000
-25
-20
-15
-10
-5
0
5
1
10
100
1000
1000
-120
-100
-80
-60
-40
-20
0
110
100
1000
10000
o
0
5
10
15
0
2
4
6
0
2
4
6
8
101214
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0123
456
789
10
12V
5V
0
2
4
6
8
10
12
14
16
18
20
5V
12V


Similar Part No. - AOZ8001A

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ8001DI AOSMD-AOZ8001DI Datasheet
412Kb / 10P
   Ultra-Low Capacitance TVS Diode Array
AOZ8001JI AOSMD-AOZ8001JI Datasheet
89Kb / 4P
   Plastic Encapsulated Device
AOZ8001K AOSMD-AOZ8001K Datasheet
462Kb / 10P
   Ultra-Low Capacitance TVS Diode Array
AOZ8001KI AOSMD-AOZ8001KI Datasheet
462Kb / 10P
   Ultra-Low Capacitance TVS Diode Array
AOZ8001KIL AOSMD-AOZ8001KIL Datasheet
34Kb / 4P
   Plastic Encapsulated Device
More results

Similar Description - AOZ8001A

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
ULC3324P10 LEIDITECH-ULC3324P10 Datasheet
542Kb / 4P
   ULTRA LOW CAPACITANCE TVS DIODE ARRAY
ULC08DT3 LEIDITECH-ULC08DT3 Datasheet
133Kb / 3P
   ULTRA LOW CAPACITANCE TVS DIODE ARRAY
ULC12TN LEIDITECH-ULC12TN Datasheet
1Mb / 3P
   ULTRA LOW CAPACITANCE TVS DIODE ARRAY
ULC24CTN LEIDITECH-ULC24CTN Datasheet
1Mb / 3P
   ULTRA LOW CAPACITANCE TVS DIODE ARRAY
logo
Alpha & Omega Semicondu...
AOZ8300 AOSMD-AOZ8300 Datasheet
184Kb / 7P
   Ultra-Low Capacitance TVS Diode Array
logo
HUAYI MICROELECTRONICS ...
HYE0505F HUAYI-HYE0505F Datasheet
1Mb / 5P
   Ultra-Low Capacitance TVS Diode Array
logo
Alpha & Omega Semicondu...
AOZ8005FI AOSMD-AOZ8005FI Datasheet
646Kb / 14P
   Ultra-Low Capacitance TVS Diode Array
AOZ8802A AOSMD-AOZ8802A Datasheet
365Kb / 9P
   Ultra-Low Capacitance TVS Diode Array
logo
Shanghai Leiditech Elec...
ULC15DT3 LEIDITECH-ULC15DT3 Datasheet
588Kb / 6P
   Ultra Low Capacitance TVS Diode Array
ULC0804P10 LEIDITECH-ULC0804P10 Datasheet
420Kb / 3P
   ULTRA LOW CAPACITANCE TVS DIODE ARRAY
ULC0542P3 LEIDITECH-ULC0542P3 Datasheet
703Kb / 5P
   ULTRA LOW CAPACITANCE TVS DIODE ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com