Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP1073 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP1073
Description  Micropower DC.DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1073 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP1073 Datasheet HTML 6Page - Analog Devices ADP1073 Datasheet HTML 7Page - Analog Devices ADP1073 Datasheet HTML 8Page - Analog Devices ADP1073 Datasheet HTML 9Page - Analog Devices ADP1073 Datasheet HTML 10Page - Analog Devices ADP1073 Datasheet HTML 11Page - Analog Devices ADP1073 Datasheet HTML 12Page - Analog Devices ADP1073 Datasheet HTML 13Page - Analog Devices ADP1073 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADP1073
–10–
REV. 0
VOUT = 212 mV × 1+
R1
R2


The design criteria for the step-down application also apply to
the positive-to-negative converter. The output voltage should be
limited to |6.2 V| and D1 must be a Schottky diode to prevent
excessive power dissipation in the ADP1073.
Negative-to-Positive Conversion
The circuit of Figure 18 converts a negative input voltage to a
positive output voltage. Operation of this circuit configuration is
similar to the step-up topology of Figure 16, except that the cur-
rent through feedback resistor R1 is level-shifted below ground
by a PNP transistor. The voltage across R1 is (VOUT – VBE(Q1)).
However, diode D2 level-shifts the base of Q1 about 0.6 V below
ground, thereby cancelling the VBE of Q1. The addition of D2
also reduces the circuit’s output voltage sensitivity to tempera-
ture, which would otherwise be dominated by the –2 mV/
°C V
BE
contribution of Q1. The output voltage for this circuit is deter-
mined by the formula:
VOUT = 212 mV × 1+
R1
R2


Unlike the positive step-up converter, the negative-to-positive
converter’s output voltage can be either higher or lower than the
input voltage.
D1
1N5818
ILIM
VIN
SW1
FB
SW2
GND
ADP1073
L1
D2
1N4148
C2
RLIM
R1
CL
Q1
2N3906
AO
SET
NC
NC
R2
10k
POSITIVE
OUTPUT
NEGATIVE
INPUT
Figure 18. A Negative-to-Positive Converter
Limiting the Switch Current
The ADP1073’s RLIM pin permits the switch current to be lim-
ited with a single resistor. This current limiting action occurs on
a pulse by pulse basis. This feature allows the input voltage to
vary over a wide range without saturating the inductor or ex-
ceeding the maximum switch rating. For example, a particular
design may require peak switch current of 800 mA with a 2.0 V
input. If VIN rises to 4 V, however, the switch current will exceed
1.6 A. The ADP1073 limits switch current to 1.5 A and thereby
protects the switch, but the output ripple will increase. Selecting
the proper resistor will limit the switch current to 800 mA, even
if VIN increases. The relationship between RLIM and maximum
switch current is shown in Figure 4.
The ILIM feature is also valuable for controlling inductor current
when the ADP1073 goes into continuous conduction mode. This
occurs in the step-up mode when the following condition is met:
VOUT +V DIODE
V IN –VSW
<
1
1– DC
where DC is the ADP1073’s duty cycle.
When this relationship exists, the inductor current does not go
all the way to zero during the time that the switch is OFF. When
the switch turns on for the next cycle, the inductor current
begins to ramp up from the residual level. If the switch ON time
remains constant, the inductor current will increase to a high
level (see Figure 19). This increases output ripple and can
require a larger inductor and capacitor. By controlling switch
current with the ILIM resistor, output ripple current can be main-
tained at the design values. Figure 20 illustrates the action of the
ILIM circuit.
Figure 19. (ILIM Operation, RLIM = 0 Ω)
Figure 20. (ILIM Operation, RLIM = 240 Ω)
The internal structure of the ILIM circuit is shown in Figure 21.
Q1 is the ADP1073’s internal power switch, which is paralleled
by sense transistor Q2. The relative sizes of Q1 and Q2 are
scaled so that IQ2 is 0.5% of IQ1. Current flows to Q2 through an
internal 80
Ω resistor and through the R
LIM resistor. These two
resistors parallel the base-emitter junction of the oscillator-
disable transistor, Q3. When the voltage across R1 and RLIM
exceeds 0.6 V, Q3 turns on and terminates the output pulse. If
only the 80
Ω internal resistor is used (i.e., the I
LIM pin is con-
nected directly to VIN), the maximum switch current will be
1.5 A. Figure 4 gives RLIM values for lower current-limit values.
The delay through the current limiting circuit is approximately
2
µs. If the switch ON time is reduced to less than 5 µs, accu-
racy of the current trip point is reduced. Attempting to program
a switch ON time of 2
µs or less will produce spurious responses
in the switch ON time. However, the ADP1073 will still provide
a properly regulated output voltage.


Similar Part No. - ADP1073

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1073 AD-ADP1073 Datasheet
44Kb / 2P
   Micropower DC-DC Converter Adjustable and Fixed 5 V, 12 V
REV. 0
ADP1073 AD-ADP1073_15 Datasheet
44Kb / 2P
   Micropower DC-DC Converter Adjustable and Fixed 5 V, 12 V
REV. 0
More results

Similar Description - ADP1073

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1108 AD-ADP1108 Datasheet
234Kb / 12P
   Micropower DC-DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
ADP1108 AD-ADP1108_15 Datasheet
241Kb / 12P
    Micropower, DC-DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
ADP1073 AD-ADP1073_15 Datasheet
44Kb / 2P
   Micropower DC-DC Converter Adjustable and Fixed 5 V, 12 V
REV. 0
ADP1109A AD-ADP1109A Datasheet
143Kb / 8P
   Micropower Low Cost Fixed 3.3 V, 5 V, 12 V and Adjustable DC-to-DC Converter
REV. 0
ADP1109 AD-ADP1109 Datasheet
131Kb / 8P
   Micropower Low Cost Fixed 3.3 V, 5 V, 12 V and Adjustable DC-to-DC Converter
REV. 0
ADP1109A AD-ADP1109A_15 Datasheet
151Kb / 8P
   Micropower Low Cost Fixed 3.3 V, 5 V, 12 V and Adjustable DC-to-DC Converter
REV. 0
ADP1111 AD-ADP1111 Datasheet
406Kb / 16P
   Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
ADP1110 AD-ADP1110 Datasheet
418Kb / 16P
   Micropower, Step-Up/Step-Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
ADP1111 AD-ADP1111_09 Datasheet
322Kb / 15P
   Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. A
ADP1111ANZ AD-ADP1111ANZ Datasheet
322Kb / 15P
   Micropower, Step-Up/Step-Down SW lator; Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com