Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP1073 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP1073
Description  Micropower DC.DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1073 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP1073 Datasheet HTML 7Page - Analog Devices ADP1073 Datasheet HTML 8Page - Analog Devices ADP1073 Datasheet HTML 9Page - Analog Devices ADP1073 Datasheet HTML 10Page - Analog Devices ADP1073 Datasheet HTML 11Page - Analog Devices ADP1073 Datasheet HTML 12Page - Analog Devices ADP1073 Datasheet HTML 13Page - Analog Devices ADP1073 Datasheet HTML 14Page - Analog Devices ADP1073 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ADP1073
–11–
REV. 0
OSCILLATOR
VIN
SW2
SW1
RLIM
(EXTERNAL)
DRIVER
ILIM
Q1
ADP1073
Q2
Q3
R1
80
(INTERNAL)
Figure 21. Current Limit Operation
Programming the Gain Block
The gain block of the ADP1073 can be used as a low battery
detector, error amplifier or linear post regulator. The gain block
consists of an op amp with PNP inputs and an open-collector
NPN output. The inverting input is internally connected to the
ADP1073’s 212 mV reference, while the noninverting input is
available at the SET pin. The NPN output transistor will sink
about 100
µA.
Figure 22a shows the gain block configured as a low-battery
monitor. Resistors R1 and R2 should be set to high values to
reduce quiescent current, but not so high that bias current in
the SET input causes large errors. A value of 100 k
Ω for R2 is a
good compromise. The value for R1 is then calculated from the
formula:
R1
=
V LOBATT − 212 mV
212 mV
R2
where VLOBATT is the desired low battery trip point. Since the
gain block output is an open-collector NPN, a pull-up resistor
should be connected to the positive logic power supply.
VIN
+5V
GND
ADP1073
R1
AO
SET
R2
100k
TO
PROCESSOR
212mV
REF
VBAT
R1 = R2
(
–1
)
VLB
212mV
VLB = BATTERY TRIP POINT
Figure 22a. Setting the Low Battery Detector Trip Point
VIN
+5V
GND
ADP1073
R1
AO
SET
R2
33k
47k
TO
PROCESSOR
212mV
REF
VBAT
R3
1.6M
Figure 22b. Adding Hysteresis to the Low Battery Detector
The circuit of Figure 22a may produce multiple pulses when
approaching the trip point, due to noise coupled into the SET
input. To prevent multiple interrupts to the digital logic, hyster-
esis can be added to the circuit (Figure 22b). Resistor R
HYS, with
a value of 1 M
Ω to 10 MΩ, provides the hysteresis. The addi-
tion of R
HYS will change the trip point slightly, so the new value
for R1 will be:
R1
=
V LOBATT – 212 mV
212 mV
R2


V L – 212 mV
RL + RHYS


where VL is the logic power supply voltage, RL is the pull-up
resistor and RHYS creates the hysteresis.
The gain block can also be used as a control element to reduce
output ripple. The ADP3000 is normally recommended for low-
ripple applications, but its minimum input voltage is 2 V. The
gain-block technique using the ADP1073 can be useful for step-
up converters operating down to 1 V.
A step-up converter using this technique is shown in Figure 23.
This configuration uses the gain block to sense the output volt-
age and control the comparator. The result is that the compara-
tor hysteresis is reduced by the open loop gain of the gain block.
Output ripple can be reduced to only a few millivolts with this
technique, versus a typical value of 150 mV for a +5 V converter
using just the comparator. For best results, a large output
capacitor (1000
µF or more) should be specified. This tech-
nique can also be used for step-down or inverting applications,
but the ADP3000 is usually a more appropriate choice. See the
ADP3000 data sheet for further details.
D1
ILIM
VIN
SW1
FB
SW2
GND
ADP1073
L1
R1
C1
AO
R2
R3
680k
SET
VBAT
VOUT
VOUT =
(
+1
) (212mV)
R1
R2
Figure 23. Using the Gain Block to Reduce Output Ripple


Similar Part No. - ADP1073

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1073 AD-ADP1073 Datasheet
44Kb / 2P
   Micropower DC-DC Converter Adjustable and Fixed 5 V, 12 V
REV. 0
ADP1073 AD-ADP1073_15 Datasheet
44Kb / 2P
   Micropower DC-DC Converter Adjustable and Fixed 5 V, 12 V
REV. 0
More results

Similar Description - ADP1073

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1108 AD-ADP1108 Datasheet
234Kb / 12P
   Micropower DC-DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
ADP1108 AD-ADP1108_15 Datasheet
241Kb / 12P
    Micropower, DC-DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
ADP1073 AD-ADP1073_15 Datasheet
44Kb / 2P
   Micropower DC-DC Converter Adjustable and Fixed 5 V, 12 V
REV. 0
ADP1109A AD-ADP1109A Datasheet
143Kb / 8P
   Micropower Low Cost Fixed 3.3 V, 5 V, 12 V and Adjustable DC-to-DC Converter
REV. 0
ADP1109 AD-ADP1109 Datasheet
131Kb / 8P
   Micropower Low Cost Fixed 3.3 V, 5 V, 12 V and Adjustable DC-to-DC Converter
REV. 0
ADP1109A AD-ADP1109A_15 Datasheet
151Kb / 8P
   Micropower Low Cost Fixed 3.3 V, 5 V, 12 V and Adjustable DC-to-DC Converter
REV. 0
ADP1111 AD-ADP1111 Datasheet
406Kb / 16P
   Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
ADP1110 AD-ADP1110 Datasheet
418Kb / 16P
   Micropower, Step-Up/Step-Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
ADP1111 AD-ADP1111_09 Datasheet
322Kb / 15P
   Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. A
ADP1111ANZ AD-ADP1111ANZ Datasheet
322Kb / 15P
   Micropower, Step-Up/Step-Down SW lator; Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com