Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOZ8002 Datasheet(PDF) 3 Page - Alpha & Omega Semiconductors

Part # AOZ8002
Description  Ultra-Low Capacitance TVS Diode Array
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ8002 Datasheet(HTML) 3 Page - Alpha & Omega Semiconductors

  AOZ8002 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ8002 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ8002 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ8002 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ8002 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ8002 Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ8002 Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ8002 Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ8002 Datasheet HTML 9Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
AOZ8002
Rev. 1.7 July 2009
www.aosmd.com
Page 3 of 9
Electrical Characteristics
TA = 25°C unless otherwise specified. Specifications in BOLD indicate a temperature range of -40°C to +85°C.
Notes:
3. These specifications are guaranteed by design.
4. The working peak reverse voltage, VRWM, should be equal to or greater than the DC or continuous peak operating voltage level.
5. VBR is measured at the pulse test current IT.
6. Measurements performed with no external capacitor on VP (pin 5 floating).
7. Measurements performed with VP biased to 3.3 Volts (pin 5 @ 3.3V).
8. Measurements performed using a 100ns Transmission Line Pulse (TLP) system.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VRWM
Reverse Working Voltage
Between pin 5 and 2(4)
5.5
V
VBR
Reverse Breakdown Voltage
IT = 1mA, between pins 5 and 2(5)
6.6
V
IR
Reverse Leakage Current
VRWM = 5V, between pins 5 and 2
1.0
µA
VF
Diode Forward Voltage
IF = 15mA
0.70
0.85
1
V
VCL
Channel Clamp Voltage
Positive Transients
Negative Transient
IPP = 1A, tp = 100ns, any I/O pin to
Ground(3)(6)(8)
10.00
-2.00
V
V
Channel Clamp Voltage
Positive Transients
Negative Transient
IPP = 5A, tp = 100ns, any I/O pin to
Ground(3)(6)(8)
12.00
-3.00
V
V
Channel Clamp Voltage
Positive Transients
Negative Transient
IPP = 12A, tp = 100ns, any I/O pin to
Ground(3)(6)(8)
14.00
-5.00
V
V
Cj
Junction Capacitance
VR = 0V, f = 1MHz, any I/O pin to Ground(3)(6)
1.85
1.94
pF
VR = 0V, f = 1MHz, between I/O pins(3)(6)
0.9
0.94
pF
VR = 0V, f = 1MHz, any I/O pin to Ground(3)(7)
1.0
1.17
pF
ΔCj
Channel Input Capacitance
Matching
VR = 0V, f = 1MHz, between I/O pins(3)(6)
0.03
pF


Similar Part No. - AOZ8002

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ8000 AOSMD-AOZ8000 Datasheet
544Kb / 15P
   Ultra-Low Capacitance TVS Diode Array
AOZ8000CI AOSMD-AOZ8000CI Datasheet
121Kb / 4P
   Plastic Encapsulated Device
AOZ8000CIL AOSMD-AOZ8000CIL Datasheet
544Kb / 15P
   Ultra-Low Capacitance TVS Diode Array
AOZ8000DIL AOSMD-AOZ8000DIL Datasheet
544Kb / 15P
   Ultra-Low Capacitance TVS Diode Array
AOZ8000HI AOSMD-AOZ8000HI Datasheet
94Kb / 4P
   Plastic Encapsulated Device
More results

Similar Description - AOZ8002

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
ULC3324P10 LEIDITECH-ULC3324P10 Datasheet
542Kb / 4P
   ULTRA LOW CAPACITANCE TVS DIODE ARRAY
ULC08DT3 LEIDITECH-ULC08DT3 Datasheet
133Kb / 3P
   ULTRA LOW CAPACITANCE TVS DIODE ARRAY
ULC12TN LEIDITECH-ULC12TN Datasheet
1Mb / 3P
   ULTRA LOW CAPACITANCE TVS DIODE ARRAY
ULC24CTN LEIDITECH-ULC24CTN Datasheet
1Mb / 3P
   ULTRA LOW CAPACITANCE TVS DIODE ARRAY
logo
Alpha & Omega Semicondu...
AOZ8300 AOSMD-AOZ8300 Datasheet
184Kb / 7P
   Ultra-Low Capacitance TVS Diode Array
logo
HUAYI MICROELECTRONICS ...
HYE0505F HUAYI-HYE0505F Datasheet
1Mb / 5P
   Ultra-Low Capacitance TVS Diode Array
logo
Alpha & Omega Semicondu...
AOZ8005FI AOSMD-AOZ8005FI Datasheet
646Kb / 14P
   Ultra-Low Capacitance TVS Diode Array
AOZ8802A AOSMD-AOZ8802A Datasheet
365Kb / 9P
   Ultra-Low Capacitance TVS Diode Array
logo
Shanghai Leiditech Elec...
ULC15DT3 LEIDITECH-ULC15DT3 Datasheet
588Kb / 6P
   Ultra Low Capacitance TVS Diode Array
ULC0804P10 LEIDITECH-ULC0804P10 Datasheet
420Kb / 3P
   ULTRA LOW CAPACITANCE TVS DIODE ARRAY
ULC0542P3 LEIDITECH-ULC0542P3 Datasheet
703Kb / 5P
   ULTRA LOW CAPACITANCE TVS DIODE ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com