Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP1109 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP1109
Description  Micropower Low Cost Fixed 3.3 V, 5 V, 12 V and Adjustable DC-to-DC Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1109 Datasheet(HTML) 6 Page - Analog Devices

  ADP1109 Datasheet HTML 1Page - Analog Devices ADP1109 Datasheet HTML 2Page - Analog Devices ADP1109 Datasheet HTML 3Page - Analog Devices ADP1109 Datasheet HTML 4Page - Analog Devices ADP1109 Datasheet HTML 5Page - Analog Devices ADP1109 Datasheet HTML 6Page - Analog Devices ADP1109 Datasheet HTML 7Page - Analog Devices ADP1109 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ADP1109
–6–
REV. 0
As previously mentioned, EL must be greater than PL/fOSC so
that the ADP1109 can deliver the necessary power to the load.
For best efficiency, peak current should be limited to 1 A or
less. Higher switch currents will reduce efficiency because of
increased saturation voltage in the switch. High peak current
also increases output ripple. As a general rule, keep peak current
as low as possible to minimize losses in the switch, inductor and
diode.
In practice, the inductor value is easily selected using the equa-
tions above. For example, consider a supply that will generate
12 V at 120 mA from a +5 V source. The inductor power re-
quired is, from Equation 1:
PL = (12 V + 0.5 V – 5 V)
× (120 mA) = 900 mW
(6)
On each switching cycle, the inductor must supply:
PL
f OSC
=
900 mW
120 kHz
= 7.5 µJ
(7)
The required inductor power is fairly low in this example, so
the peak current can also be low. Assuming a peak current of
600 mA as a starting point, Equation 4 can be rearranged to
recommend an inductor value:
L
=
V
IN
I
L MAX
()
t
=
5 V
600 mA
5.5
µs = 45.8 µH
(8)
Substituting a standard inductor value of 33
µH, with 0.2 Ω dc
resistance, will produce a peak switch current of:
I
PEAK =
5 V
1.0
1
− e
–1.0
Ω× 5.5 µs
33
µH
 = 768 mA
(9)
Once the peak current is known, the inductor energy can be
calculated from Equation 5:
E
L =
1
2
33
µH
() × 768 mA
()2 = 9.7 µJ
(10)
The inductor energy of 9.7
µJ is greater than the P
L/fOSC re-
quirement of 7.5
µJ, so the 33 µH inductor will work in this
application. By substituting other inductor values into the same
equations, the optimum inductor value can be selected. When
selecting an inductor, the peak current must not exceed the
maximum switch current of 1.2 A. If the calculated peak current
is greater than 1.2 A, either the input voltage must be increased
or the load current decreased.
Output Voltage Selection
The output voltage is fed back to the ADP1109 via resistors R1
and R2 (Figure 5). When the voltage at the comparator’s invert-
ing input falls below 1.25 V, the oscillator turns “on” and the
output voltage begins to rise. The output voltage is therefore set
by the formula:
V
OUT = 1. 25 V ×
1
+
R2
R1


(11)
Resistors R1 and R2 are provided internally on fixed-voltage
versions of the ADP1109. In this case, a complete dc-dc con-
verter requires only four external components.
Capacitor Selection
For optimum performance, the ADP1109’s output capacitor
must be carefully selected. Choosing an inappropriate capacitor
can result in low efficiency and/or high output ripple.
Ordinary aluminum electrolytic capacitors are inexpensive, but
often have poor Equivalent Series Resistance (ESR) and Equiva-
lent Series Inductance (ESL). Low ESR aluminum capacitors,
specifically designed for switch mode converter applications, are
also available, and these are a better choice than general purpose
devices. Even better performance can be achieved with tantalum
capacitors, although their cost is higher. Very low values of ESR
can be achieved by using OS-CON capacitors (Sanyo Corpora-
tion, San Diego, CA). These devices are fairly small, available
with tape-and-reel packaging, and have very low ESR.
Diode Selection
In specifying a diode, consideration must be given to speed,
forward voltage drop and reverse leakage current. When the
ADP1109 switch turns off, the diode must turn on rapidly if
high efficiency is to be maintained. Schottky rectifiers, as well as
fast signal diodes such as the 1N4148, are appropriate. The
forward voltage of the diode represents power that is not
delivered to the load, so VF must also be minimized. Again,
Schottky diodes are recommended. Leakage current is especially
important in low current applications, where the leakage can be
a significant percentage of the total quiescent current.
For most circuits, the 1N5818 is a suitable companion to the
ADP1109. This diode has a VF of 0.5 V at 1 A, 4
µA to 10 µA
leakage, and fast turn-on and turn-off times. A surface mount
version, the MBRS130T3, is also available.
For switch currents of 100 mA or less, a Schottky diode such as
the BAT85 provides a VF of 0.8 V at 100 mA and leakage less
than 1
µA. A similar device, the BAT54, is available in an
SOT-23 package. Even lower leakage, in the 1 nA to 5 nA range,
can be obtained with a 1N4148 signal diode.
General purpose rectifiers, such as the 1N4001, are not suitable
for ADP1109 circuits. These devices, which have turn-on times
of 10
µs or more, are far too slow for switching power supply
applications. Using such a diode “just to get started” will result
in wasted time and effort. Even if an ADP1109 circuit appears
to function with a 1N4001, the resulting performance will not
be indicative of the circuit performance when the correct diode
is used.


Similar Part No. - ADP1109

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1109A AD-ADP1109A Datasheet
143Kb / 8P
   Micropower Low Cost Fixed 3.3 V, 5 V, 12 V and Adjustable DC-to-DC Converter
REV. 0
ADP1109AAN AD-ADP1109AAN Datasheet
143Kb / 8P
   Micropower Low Cost Fixed 3.3 V, 5 V, 12 V and Adjustable DC-to-DC Converter
REV. 0
ADP1109AAN-12 AD-ADP1109AAN-12 Datasheet
143Kb / 8P
   Micropower Low Cost Fixed 3.3 V, 5 V, 12 V and Adjustable DC-to-DC Converter
REV. 0
ADP1109AAN-33 AD-ADP1109AAN-33 Datasheet
143Kb / 8P
   Micropower Low Cost Fixed 3.3 V, 5 V, 12 V and Adjustable DC-to-DC Converter
REV. 0
ADP1109AAN-5 AD-ADP1109AAN-5 Datasheet
143Kb / 8P
   Micropower Low Cost Fixed 3.3 V, 5 V, 12 V and Adjustable DC-to-DC Converter
REV. 0
More results

Similar Description - ADP1109

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1109A AD-ADP1109A Datasheet
143Kb / 8P
   Micropower Low Cost Fixed 3.3 V, 5 V, 12 V and Adjustable DC-to-DC Converter
REV. 0
ADP1109A AD-ADP1109A_15 Datasheet
151Kb / 8P
   Micropower Low Cost Fixed 3.3 V, 5 V, 12 V and Adjustable DC-to-DC Converter
REV. 0
ADP1109 AD-ADP1109_15 Datasheet
140Kb / 8P
   Micropower Low Cost Fixed 5 V, 12 V and Adjustable DC-to-DC Converter
REV. 0
ADP1108 AD-ADP1108_15 Datasheet
241Kb / 12P
    Micropower, DC-DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
ADP1108 AD-ADP1108 Datasheet
234Kb / 12P
   Micropower DC-DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
ADP1073 AD-ADP1073_15 Datasheet
44Kb / 2P
   Micropower DC-DC Converter Adjustable and Fixed 5 V, 12 V
REV. 0
ADP1073 AD-ADP1073 Datasheet
442Kb / 16P
   Micropower DC.DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
logo
Linear Technology
LT1109 LINER-LT1109 Datasheet
212Kb / 8P
   Micropower Low Cost DC/DC Converter Adjustable and Fixed 5V, 12V
LT1109 LINER-LT1109_15 Datasheet
195Kb / 8P
   Micropower Low Cost DC/DC Converter Adjustable and Fixed 5V, 12V
logo
Analog Devices
ADP1111 AD-ADP1111 Datasheet
406Kb / 16P
   Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com