Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR40B60FCTH Datasheet(PDF) 2 Page - Sirectifier Global Corp.

Part # MBR40B60FCTH
Description  Power Schottky Rectifier - 40Amp 60Volt
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECT [Sirectifier Global Corp.]
Direct Link  http://www.sirectsemi.com
Logo SIRECT - Sirectifier Global Corp.

MBR40B60FCTH Datasheet(HTML) 2 Page - Sirectifier Global Corp.

  MBR40B60FCTH Datasheet HTML 1Page - Sirectifier Global Corp. MBR40B60FCTH Datasheet HTML 2Page - Sirectifier Global Corp. MBR40B60FCTH Datasheet HTML 3Page - Sirectifier Global Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
http:// www.sirectsemi.com
0
5
15
20
175
AMBIENT TEMPERATURE (ºC)
Figure 1. Forward Current Derating Curve
10
150
125
100
75
50
25
NUMBER OF CYCLES AT 60Hz
Figure 2. Maximum Non-repetitive Surge Current
100
50
20
10
5
2
1
0
400
200
100
300
8.3ms Single Half-Sine-Wave
(JEDEC METHOD)
0.001
0.01
0.1
1
10
100
20
40
60
80
100
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
Figure 3. Typical Reverse Characteristics
0
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
Figure 4. Typical Forward Characteristics
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0.1
1.0
10
100
REVERSE VOLTAGE, VOLTS
Figure 5. Typical Junction Capacitance
0.1
1
4
10
100
10
100
1000
TJ = 25ºC
f = 1MHz
MBR40B60CTH/FCTH
Sirectifier Global Corp., Delaware, U.S.A.
U.S.A.: sgc@sirectsemi.com
France: ss@sirectsemi.com
Taiwan: se@sirectsemi.com
Hong Kong: hk@sirectsemi.com
China: st@sirectsemi.com Thailand: th@sirectsemi.com
Philippines: aiac@sirectsemi.com Belize: belize@sirectsemi.com


Similar Part No. - MBR40B60FCTH

ManufacturerPart #DatasheetDescription
logo
Sirectifier Global Corp...
MBR40B100CTH SIRECT-MBR40B100CTH Datasheet
146Kb / 3P
   Power Schottky Rectifier - 40Amp 100Volt
MBR40B150CTH SIRECT-MBR40B150CTH Datasheet
131Kb / 3P
   Power Schottky Rectifier - 40Amp 150Volt
MBR40B150FCTH SIRECT-MBR40B150FCTH Datasheet
131Kb / 3P
   Power Schottky Rectifier - 40Amp 150Volt
MBR40B45CTH SIRECT-MBR40B45CTH Datasheet
133Kb / 3P
   Power Schottky Rectifier - 40Amp 45Volt
MBR40B45FCTH SIRECT-MBR40B45FCTH Datasheet
133Kb / 3P
   Power Schottky Rectifier - 40Amp 45Volt
More results

Similar Description - MBR40B60FCTH

ManufacturerPart #DatasheetDescription
logo
Sirectifier Global Corp...
SBL40L60PT SIRECT-SBL40L60PT Datasheet
178Kb / 2P
   Power Schottky Rectifier - 40Amp 60Volt
MBR4060CT SIRECT-MBR4060CT Datasheet
141Kb / 2P
   Power Schottky Rectifier - 40Amp 60Volt
SBL4060CT SIRECT-SBL4060CT Datasheet
129Kb / 2P
   Power Schottky Rectifier - 40Amp 60Volt
logo
Kersemi Electronic Co.,...
MBR4060CT KERSEMI-MBR4060CT Datasheet
864Kb / 2P
   Power Schottky Rectifier - 40Amp 60Volt
logo
Sirectifier Global Corp...
SBL40L60CT SIRECT-SBL40L60CT Datasheet
147Kb / 4P
   Power Schottky Rectifier - 40Amp 60Volt
SBL40L60CT SIRECT-SBL40L60CT Datasheet
178Kb / 2P
   Power Schottky Rectifier - 40Amp 60Volt
MBRH300SPT SIRECT-MBRH300SPT Datasheet
132Kb / 3P
   Power Schottky Rectifier - 40Amp 60Volt
SBL40L60CTH SIRECT-SBL40L60CTH Datasheet
131Kb / 3P
   Power Schottky Rectifier - 40Amp 60Volt
SBL10SL60CTH SIRECT-SBL10SL60CTH Datasheet
132Kb / 3P
   Power Schottky Rectifier - 10Amp 60Volt
SBL30L60CT SIRECT-SBL30L60CT Datasheet
129Kb / 2P
   Power Schottky Rectifier - 30Amp 60Volt
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com