Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOZ8131 Datasheet(PDF) 5 Page - Alpha & Omega Semiconductors

Part # AOZ8131
Description  Ultra Low Capacitance One-line Bi-directional TVS Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ8131 Datasheet(HTML) 5 Page - Alpha & Omega Semiconductors

  AOZ8131 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ8131 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ8131 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ8131 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ8131 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ8131 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
AOZ8131
Rev. 1.9 January 2012
www.aosmd.com
Page 5 of 6
Tape and Reel Dimensions, DFN 1006
Carrier Tape
Leader / Trailer & Orientation
Package
SOD882
A0
0.76
±0.05
B0
1.21
±0.05
K0
0.53
±0.05
D0
0.50
±0.05
D1
1.50
±0.05
E
8.00
+0.30/-0.10
E1
1.75
±0.10
E2
3.50
±0.05
P0
4.00
±0.10
P1
4.00
±0.10
P2
2.00
±0.05
T
0.254
±0.02
Trailer Tape
300mm Min.
Components Tape
Orientation in Pocket
Leader Tape
500mm Min.
T
UNIT: mm
Feeding Direction
K0
D1
B0
A0
D0
P0
P2
P1
E2
E1
E
Reel
Tape Size
8mm
Reel Size
ø178
M
ø178
±0.50
N
ø55
±1
H
ø13.0
±0.5
UNIT: mm
W
8.4
+1.5/-0
G
N/A
W1
14.4
Max.
K
10.1
Max.
S
2.0
±0.5
R
N/A
V
N/A
R
V
G
M
W
N
W1
K
H
S


Similar Part No. - AOZ8131

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ8101 AOSMD-AOZ8101 Datasheet
361Kb / 8P
   Ultra-Low Capacitance TVS Diode Array
AOZ8101CI AOSMD-AOZ8101CI Datasheet
361Kb / 8P
   Ultra-Low Capacitance TVS Diode Array
AOZ8102 AOSMD-AOZ8102 Datasheet
424Kb / 9P
   Ultra-Low Capacitance TVS Diode Array
AOZ8105 AOSMD-AOZ8105 Datasheet
796Kb / 13P
   Ultra-Low Capacitance TVS Diode Array
AOZ8105CI AOSMD-AOZ8105CI Datasheet
26Kb / 3P
   Plastic Encapsulated Device
More results

Similar Description - AOZ8131

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ8831 AOSMD-AOZ8831 Datasheet
314Kb / 7P
   Ultra Low Capacitance One-line Bi-directional TVS Diode
AOZ8831-03 AOSMD-AOZ8831-03 Datasheet
311Kb / 7P
   Ultra Low Capacitance One-line Bi-directional TVS Diode
AOZ8831-24 AOSMD-AOZ8831-24 Datasheet
310Kb / 7P
   Ultra Low Capacitance One-line Bi-directional TVS Diode
AOZ8831-05 AOSMD-AOZ8831-05 Datasheet
310Kb / 7P
   Ultra Low Capacitance One-line Bi-directional TVS Diode
logo
Shanghai Leiditech Elec...
ESD130-B1-W0201 LEIDITECH-ESD130-B1-W0201 Datasheet
2Mb / 4P
   1-Line Ultra Low Capacitance Bi-directional TVS Diode
Rev 2.0 : 12.01.2019
ESDZV5-1BF4 LEIDITECH-ESDZV5-1BF4 Datasheet
2Mb / 4P
   1-Line Ultra Low Capacitance Bi-directional TVS Diode
Rev 2.0 : 12.01.2019
AZ5B85-01B LEIDITECH-AZ5B85-01B Datasheet
2Mb / 4P
   1-Line Ultra Low Capacitance Bi-directional TVS Diode
Rev 2.0 : 12.01.2019
WE05DUCMS-B LEIDITECH-WE05DUCMS-B Datasheet
2Mb / 4P
   1-Line Ultra Low Capacitance Bi-directional TVS Diode
Rev 2.0 : 12.01.2019
logo
Applied Power Microelec...
AR0521P0 APMICRO-AR0521P0 Datasheet
516Kb / 4P
   1-Line Ultra Low Capacitance Bi-directional TVS Diode
AR0521P6 APMICRO-AR0521P6 Datasheet
693Kb / 4P
   1-Line Ultra Low Capacitance Bi-directional TVS Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com