Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOZ8170 Datasheet(PDF) 6 Page - Alpha & Omega Semiconductors

Part # AOZ8170
Description  8-Line EMI Filter with Integrated ESD Protection
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ8170 Datasheet(HTML) 6 Page - Alpha & Omega Semiconductors

  AOZ8170 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ8170 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ8170 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ8170 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ8170 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ8170 Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ8170 Datasheet HTML 7Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Rev. 1.0 October 2010
www.aosmd.com
Page 6 of 7
AOZ8170
Tape and Reel Dimensions, TDFN 4 x 1.6
Carrier Tape
Reel
Leader / Trailer
& Orientation
A0
2.00
±0.1
Package
DFN
4x1.6
B0
4.40
±0.1
K0
0.95
±0.1
D0
ø1.50
+0.1/-0
D1
ø1.00
+0.1/-0
E
12.00
±0.3
E1
1.75
±0.10
E2
5.50
±0.1
P0
4.00
±0.10
P1
4.00
±0.10
P2
2.00
±0.10
T
0.30
±0.05
Unit: mm
Unit: mm
Feeding Direction
Tape Size
12mm
Reel Size
ø330
M
ø330.00
±0.30/-4.00
N
55.00
±0.40
Trailer Tape
300mm min.
Components Tape
Orientation in Pocket
Leader Tape
500mm min.
W1
12.4
+2.0/-0
H
13.00
±0.20
S
2.20
±0.20
K
10.60
±0.20
R
B
B
E1
D1
D0
A0
P0
P2
P1
K0
R0.3 Max.
B0
T
5
° Max
E2
E
M
W1
R
S
K
H
N


Similar Part No. - AOZ8170

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ8175 AOSMD-AOZ8175 Datasheet
303Kb / 7P
   6-Line EMI Filter with Integrated ESD Protection
More results

Similar Description - AOZ8170

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ8010 AOSMD-AOZ8010 Datasheet
299Kb / 7P
   8-Line EMI Filter with Integrated ESD Protection
AOZ8070DI AOSMD-AOZ8070DI Datasheet
340Kb / 7P
   8-Line EMI Filter with Integrated ESD Protection
AOZ8510 AOSMD-AOZ8510 Datasheet
383Kb / 7P
   8-Line EMI Filter with Integrated ESD Protection
AOZ8530 AOSMD-AOZ8530 Datasheet
341Kb / 7P
   8-Line EMI Filter with Integrated ESD Protection
AOZ8011 AOSMD-AOZ8011 Datasheet
279Kb / 7P
   8-Line EMI Filter with Integrated ESD Protection
AOZ8020 AOSMD-AOZ8020 Datasheet
343Kb / 7P
   8-Line EMI Filter with Integrated ESD Protection
AOZ8070 AOSMD-AOZ8070 Datasheet
340Kb / 7P
   8-Line EMI Filter with Integrated ESD Protection
logo
Alpha Industries
AOZ8040 ALPHA-AOZ8040 Datasheet
400Kb / 7P
   8-Line EMI Filter with Integrated ESD Protection
logo
Alpha & Omega Semicondu...
AOZ8030 AOSMD-AOZ8030 Datasheet
385Kb / 7P
   8-Line EMI Filter with Integrated ESD Protection
logo
ON Semiconductor
NUF8402MN ONSEMI-NUF8402MN Datasheet
57Kb / 4P
   8 Line EMI Filter with ESD Protection
May, 2005 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com