Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP1148AR Datasheet(PDF) 7 Page - Analog Devices

Part # ADP1148AR
Description  High Efficiency Synchronous Step-Down Switching Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1148AR Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP1148AR Datasheet HTML 3Page - Analog Devices ADP1148AR Datasheet HTML 4Page - Analog Devices ADP1148AR Datasheet HTML 5Page - Analog Devices ADP1148AR Datasheet HTML 6Page - Analog Devices ADP1148AR Datasheet HTML 7Page - Analog Devices ADP1148AR Datasheet HTML 8Page - Analog Devices ADP1148AR Datasheet HTML 9Page - Analog Devices ADP1148AR Datasheet HTML 10Page - Analog Devices ADP1148AR Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADP1148, ADP1148-3.3, ADP1148-5
–7–
REV. A
APPLICATIONS
The ADP1148 uses a current-mode, constant off-time structure
to switch a pair of external complementary N- and P-channel
MOSFETs. The operating frequency of the device is deter-
mined by the value of the external capacitor connected to the
CT pin.
The output voltage is sensed by an internal voltage divider which is
connected to the Sense(–) pin (ADP1148-3.3 and AD1148-5) or
an external voltage divider returned to VFB (ADP1148). A voltage
comparator V, and a gain block G compare the values of the
divided output voltage with a reference voltage of 1.25 V.
To maximize the efficiency, the ADP1148 automatically switches
between two operational modes, power-saving and continuous.
The Flip-Flop 1 is the main control element when the device is
in its power-saving mode while the gain block is the main con-
trol when the output voltage moves to continuous mode. During
the continuous mode of the PMOS switch on-cycle, the current
comparator C, monitors the voltage between Sense(–) and
Sense(+). When the voltage level reaches the threshold level, the
P drive output is switched to VIN which turns off the P-channel
MOSFET. The timing capacitor CT is now able to discharge at
a rate determined by the off-time controller. The discharge
current is made to be proportional to the value of the output
voltage (measured at the Sense(–) pin) to model the inductor
current which decays at a rate which is proportional to the out-
put voltage. While the timing capacitor is discharging, the N
drive output goes to VIN , turning on the N-channel MOSFET.
When the voltage level on the timing capacitor has discharged to
the threshold voltage level VTH1, comparator T switches setting
Flip-Flop 1. This forces the N drive to go off and the P drive
output low and subsequently turns the P-channel MOSFET on.
The sequence is then repeated. As load current increases, the
output voltage starts to reduce. This results in the output of the
gain circuit increasing the level of the current comparator thresh-
old, thus tracking the load current.
At very low load currents the power-saving sequence will be
interrupted by the Set of Flip-Flop 2, by voltage comparator B,
which also monitors the voltage across RSENSE. When the load
current decreases to half the designed inductor ripple current,
the voltage across RSENSE will reverse polarity. When this hap-
pens, comparator B will set the Q-bar output of Flip-Flop 2,
which will go to logic zero state and interrupt the cycle-by-cycle
operation and inhibit the output FET-driver. The output of the
power supply storage capacitor will slowly be drained by the
load and the output voltage starts decreasing. When this
decreased voltage exceeds the VOS of comparator V, this in turn
will reset Flip-Flop 2, and normal cycle-by-cycle operation will
resume. If the load is very small, it will take a long time for Flip-
Flop 2 to reset, and during that time the oscillator capacitor
may discharge below VTH2. At the point at which the timing
capacitor discharges below VTH2, comparator S trips causing the
internal sleep-bar to go low. The circuit is now in sleep mode
and the N-channel Power MOSFET remains turned off. While
the circuit remains in this mode, a significant amount of the
circuit of the IC is turned off dropping the ground current from
approximately 1.6 mA to a level of 160
µA. In this state the load
current is supplied by the output capacitor. The sleep mode is
also terminated by the reset of Flip-Flop 2.
To prevent both the external MOSFETs from ever being turned
on simultaneously, feedback is incorporated to sense the state of
the driver output pins.
Before the N drive output can go high, the P drive output must
also be high. Likewise, the P drive output is unable to go low
while the N drive output is high. By utilizing a constant off-time
structure, the device operation is a function of the input voltage.
To limit the effect of frequency variation as the device approaches
dropout, the controller begins to increase the discharge current
as VIN drops below VOUT +1.5 V. While the device is in drop-
out, the P-channel MOSFET is on constantly.
RSENSE Selection For Output Current
The choice of RSENSE is based on the required output current.
The ADP1148 current comparator has a threshold range which
extends from 0 mV to a maximum of 150 mV/RSENSE. The
current comparator threshold sets the peak of the inductor cur-
rent, yielding a maximum output current IMAX equal to the peak
value less half the peak-to-peak ripple current. The ADP1148
operates effectively with values of RSENSE from 20 m
Ω to
200 m
Ω. A graph for selecting R
SENSE versus maximum output
current is given in Figure 3. Solving for RSENSE and allowing a
margin for variations in the ADP1148 and external component
values yields:
RSENSE = 100 mV/IMAX
The peak short circuit current, (ISC(PK)) tracks IMAX. Once
RSENSE has been chosen, ISC(PK) can be predicted from the fol-
lowing equation:
ISC(PK) = 150 mV/RSENSE
The load current, below which power-saving mode commences
(IPOWER-SAVING) is determined by the offset in comparator B and
the value of the inductor chosen. Comparator B is designed to
have approximately 5 mV offset. This offset and the inductor
can now be used to predict the power saving mode current as
follows:
IPOWER-SAVING ~ 5 mV/RSENSE + VO
× t
OFF /2 L
The ADP1148 automatically extends tOFF during a short circuit
to provide adequate time for the inductor current to decay be-
tween switch cycles. The resulting ripple current causes the
average short circuit current, ISC(AVG), to be lowered to approxi-
mately IMAX.
L and CT Selection for Operating Frequency
The ADP1148 uses a constant off-time architecture with tOFF
determined by an external timing capacitor CT. Each time the
P-channel MOSFET switch turns on, the voltage on CT is reset
to approximately 3.3 V. During the off time, CT is discharged by
a current which is proportional to VOUT. The voltage on CT is
analogous to the current in inductor L, which likewise decays at
a rate proportional to VOUT. Therefore, the inductor value must
track the timing capacitor value.
The value of CT is calculated from the preferred continuous
mode operating frequency:
CT = 1/2.6
× 104 × f
Assumes VIN = 2 VOUT (Figure 1 circuit).
A graph for selecting CT versus frequency including the effects
of input voltage is given in Figure 5.
*Component, voltage, current, etc., values are in SI-units (international standard)
unless otherwise indicated.


Similar Part No. - ADP1148AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1148 AD-ADP1148_15 Datasheet
796Kb / 16P
   High Efficiency Synchronous Step-Down Switching Regulators
REV. A
More results

Similar Description - ADP1148AR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1148 LINER-LTC1148 Datasheet
384Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1148-5 LINER-LTC1148-5_15 Datasheet
247Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1149 LINER-LTC1149_15 Datasheet
333Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1159 LINER-LTC1159_15 Datasheet
290Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1148 LINER-LTC1148_04 Datasheet
237Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1148 LINER-LTC1148_15 Datasheet
247Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1149-3.3 LINER-LTC1149-3.3_15 Datasheet
333Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1159 LINER-LTC1159 Datasheet
400Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1149-5 LINER-LTC1149-5_15 Datasheet
333Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1149 LINER-LTC1149 Datasheet
389Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com