Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOZ8510 Datasheet(PDF) 5 Page - Alpha & Omega Semiconductors

Part # AOZ8510
Description  8-Line EMI Filter with Integrated ESD Protection
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ8510 Datasheet(HTML) 5 Page - Alpha & Omega Semiconductors

  AOZ8510 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ8510 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ8510 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ8510 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ8510 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ8510 Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ8510 Datasheet HTML 7Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Rev. 1.5 September 2010
www.aosmd.com
Page 5 of 7
AOZ8510
Package Dimensions, TDFN 1.6 x 4.0, 16L
0.25
0.675
1.35
0.50
0.35
0.45
0.25
3.30
UNIT: mm
Note:
1. Controlling dimension is millimeter. Converted inch dimensions are not necessarily exact.
Symbols
A
A1
b
c
D
E
D1
E1
e
L
Dimensions in millimeters
RECOMMENDED LAND PATTERN
SIDE VIEW
TOP VIEW
BOTTOM VIEW
Min.
0.50
0.00
0.20
3.95
1.55
3.15
0.40
0.25
Nom.
0.55
0.25
0.152 REF.
4.00
1.60
3.20
0.45
0.50 BSC
0.30
Max.
0.60
0.05
0.30
4.05
1.65
3.25
0.50
0.35
Symbols
A
A1
b
c
D
E
D1
E1
e
L
Dimensions in inches
Min.
0.020
0.000
0.008
0.156
0.061
0.124
0.016
0.010
Nom.
0.022
0.010
0.006 REF.
0.157
0.063
0.126
0.018
0.020 BSC
0.012
Max.
0.024
0.002
0.012
0.159
0.065
0.128
0.020
0.014
DD1
E1
Pin #1 ID
Chamfer 0.2 x 45
°
b
e
L
c
A1
A
E
Pin 1 Marking


Similar Part No. - AOZ8510

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ8530 AOSMD-AOZ8530 Datasheet
341Kb / 7P
   8-Line EMI Filter with Integrated ESD Protection
AOZ8533 AOSMD-AOZ8533 Datasheet
310Kb / 7P
   4-Line EMI Filter with Integrated ESD Protection
AOZ8535 AOSMD-AOZ8535 Datasheet
274Kb / 7P
   6-Line EMI Filter with Integrated ESD Protection
More results

Similar Description - AOZ8510

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ8010 AOSMD-AOZ8010 Datasheet
299Kb / 7P
   8-Line EMI Filter with Integrated ESD Protection
AOZ8170 AOSMD-AOZ8170 Datasheet
350Kb / 7P
   8-Line EMI Filter with Integrated ESD Protection
AOZ8070DI AOSMD-AOZ8070DI Datasheet
340Kb / 7P
   8-Line EMI Filter with Integrated ESD Protection
AOZ8530 AOSMD-AOZ8530 Datasheet
341Kb / 7P
   8-Line EMI Filter with Integrated ESD Protection
AOZ8011 AOSMD-AOZ8011 Datasheet
279Kb / 7P
   8-Line EMI Filter with Integrated ESD Protection
AOZ8020 AOSMD-AOZ8020 Datasheet
343Kb / 7P
   8-Line EMI Filter with Integrated ESD Protection
AOZ8070 AOSMD-AOZ8070 Datasheet
340Kb / 7P
   8-Line EMI Filter with Integrated ESD Protection
logo
Alpha Industries
AOZ8040 ALPHA-AOZ8040 Datasheet
400Kb / 7P
   8-Line EMI Filter with Integrated ESD Protection
logo
Alpha & Omega Semicondu...
AOZ8030 AOSMD-AOZ8030 Datasheet
385Kb / 7P
   8-Line EMI Filter with Integrated ESD Protection
logo
ON Semiconductor
NUF8402MN ONSEMI-NUF8402MN Datasheet
57Kb / 4P
   8 Line EMI Filter with ESD Protection
May, 2005 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com