Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A0509XMD-1W Datasheet(PDF) 1 Page - Microdc power Technology Co., Ltd

Part # A0509XMD-1W
Description  1KV ISOLATED 1WUNREGULATEDDUALOUTPUTDIP8 DC?껪C Converter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

A0509XMD-1W Datasheet(HTML) 1 Page - Microdc power Technology Co., Ltd

  A0509XMD-1W Datasheet HTML 1Page - Microdc power Technology Co., Ltd A0509XMD-1W Datasheet HTML 2Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A-XMD-1W
A-XMD-1W
A-XMD-1W
A-XMD-1W
A-XMD-1W
A-XMD-1W
A-XMD-1W
A-XMD-1W Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 1 of 2
Input
Input
Input
Input
Input
Input
Input
Input Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Voltage range
±10 %
Filter
Capacitors
Isolation
Isolation
Isolation
Isolation
Isolation
Isolation
Isolation
Isolation Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Rated voltage
1000 VDC
Leakage current
1 mA
Resistance
109Ohm
Capacitance
60 pF typ.
Output
Output
Output
Output
Output
Output
Output
Output Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Voltage accuracy
±5 %, max.
Ripple and noise (at 20 MHz BW)
100 mV p-p, max.
Short circuit protection
Momentary
Line voltage regulation
±1,2 % / 1,0 % of Vin
Load voltage regulation
±8 %, load = 20 ~ 100 %
Temperature coefficient
±0,02 % / °C
General
General
General
General
General
General
General
General Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Efficiency
75 % to 85 %
Switching frequency
80 KHz, typ.
Environmental
Environmental
Environmental
Environmental
Environmental
Environmental
Environmental
Environmental Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Operating temperature (ambient)
- 40° C to + 85° C
Storage temperature
- 55 °C to + 125 °C
Derating
See graph
Humidity
Up to 90 %, non condensing
Cooling
Free air convection
Physical
Physical
Physical
Physical
Physical
Physical
Physical
Physical Characteristics
Characteristics
Characteristics
Characteristics
Characteristics
Characteristics
Characteristics
Characteristics
Dimensions DIP8
12,7 X 10,16 x 6,85 mm
0,5 x 0,4 x 0,24 inches
Weight
1,8 g
Case material
Non conductive black plastic
.
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
A
A
A
A
A
A
A
A
0
0
0
0
0
0
0
05
5
5
5
5
5
5
5
0
0
0
0
0
0
0
05
5
5
5
5
5
5
5
X
X
X
X
X
X
X
X
MD
MD
MD
MD
--------1W(100)
1W(100)
1W(100)
1W(100)
1W(100)
1W(100)
1W(100)
1W(100)
①Product Series
②Input Voltage
③Output Voltage
④Fixed Input
⑤MINI DIP8 Package
⑥Rated Power(Output current)
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION GUIDE
GUIDE
GUIDE
GUIDE
GUIDE
GUIDE
GUIDE
GUIDE
Model
Model
Model
Model
INPUT
INPUT
INPUT
INPUT
VOLTAGE
VOLTAGE
VOLTAGE
VOLTAGE
(V)
(V)
(V)
(V)
OUTPUT
OUTPUT
OUTPUT
OUTPUT
VOLTAGE
VOLTAGE
VOLTAGE
VOLTAGE
(V)
(V)
(V)
(V)
OUTPUT
OUTPUT
OUTPUT
OUTPUT
CURRENT
CURRENT
CURRENT
CURRENT
MAX
MAX
MAX
MAX
(mA)
(mA)
(mA)
(mA)
ISOIATION
ISOIATION
ISOIATION
ISOIATION
(VDC)
(VDC)
(VDC)
(VDC)
MAX
MAX
MAX
MAX
CAPACTIVE
CAPACTIVE
CAPACTIVE
CAPACTIVE
Load
Load
Load
Load
EFFICIEN
EFFICIEN
EFFICIEN
EFFICIEN
CY
CY
CY
CY
(%
(%
(%
(% ))))
A0503XMD-1W
4.5-5.5
±3.3
±150
1000
±100
63
A0505XMD-1W
4.5-5.5
±5
±100
1000
±100
72
A0507XMD-1W
4.5-5.5
±7.2
±70
1000
±100
75
A0509XMD-1W
4.5-5.5
±9
±55
1000
±100
78
A0512XMD-1W
4.5-5.5
±12
±42
1000
±100
80
A1515XMD-1W
4.5-5.5
±15
±34
1000
±100
80
A0518XMD-1W
4.5-5.5
±18
±28
1000
±100
78
A0524XMD-1W
4.5-5.5
±24
±21
1000
±100
78
A1203XMD-1W
10.8-13.2
±3.3
±150
1000
±100
70
A1205XMD-1W
10.8-13.2
±5
±100
1000
±100
72
A1207XMD-1W
10.8-13.2
±7.2
±70
1000
±100
71
A1209XMD-1W
10.8-13.2
±9
±55
1000
±100
76
A1212XMD-1W
10.8-13.2
±12
±42
1000
±100
80
A1215XMD-1W
10.8-13.2
±15
±34
1000
±100
80
A1218XMD-1W
10.8-13.2
±18
±28
1000
±100
76
A1224XMD-1W
10.8-13.2
±24
±21
1000
±100
78
A2403XMD-1W
21.6-26.4
±3.3
±150
1000
±100
76
A2405XMD-1W
21.6-26.4
±5
±100
1000
±100
72
A2407XMD-1W
21.6-26.4
±7.2
±70
1000
±100
73
A2409XMD-1W
21.6-26.4
±9
±55
1000
±100
77
A2412XMD-1W
21.6-26.4
±12
±42
1000
±100
82
A2415XMD-1W
21.6-26.4
±15
±34
1000
±100
82
A2418XMD-1W
21.6-26.4
±18
±28
1000
±100
75
A2424XMD-1W
21.6-26.4
±24
±21
1000
±100
80
1KV
1KV
1KV
1KV ISOLATED
ISOLATED
ISOLATED
ISOLATED 1W
1W
1W
1W UNREGULATED
UNREGULATED
UNREGULATED
UNREGULATED DUAL
DUAL
DUAL
DUAL OUTPUT
OUTPUT
OUTPUT
OUTPUT DIP8
DIP8
DIP8
DIP8 DC
DC
DC
DC⁄⁄⁄⁄DC
DC
DC
DC Converter
Converter
Converter
Converter
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
Input 5, 12 and 24 VDC
Output ±3.3, 5, 7.2, 12, 15 and 18VDC
Typical at +25°C, nominal input voltage,
rated output current unless otherwise
specified
DIP8 package
Operating Temperature: -40℃~﹢85℃
1000VDC Isolation
Short circuit protection(automatic recovery)
No external component required
MTBF>1,000,000 hours
RoHS Compliance
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
MICRODC reserves the copyright
The A-XMD-1W series are specially designed for
applications where a group of polar power supplies are
isolated from the input power supply in a distributed power
supply system on a circuit board.
These products apply to:
1) where the voltage of the input power supply is fixed
(voltage variation ≤±10%);
2) where isolation is necessary between input and output
(isolation voltage ≤1000VDC);
3) where the regulation of the output voltage and the
output ripple noise are not demanded.


Similar Part No. - A0509XMD-1W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
A0509XMD MICRODC-A0509XMD Datasheet
298Kb / 2P
   1KV ISOLATED 1W UNREGULATED DUAL OUTPUT DIP8 DC?껪C Converter
More results

Similar Description - A0509XMD-1W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
A-XMD MICRODC-A-XMD Datasheet
298Kb / 2P
   1KV ISOLATED 1W UNREGULATED DUAL OUTPUT DIP8 DC?껪C Converter
B-XMD MICRODC-B-XMD Datasheet
378Kb / 3P
   1KV Isolated 1W unregulated single dual separated output DIP8 DC?껪C Converter
logo
Murata Manufacturing Co...
IRS-12-4.5-Q48 MURATA1-IRS-12-4.5-Q48 Datasheet
178Kb / 2P
   Isolated DC-DC converter
11/16/2022
logo
Rohm
BP5324A ROHM-BP5324A Datasheet
412Kb / 3P
   Isolated DC/DC Converter
logo
Powerex Power Semicondu...
VLA106-24151 POWEREX-VLA106-24151 Datasheet
390Kb / 2P
   Isolated DC/DC Converter
VLA106-24154 POWEREX-VLA106-24154 Datasheet
370Kb / 2P
   Isolated DC/DC Converter
VLA312-2425 POWEREX-VLA312-2425 Datasheet
425Kb / 3P
   Isolated DC-DC Converter
logo
Rohm
BP5510-24 ROHM-BP5510-24 Datasheet
554Kb / 2P
   Isolated DC/DC converter
BD7F100HFN-EVK-001 ROHM-BD7F100HFN-EVK-001 Datasheet
1Mb / 12P
   Isolated DC/DC Converter
logo
Bel Fuse Inc.
XRSB-80T12L BEL-XRSB-80T12L Datasheet
1Mb / 21P
   Isolated DC/DC converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com