Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1209XT-1W Datasheet(PDF) 3 Page - Microdc power Technology Co., Ltd

Part # A1209XT-1W
Description  1W, FIXEDINPUT, ISOLATED DUALOUTPUTSMDC-DCCONVERTER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

A1209XT-1W Datasheet(HTML) 3 Page - Microdc power Technology Co., Ltd

  A1209XT-1W Datasheet HTML 1Page - Microdc power Technology Co., Ltd A1209XT-1W Datasheet HTML 2Page - Microdc power Technology Co., Ltd A1209XT-1W Datasheet HTML 3Page - Microdc power Technology Co., Ltd A1209XT-1W Datasheet HTML 4Page - Microdc power Technology Co., Ltd A1209XT-1W Datasheet HTML 5Page - Microdc power Technology Co., Ltd A1209XT-1W Datasheet HTML 6Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
A
A
A
A
A
A
A
A-XT-1W
-XT-1W
-XT-1W
-XT-1W
-XT-1W
-XT-1W
-XT-1W
-XT-1W Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 3 of 6
Application
Application
Application
Application
Application
Application
Application
Application Notes
Notes
Notes
Notes
Notes
Notes
Notes
Notes
Minimum
Minimum
Minimum
Minimum load
load
load
load
The minimum load to meet datasheet specification is 10% of the full rated load across the specified input voltage range. Lower than 10% minimum loading will result in an
increase in output voltage, which may rise to typically double the specified output voltage if the output load falls to less than 5%.
Capacitive
Capacitive
Capacitive
Capacitive loading
loading
loading
loading and
and
and
and start
start
start
start up
up
up
up
Typical start up times for this series, with a typical input voltage rise time of 2.2μs and output capacitance of 10μF, are shown in the table below. The product series will start
into a capacitance of 47μF with an increased start time, however, the maximum recommended output capacitance is 10μF.
Start-up time
Start-up time
μs
μs
A0303XT
1630
A0509XT
6850
A0305XT
1359
A0512XT
11560
A0309XT
3435
A0515XT
15640
A0312XT
6590
A1205XT
1154
A0315XT
25340
A1209XT
4050
A0503XT
1599
A1212XT
7995
A0505XT
2185
A1215XT
11200
A0305NXT
1395
Ripple
Ripple
Ripple
Ripple &
&
&
& Noise
Noise
Noise
Noise Characterisation
Characterisation
Characterisation
Characterisation Method
Method
Method
Method
Ripple and noise measurements are performed with the following test configuration.
C1
1μF X7R multilayer ceramic capacitor, voltage rating to be a minimum of 3 times the output voltage of the DC/DC converter
C2
10μF tantalum capacitor, voltage rating to be a minimum of 1.5 times the output voltage of the DC/DC converter with an ESR of less
than 100mΩ at 100 kHz
C3
100nF multilayer ceramic capacitor, general purpose
R1
450Ω resistor, carbon fi lm, ±1% tolerance
R2
50Ω BNC termination
T1
3T of the coax cable through a ferrite toroid
RLOAD
Resistive load to the maximum power rating of the DC/DC converter. Connections should be made via twisted wires
Measured values are multiplied by 10 to obtain the specified values.
Differential
Differential
Differential
Differential Mode
Mode
Mode
Mode Noise
Noise
Noise
Noise Test
Test
Test
Test Schematic
Schematic
Schematic
Schematic


Similar Part No. - A1209XT-1W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
A1209XT-1WR2 MORNSUN-A1209XT-1WR2 Datasheet
314Kb / 4P
   DC/DC Converter
A1209XT-1WR2 MORNSUN-A1209XT-1WR2 Datasheet
334Kb / 5P
   DC/DC Converter
A1209XT-1WR2 MORNSUN-A1209XT-1WR2 Datasheet
758Kb / 5P
   UNREGULATED DUAL OUTPUT
A1209XT-1WR2 MORNSUN-A1209XT-1WR2 Datasheet
266Kb / 5P
   DC/DC Converter
More results

Similar Description - A1209XT-1W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
B-NXT-1W MICRODC-B-NXT-1W Datasheet
1Mb / 6P
   1W, FIXEDINPUT, ISOLATED SINGLEOUTPUTSMDC-DCCONVERTER
F-XT-1W MICRODC-F-XT-1W Datasheet
859Kb / 3P
   1W, FIXEDINPUT, ISOLATED SINGLE/DUALOUTPUTDC-DCCONVERTER
NTE-X MICRODC-NTE-X Datasheet
972Kb / 6P
   1W, FIXEDINPUT, ISOLATED SINGLEOUTPUTSMD DC-DCCONVERTER
MD-XD-6W MICRODC-MD-XD-6W Datasheet
930Kb / 3P
   6W, FIXEDINPUT ISOLATED & REGULATED TWINOUTPUTDIP24 DC-DCCONVERTER
NTA-X MICRODC-NTA-X Datasheet
1Mb / 6P
   1W, FIXEDINPUT, ISOLATED DUALOUTPUT SMD DC-DC CONVERTER
WRE-YS-1W MICRODC-WRE-YS-1W Datasheet
742Kb / 3P
   1W,WIDEINPUT,ISOLATED®ULATED DUAL/SINGLEOUTPUTDC-DCCONVERTER
WRB-YT-1W MICRODC-WRB-YT-1W Datasheet
1Mb / 5P
   1W,WIDE INPUT, ISOLATED & REGULATEDSINGLEOUTPUT DC/DCCONVERTER
D-XNM-1W MICRODC-D-XNM-1W Datasheet
580Kb / 3P
   1W,FIXED INPUT,1000V ISOLATED & UNREGULATEDTWINOUTPUTDC-DCCONVERTER
D-XM-1W MICRODC-D-XM-1W Datasheet
586Kb / 3P
   1W,FIXED INPUT,1000V ISOLATED & UNREGULATEDTWINOUTPUTDC-DCCONVERTER
D-NXT-1W MICRODC-D-NXT-1W Datasheet
557Kb / 3P
   1W,FIXEDINPUT, ISOLATED & UNREGULATEDTWIN OUTPUT ULTRAMINIATURESMD PACKAGE DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com