Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B2424XM-1W Datasheet(PDF) 1 Page - Microdc power Technology Co., Ltd

Part # B2424XM-1W
Description  Isolated 1W Single Output MICRO SIP4 DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

B2424XM-1W Datasheet(HTML) 1 Page - Microdc power Technology Co., Ltd

  B2424XM-1W Datasheet HTML 1Page - Microdc power Technology Co., Ltd B2424XM-1W Datasheet HTML 2Page - Microdc power Technology Co., Ltd B2424XM-1W Datasheet HTML 3Page - Microdc power Technology Co., Ltd B2424XM-1W Datasheet HTML 4Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
B
B
B
B
B
B
B
B-X
-X
-X
-X
-X
-X
-X
-XM
M
M
M
M
M
M
M-1W
-1W
-1W
-1W
-1W
-1W
-1W
-1WSeries
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 1 of 4
Order code
Input
Voltage
(V)
Output
Voltage
(V)
Output
Current
(MA)
Input Current
(Rated Load)
(MA)
Efficiency
(%)
Isolation
Capacitance
(PF)
MTTF1
(KHRS)
B0505XM-1W
5
5
200
289
69
30
3415
B0509XM-1W
5
9
111
260
77
37
3078
B0512XM-1W
5
12
83
256
78
33
2205
B0515XM-1W
5
15
66
250
80
40
1532
B0524XM-1W
5
24
42
248
80
48
900
B1205XM-1W
12
5
200
120
69
33
2493
B1209XM-1W
12
9
111
116
74
48
2311
B1212XM-1W
12
12
83
110
76
55
1780
B1215XM-1W
12
15
66
111
75
52
1313
B1224XM-1W
12
24
42
110
80
48
1002
B2405XM-1W
24
5
200
60
70
40
201
B2409XM-1W
24
9
111
55
75
59
185
B2412XM-1W
24
12
83
52
80
78
163
B2415XM-1W
24
15
66
52
80
79
136
B2424XM-1W
24
24
42
52
80
79
125
B4805XM-1W
48
5
200
30
70
32
213
B4809XM-1W
48
9
111
28
75
50
194
B4812XM-1W
48
12
83
26
80
76
164
B4815XM-1W
48
15
66
26
80
75
140
B4824XM-1W
48
24
42
25
80
75
138
1. Calculated using MIL-HDBK-217F with nominal input voltage at full load.
All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified.
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
B
B
B
B
B
B
B
B
05
05
05
05
05
05
05
05
05
05
05
05
05
05
05
05
X
X
X
X
X
X
X
X
M
M
M
M
M
M
M
M
--------1W
1W
1W
1W
1W
1W
1W
1W
①Product Series
②Input Voltage
③Output Voltage
④Fixed Input
⑤Mini SIP Package
⑥Rated Power
Isolated
Isolated
Isolated
Isolated 1W
1W
1W
1W Single
Single
Single
Single Output
Output
Output
Output MICRO
MICRO
MICRO
MICRO SIP4
SIP4
SIP4
SIP4 DC/DC
DC/DC
DC/DC
DC/DC Converters
Converters
Converters
Converters
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
Footprint from 0.69cm
2
I/O isolation voltage 1000VDC
Operating Temperature: -40℃~﹢85℃
High efficiency up to 80%
Fully encapsulated toroidal magnetics
Internal SMD construction
Power density up to 0.85W/cm
3
No electrolytic or tantalum capacitors
5V、9V、12V、15V and24V output
No heatsink required
Dual output from a single input rail
UL 94V-0 package material
No external compo nents required
Industry standard pinout
Power sharing on output
MTTF up to 3.4 million hours
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
MICRODC reserves the copyright
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION GUIDE
GUIDE
GUIDE
GUIDE
GUIDE
GUIDE
GUIDE
GUIDE
The B-XM-1W series of DC/DC converters is
particularly suited to isolating and/or converting
DC power rails. The galvanic isolation allows the
device to be configured to provide an isolated
negative rail in systems where only positive rails
exist. The wide temperature range guarantees
startup from -40°C and full 1 watt output at 85°C.
For lower ripple,refer to output ripple reduction
section.
Input
Input
Input
Input
Input
Input
Input
Input Characteristics
Characteristics
Characteristics
Characteristics
Characteristics
Characteristics
Characteristics
Characteristics
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage range
Continuous operation,5V input
4.5
5
5.5
VDC
Continuous operation,12V input
10.8
12
13.2
VDC
Continuous operation, 15V input
13.5
15
16.5
VDC
Continuous operation,24V input
21.6
24
26.4
VDC
Continuous operation,48V input
43.2
48
52.8
VDC
Reflected ripple current
20
40
mA p-p
Absolute
Absolute
Absolute
Absolute
Absolute
Absolute
Absolute
Absolute Maximum
Maximum
Maximum
Maximum
Maximum
Maximum
Maximum
Maximum Ratings
Ratings
Ratings
Ratings
Ratings
Ratings
Ratings
Ratings
Parameter
Conditions
Lead temperature 1.5mm from case for 10 seconds
300℃
Internal power dissipation
700mW
Input voltage V ,B05 types
7V
Input voltage Vin, B12 types
15V
Input voltage Vin, B15 types
18V
Input voltage Vin, B24 types
28V
Input voltage Vin, B48 types
54V


Similar Part No. - B2424XM-1W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
B2424XM MICRODC-B2424XM Datasheet
534Kb / 4P
   Isolated 1W Single Output MICRO SIP4 DC/DC Converters
B2424XMD MICRODC-B2424XMD Datasheet
378Kb / 3P
   1KV Isolated 1W unregulated single dual separated output DIP8 DC?껪C Converter
More results

Similar Description - B2424XM-1W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
B-XM MICRODC-B-XM Datasheet
534Kb / 4P
   Isolated 1W Single Output MICRO SIP4 DC/DC Converters
logo
Murata Power Solutions ...
CRE1 MURATA-PS-CRE1 Datasheet
549Kb / 14P
   Isolated 1W Single Output Isolated DC-DC Converters
logo
C&D Technologies
NME CANDD-NME Datasheet
120Kb / 2P
   Isolated 1W Single Output DC-DC Converters
logo
Microdc power Technolog...
B-XN1S-1W MICRODC-B-XN1S-1W Datasheet
1Mb / 5P
   Isolated 1W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPE1-3KVDC TOPPOWER-TPE1-3KVDC Datasheet
188Kb / 3P
   1W Isolated Single Output DC/DC Converters
logo
Murata Manufacturing Co...
NMR MURATA-NMR_12 Datasheet
209Kb / 5P
   Isolated 1W Single Output DC/DC Converters
NME0505DC MURATA-NME0505DC Datasheet
188Kb / 5P
   Isolated 1W Single Output DC/DC Converters
logo
Microdc power Technolog...
B-XD MICRODC-B-XD Datasheet
713Kb / 4P
   Isolated 1W Single Output DC/DC Converters
B-XN2S-1W MICRODC-B-XN2S-1W Datasheet
1Mb / 5P
   Isolated 1W Single Output DC/DC Converters
B0303XLS-1W MICRODC-B0303XLS-1W Datasheet
1Mb / 4P
   Isolated 1W Single Output DC/DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com