Electronic Components Datasheet Search
Selected language     English  ▼


H-XS-1W Datasheet(PDF) 1 Page - Microdc power Technology Co., Ltd

Part No. H-XS-1W
Description  Isolated 1W Single&Dual Output DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICRODC [Microdc power Technology Co., Ltd]
Homepage  http://www.microdc.cn/
Logo 

   
 1 page
background image
H
H
H
H
H
H
H
H-X
-X
-X
-X
-X
-X
-X
-XS
S
S
S
S
S
S
S----
----1
1
1
1
1
1
1
1W
W
W
W
W
W
W
W&G
&G
&G
&G
&G
&G
&G
&G-X
-X
-X
-X
-X
-X
-X
-XS
S
S
S
S
S
S
S----
----1
1
1
1
1
1
1
1W
W
W
W
W
W
W
W S
Series
eries
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 1 of 4
Order code
Input
Voltage
(V)
Output
Voltage
(V)
Output
Current
(MA)
Ripple&Noise2
(MA)
Efficiency
(%)
Isolationt
Capacitane
(PF)
MTTF1
(KHRS)
G0505XS-1W
5
±5
±100
40
60
3.0
4950
G0509XS-1W
5
±9
±55
30
65
3.0
3832
G0512XS-1W
5
±12
±42
20
65
3.0
2770
G0515XS-1W
5
±15
±33
20
65
3.0
1903
G1205XS-1W
12
±5
±100
40
60
3.0
3688
G1209XS-1W
12
±9
±55
30
65
3.0
3029
G1212XS-1W
12
±12
±42
20
65
3.0
2324
G1215XS-1W
12
±15
±33
20
65
3.0
1682
H0303XS-1W
3.3
3.3
303
70
66
3.0
13780
H0503XS-1W
5
3.3
303
60
64
3.0
13460
H0505XS-1W
5
5
200
50
68
3.0
13360
H0509XS-1W
5
9
111
50
72
3.0
12700
H0512XS-1W
5
12
83
50
71
3.0
11490
H0515XS-1W
5
15
66
50
71
3.0
9980
H1205XS-1W
12
5
200
50
69
3.0
8447
H1209XS-1W
12
9
111
50
73
3.0
8176
H1212XS-1W
12
12
83
50
73
3.0
7660
H1215XS-1W
12
15
66
50
74
3.0
6950
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
H
H
H
H
H
H
H
H
05
05
05
05
05
05
05
05
05
05
05
05
05
05
05
05
X
X
X
X
X
X
X
X
S
S
S
S
S
S
S
S
--------1
1
1
1
1
1
1
1W
W
W
W
W
W
W
W
①Product Series
②Input Voltage
③Output Voltage
④Fixed Input
⑤SIP Package
⑥Rated Power
Isolated 1W Single&Dual Output DC/DC Converters
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
RoHS compliant
Efficiency up to 80%
Power density up to 0.42W/cm3
Wide temperature performance at full
1 Watt load,-40°C to 85 °C
Single and dual output
UV 94V-0 package material
No heatsink required
3.3V,5V,12V input
Industry standard pinout
Footprint 1.91cm2
6KVDC isolation
3.3V,5V,9V,12V and 15V output
Internal SMD construction
Fully encapsulated with toroidal Magnetics
No external components required
MTTF up to 13 million hours
No electrolytic or tantalum capacitors
Custom solutions available
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION GUIDE
GUIDE
GUIDE
GUIDE
GUIDE
GUIDE
GUIDE
GUIDE
The
H_XS-1W&G_XS-1W series are dual and single output
DC/DC converters in a 7 pin SIP package style offering pin and
functionality compatibility with the E series SIP DC/DC
converters.
The H_XS-1W&G_XS-1W series is Ul60950 recognized and
suitable for applications where safety and miniaturisation are of
paramount importance.Isolation barrier approved for
supplementary/reinforced insulation.
ABSOLUTE
ABSOLUTE
ABSOLUTE
ABSOLUTE
ABSOLUTE
ABSOLUTE
ABSOLUTE
ABSOLUTE MAXIMUM
MAXIMUM
MAXIMUM
MAXIMUM
MAXIMUM
MAXIMUM
MAXIMUM
MAXIMUM RATINGS
RATINGS
RATINGS
RATINGS
RATINGS
RATINGS
RATINGS
RATINGS
Short-circuit protection3
1 second
Lead temperature 1.5mm from case for 10 seconds
300°C
Input voltage VIN,H/G03 types
5V
Input voltage VIN,H/G05 types
7V
Input voltage VIN,H/G12 types
15V
1.Calculated using MIL-HDBK-217FN2 calculation model with nominal input voltage at full load.
2.See
ripple & noise
test
method.
3.Supply
voltage
must
be
disconnected
at
the
end
of
the
short
circuit
duration.
All specifications typical at TA=25°C,nominal input voltage and rated output current unless otherwise
specified.
Parameter
Conditions
Min.
Typ.
Max
Units
Voltage range
Continuous operation,3V input types
2.97
3.3
3.63
V
Continuous operation,5V input types
4.5
5
5.5
Continuous operation,12V input types
10.8
12
13.2
INPUT
INPUT
INPUT
INPUT
INPUT
INPUT
INPUT
INPUT CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
MICRODC reserves the copyright




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl