Selected language     English  ▼


H-XS-2W Datasheet(PDF) 1 Page - Microdc power Technology Co., Ltd

Part No. H-XS-2W
Description  FIXED INPUT,ISOLATED&UNREGULATED Single∕Dual Output DC∕DC Converter
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICRODC [Microdc power Technology Co., Ltd]
Homepage  http://www.microdc.cn/
Logo 

   
 1 page
background image
H
H
H
H
H
H
H
H-X
-X
-X
-X
-X
-X
-X
-XS
S
S
S
S
S
S
S----
----2
2
2
2
2
2
2
2W
W
W
W
W
W
W
W&G
&G
&G
&G
&G
&G
&G
&G-X
-X
-X
-X
-X
-X
-X
-XS
S
S
S
S
S
S
S----
----2
2
2
2
2
2
2
2W
W
W
W
W
W
W
W S
Series
eries
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 1 of 2
Order code
Input
Output
Efficiency
(%,Typ)
Switching
Frequency
(KHz,Typ)
Voltage(VDC)
Voltage
(VDC)
Current
Nominal
Range
Max
Min
G0505XS-2W
5
4.5-5.5
±5
±200
±20
74
84
G0509XS-2W
5
4.5-5.5
±9
±111
±12
77
81
G0512XS-2W
5
4.5-5.5
±12
±83
±9
77
82
G0515XS-2W
5
4.5-5.5
±15
±67
±7
77
83
H0505XS-2W
5
4.5-5.5
5
400
40
74
180
H0509XS-2W
5
4.5-5.5
9
222
23
77
150
H0512XS-2W
5
4.5-5.5
12
167
17
77
84
H0515XS-2W
5
4.5-5.5
15
133
14
77
83
G1205XS-2W
12
10.8-13.
±5
±200
±20
75
82
G1209XS-2W
12
10.8-13.
±9
±111
±12
78
83
G1212XS-2W
12
10.8-13.
±12
±83
±9
80
180
G1215XS-2W
12
10.8-13.
±15
±67
±7
78
150
H1205XS-2W
12
10.8-13.
5
400
40
75
80
H1209XS-2W
12
10.8-13.
9
222
23
78
85
H1212XS-2W
12
10.8-13.
12
167
17
80
87
H1215XS-2W
12
10.8-13.
15
133
14
78
84
G2405XS-2W
24
21.6-26.
±5
±200
±20
75
180
G2409XS-2W
24
21.6-26.
±9
±111
±12
77
150
G2412XS-2W
24
21.6-26.
±12
±83
±9
80
82
G2415XS-2W
24
21.6-26.
±15
±67
±7
79
80
H2405XS-2W
24
21.6-26.
5
400
40
75
78
H2409XS-2W
24
21.6-26.
9
222
23
77
80
H2412XS-2W
24
21.6-26.
12
167
17
80
180
H2415XS-2W
24
21.6-26.
15
133
14
74
150
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
H
H
H
H
H
H
H
H
05
05
05
05
05
05
05
05
05
05
05
05
05
05
05
05
X
X
X
X
X
X
X
X
S
S
S
S
S
S
S
S
--------2
2
2
2
2
2
2
2W
W
W
W
W
W
W
W
①Product Series
②Input Voltage
③Output Voltage
④Fixed Input
⑤SIP Package
⑥Rated Power
FIXED INPUT,ISOLATED&UNREGULATED Single∕Dual Output DC∕DC Converter
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
RoHS compliant
Efficiency up to 80%
SIP Package
Wide temperature performance at full
2 Watt load,-40°C to 85 °C
UL 94V-0 package material
No heatsink required
LOW Isolation Capacitance
Industry standard pinout
Power sharing on output
6KVDC isolation
Continuous Short Circuit Protection
Internal SMD construction
No external components required
Good dynamic feature
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
MICRODC reserves the copyright
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION GUIDE
GUIDE
GUIDE
GUIDE
GUIDE
GUIDE
GUIDE
GUIDE
The H_XS-2W&G_XS-2W series are specially
designed for applications where a group of polar power
supplies are isolated from the input power supply in a
distributed power supply system on a circuit board.
These products apply to:
1) where the voltage of the input power supply is fixed
(voltage variation ≤±10%);
2) where isolation is necessary between input and
output (isolation voltage ≤6000VDC);
3) where the regulation of the output voltage and the
output ripple noise are not demanded.
Such as: purely digital circuits,ordinary low
frequency analog circuits,and 1GBT power device
driving circuits.
OUTPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
Parameter
Test conditions
Min
Typ.
Max
Unit
Output power
0.2
2
W
Line regulation
For Vin change of ±1%
±1.2
%
Load regulation
10% to 100% full load(5V output)
10
15
10% to 100% full load(9V output)
8.3
15
10% to 100% full load(12V output)
6.8
15
10% to 100% full load(15V output)
6.3
15
Output voltage accuracy
See tolerance envelope graph
Temperature drift
100% full load
±0.03
%/°C
Output Ripple&Noise
20MHz Bandwidth
150
250
MV p-p
Switching frequency
Full load,nominal input
(5V input)
45
Khz
(12V/24v input)
50
* Test ripple and noise by "parallel cable" method. See detailed operation instructions at Testing of Power
Converter section, application notes.
Note: Dual output models unbalanced load: ±5%.
ISOLATION
ISOLATION
ISOLATION
ISOLATION
ISOLATION
ISOLATION
ISOLATION
ISOLATION SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
Parameter
Test conditions
Min.
Typ.
Max
Unit
Isolation test voltage
Flash tested for 1 minute and 1mA
6000
VDC
Isolation resistance
Test at Viso=500VDC(Vin/Vout)
1000
Isolation capacitance
10
PF




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl