Selected language     English  ▼


G0515XD-2W Datasheet(PDF) 2 Page - Microdc power Technology Co., Ltd

Part No. G0515XD-2W
Description  FIXED INPUT,ISOLATED&UNREGULATED Single∕Dual Output DC∕DC Converter
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICRODC [Microdc power Technology Co., Ltd]
Homepage  http://www.microdc.cn/
Logo 

   
 2 page
background image
H
H
H
H
H
H
H
H-X
-X
-X
-X
-X
-X
-X
-XD
D
D
D
D
D
D
D----
----2
2
2
2
2
2
2
2W
W
W
W
W
W
W
W&G
&G
&G
&G
&G
&G
&G
&G-X
-X
-X
-X
-X
-X
-X
-XD
D
D
D
D
D
D
D----
----2
2
2
2
2
2
2
2W
W
W
W
W
W
W
W S
Series
eries
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 2 of 2
OUTPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
Item
Item
Item
Item
Test
Test
Test
Test conditions
conditions
conditions
conditions
Min.
Min.
Min.
Min.
Typ.
Typ.
Typ.
Typ.
Max.
Max.
Max.
Max.
Units
Units
Units
Units
Output power
0.2
2
W
Line regulat ion
For Vin change of 1%
±1.2
%
Load regulation
10% to 100%
load
5V output
10
15
9V output
8.3
15
12V output
6.8
15
15V output
6.3
15
Output voltage accuracy
See tolerance envelope graph
Temperature drift
100% full load
0.03
%/℃
Ripple & Noise*
20MHz Bandwidth
150
250
mVp-p
Switching frequency
Full load,
nominal input
5V input
35
KHz
12V,24V input
50
*Test
ripple and noise by
"parallel cable"method. See detailed operation instructions at Testing of
Power Converter section, application notes.
Note: Dual output models unbalanced load: ±5%
TYPICAL
TYPICAL
TYPICAL
TYPICAL
TYPICAL
TYPICAL
TYPICAL
TYPICAL CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
OUTLINE
OUTLINE
OUTLINE
OUTLINE
OUTLINE
OUTLINE
OUTLINE
OUTLINE DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS &
&
&
&
&
&
&
& PIN
PIN
PIN
PIN
PIN
PIN
PIN
PIN CONNECTIONS
CONNECTIONS
CONNECTIONS
CONNECTIONS
CONNECTIONS
CONNECTIONS
CONNECTIONS
CONNECTIONS
Recommended
Recommended
Recommended
Recommended testing
testing
testing
testing and
and
and
and application
application
application
application circuit
circuit
circuit
circuit
If
you
want to further decrease the input/output ripple, an“LC“filtering
network may be connected
to
the input and output ends
of
the
DC/DC
converter, see(Figure 1)
(Figure 1)
It should
also be
noted
that
the
inductance and the frequency
of
the “LC“ filtering
network
should be
staggered
with
the
DC/DC
frequency
to
avoid mutual
interference. However, the
capacitance
of
the
output
filter
capacitor
must
be
proper.
If
the capacitance
is
too big, a startup
problem
might arise. For
every
channel
of
output,
provided
the safe
and
reliable
operation
is
ensured, the
greatest
capacitance
of
its
filter
capacitor
sees (Table 1).
EXTERNAL
EXTERNAL
EXTERNAL
EXTERNAL CAPACITOR
CAPACITOR
CAPACITOR
CAPACITOR TABLE
TABLE
TABLE
TABLE (Table
(Table
(Table
(Table 1)
1)
1)
1)
Vin
Vin
Vin
Vin
Cin
Cin
Cin
Cin
Single
Single
Single
Single Vout
Vout
Vout
Vout
Cout
Cout
Cout
Cout
Dual
Dual
Dual
Dual Vou
Vou
Vou
Vou
Cout
Cout
Cout
Cout
(VDC)
(μF)
(VDC)
(μF)
(VDC)
(μF)
5
4.7
5
10
±5
4.7
12
2.2
9
4.7
±9
2.2
24
1
12
2.2
±12
1
--
--
15
1
±15
1
It's not recommend to connect any external capacitor in the application field
with less than 0.5 watt output.
Output
Output
Output
Output Voltage
Voltage
Voltage
Voltage Regulation
Regulation
Regulation
Regulation and
and
and
and Over-voltage
Over-voltage
Over-voltage
Over-voltage Protection
Protection
Protection
Protection Circuit
Circuit
Circuit
Circuit
The simplest device for output voltage regulation, over-voltage and
over-current protection is a linear voltage regulator with overheat
protection
th a t is co n n e ct e d to th e in p u t or ou tp u t en d in se r i e s (F i g u r e 2) .
Overload
Overload
Overload
Overload Protection
Protection
Protection
Protection
Under
normal
operating
conditions,
the
output circuit of
these
products has no protection against overload.
The
simplest
method
is
to
connect
a self-recovery fuse in series at the input end or add a circuit
breaker to the circuit.
No
No
No
No parallel
parallel
parallel
parallel connection
connection
connection
connection or
or
or
or plug
plug
plug
plug and
and
and
and play.
play.
play.
play.
Note:
1. All specifications measured at Ta=25℃, humidity<75%,nominal
input
voltage
and
rated
output
load
unless otherwise specified.
2.
Only
typical
models
listed,
other
models
may
be different,
please
contact our
technical person
for more details.
3.
Operation
under
minimum
load
will
not
damage
the
converter; However, they may not meet all specification listed.
Microdc
Microdc
Microdc
Microdc Professional
Professional
Professional
Professional Power
Power
Power
Power Module,Inc.
Module,Inc.
Module,Inc.
Module,Inc.
Tel:0086-20-86000646
E-mail:tech@microdc.cn
Website:http://www.microdc.cn
RoHS
RoHS
RoHS
RoHS COMPLIANT
COMPLIANT
COMPLIANT
COMPLIANT INFORMATION
INFORMATION
INFORMATION
INFORMATION
This series is compatible with RoHS soldering systems with a peak wave solder temperature
of 300°C for 10 seconds.
The pin termination finish on the SIP package type is Tin Plate, Hot Dipped over Matte Tin
with Nickel Preplate. The DIP types are Matte Tin over Nickel Preplate. Both types in this
series are backward compatible with Sn/Pb soldering systems.
REACH
REACH
REACH
REACH COMPLIANT
COMPLIANT
COMPLIANT
COMPLIANT INFORMATION
INFORMATION
INFORMATION
INFORMATION
This series has proven that this product does not contain harmful chemicals, it also has
harmful chemical substances through the registration, inspection and approval.




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl