Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IE-XS-1W Datasheet(PDF) 1 Page - Microdc power Technology Co., Ltd

Part # IE-XS-1W
Description  FIXED INPUT,ISOLATED & REGULATED Dual Output DC/DC Converter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

IE-XS-1W Datasheet(HTML) 1 Page - Microdc power Technology Co., Ltd

  IE-XS-1W Datasheet HTML 1Page - Microdc power Technology Co., Ltd IE-XS-1W Datasheet HTML 2Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
IE
IE
IE
IE
IE
IE
IE
IE-X
-X
-X
-X
-X
-X
-X
-XS
S
S
S
S
S
S
S----
----1
1
1
1
1
1
1
1W
W
W
W
W
W
W
W S
Series
eries
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 1 of 2
Order code
Input
Output
Efficiency
(%,Typ)
Switching
Frequency
(KHz,Typ)
Voltage(VDC)
Voltage
(VDC)
Current(MA)
Nominal
Range
Max
Min
IE0505XS-1W
5
4.75-5.25
±5
±100
±10
69
83
IE0509XS-1W
5
4.75-5.25
±9
±56
±6
61
83
IE0512XS-1W
5
4.75-5.25
±12
±42
±5
62
83
IE0515XS-1W
5
4.75-5.25
±15
±33
±4
64
250
IE1205XS-1W
12
11.4-12.6
±5
±100
±10
72
100
IE1209XS-1W
12
11.4-12.6
±9
±56
±6
61
83
IE1212XS-1W
12
11.4-12.6
±12
±42
±5
63
83
IE1215XS-1W
12
11.4-12.6
±15
±33
±4
64
83
IE2405XS-1W
24
22.8-25.2
±5
±100
±10
72
83
IE2409XS-1W
24
22.8-25.2
±9
±56
±6
60
83
IE2412XS-1W
24
22.8-25.2
±12
±42
±5
63
83
IE2415XS-1W
24
22.8-25.2
±15
±33
±4
64
300
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
IE
IE
IE
IE
IE
IE
IE
IE
05
05
05
05
05
05
05
05
05
05
05
05
05
05
05
05
X
X
X
X
X
X
X
X
S
S
S
S
S
S
S
S
--------1
1
1
1
1
1
1
1W
W
W
W
W
W
W
W
①Product Series
②Input Voltage
③Output Voltage
④Fixed Input
⑤SIP Package
⑥Rated Power
FIXED INPUT,ISOLATED & REGULATED Dual Output DC/DC Converter
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
RoHS compliant
Efficiency up to 86%
SIP Package
Wide temperature performance at full
1 Watt load,-40°C to 85°C
UL 94V-0 package material
No heatsink required
Low ripple and good EMC Features
Industry standard pinout
Power sharing on output
3KVDC isolation
Continuous Short Circuit Protection
Internal SMD construction
No external components required
Good dynamic feature
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION GUIDE
GUIDE
GUIDE
GUIDE
GUIDE
GUIDE
GUIDE
GUIDE
MICRODC reserves the copyright
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
The IE_XS-1W series are specially designed for applications
where a group of polar power supplies are isolated from the
input power supply in a distributed power supply system on a
circuit board.
These products apply to:
1) where the voltage of the input power supply is fixed
(voltage variation ≤±5%);
2) where isolation is necessary between input and output
(isolation voltage ≤3000VDC);
3) where the regulation of the output voltage and the output
ripple noise are demanded.
OUTPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
Parameter
Test conditions
Min
Typ.
Max.
Units
Output power
0.1
1
W
Line regulation
For Vin change of ±5%
±0.25
%
Load regulation
10% to 100% full load
±1
%
Output voltage accuracy
100% full load
±3
%
Temperature drift
100% full load
0.03
%/°C
Output Ripple*
20MHz Bandwidth
10
20
MV p-p
Output Noise*
20MHz Bandwidth
50
100
MV p-p
Switching frequency
Full load,nominal input
100
Khz
* Test ripple and noise by "parallel cable" method. See detailed operation instructions at Testing of Power
Converter section, application notes.
ISOLATION
ISOLATION
ISOLATION
ISOLATION
ISOLATION
ISOLATION
ISOLATION
ISOLATION SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
Parameter
Test conditions
Min.
Typ.
Max.
Units
Isolation test voltage
Flash tested for 1 minute and 1mA max
3000
VDC
Isolation resistance
Test at Viso=500VDC
1000


Similar Part No. - IE-XS-1W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
IE-XS-2W MICRODC-IE-XS-2W Datasheet
719Kb / 2P
   FIXED INPUT,ISOLATED & REGULATED Dual Output DC/DC Converter
More results

Similar Description - IE-XS-1W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
E-XSR MICRODC-E-XSR Datasheet
389Kb / 2P
   FIXED INPUT,ISOLATED REGULATED Dual Output DC/DC Converter
IE-XS-2W MICRODC-IE-XS-2W Datasheet
719Kb / 2P
   FIXED INPUT,ISOLATED & REGULATED Dual Output DC/DC Converter
2E-XSR MICRODC-2E-XSR Datasheet
401Kb / 2P
   FIXED INPUT,ISOLATED REGULATED Dual Output DC/DC Converter
logo
MORNSUN Science& Techno...
IA0505S-1W5 MORNSUN-IA0505S-1W5 Datasheet
360Kb / 3P
   2W, FIXED INPUT, ISOLATED & REGULATED DUAL OUTPUT DC-DC CONVERTER
IA0512WS-1W5 MORNSUN-IA0512WS-1W5 Datasheet
241Kb / 2P
   1.5W, FIXED INPUT, ISOLATED& REGULATED DUAL OUTPUT DC-DC CONVERTER
logo
Microdc power Technolog...
IF-XS-2W MICRODC-IF-XS-2W Datasheet
467Kb / 2P
   FIXED INPUT,ISOLATED & REGULATED Single Output DC/DC Converter
F-XSR MICRODC-F-XSR Datasheet
455Kb / 2P
   FIXED INPUT,ISOLATED®ULATED Single Output DC/DC Converter
IB-XLS-1W MICRODC-IB-XLS-1W Datasheet
653Kb / 2P
   FIXED INPUT,ISOLATED & REGULATED Single Output DC/DC Converter
IB-XS-2W MICRODC-IB-XS-2W Datasheet
631Kb / 2P
   FIXED INPUT,ISOLATED & REGULATED Single Output DC/DC Converter
IB0505XS-2W MICRODC-IB0505XS-2W Datasheet
389Kb / 2P
   FIXED INPUT,ISOLATED®ULATED Single Output DC/DC Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com