Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IA1209XS-2W Datasheet(PDF) 2 Page - Microdc power Technology Co., Ltd

Part # IA1209XS-2W
Description  FIXED INPUT,ISOLATED & REGULATED Dual Output DC/DC Converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

IA1209XS-2W Datasheet(HTML) 2 Page - Microdc power Technology Co., Ltd

  IA1209XS-2W Datasheet HTML 1Page - Microdc power Technology Co., Ltd IA1209XS-2W Datasheet HTML 2Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IA
IA
IA
IA
IA
IA
IA
IA-X
-X
-X
-X
-X
-X
-X
-XS
S
S
S
S
S
S
S----
----2
2
2
2
2
2
2
2W
W
W
W
W
W
W
W S
Series
eries
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 2 of 2
TEMPERATURE
TEMPERATURE
TEMPERATURE
TEMPERATURE
TEMPERATURE
TEMPERATURE
TEMPERATURE
TEMPERATURE CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
Parameter
Parameter
Parameter
Parameter
Conditions
Conditions
Conditions
Conditions
Min.
Min.
Min.
Min.
Typ.
Typ.
Typ.
Typ.
Max.
Max.
Max.
Max.
Units
Units
Units
Units
Storage humidity range
95
%
Operating temperature
-40
80
°C
Storage temperature
-55
125
°C
Lead temperature
1.5mm from case for 10 seconds
30
°C
Temp.rise at full load
20
300
°C
Cooling
Free air convection
Case material
Plastic(UL94-V0)
Short circuit protection
05V output
Continuous
Others*
1
S
MTBF
3500
K hours
Weight
5.2
g
*Supply voltage must be discontinued at the end of short circuit duration.
Recommended
Recommended
Recommended
Recommended circuit
circuit
circuit
circuit
To get an extreme low ripple,an "LC" filtering network
may be connected to the input and output ends of the
DC/DC converter, which may produce a more significant
filtering effect. It should also be noted that the
inductance and the frequency of the "LC" filtering
network should be staggered with the DC/DC frequency
to avoid mutual interference (see figure 1).
In some circuits which are sensitive to noise and ripple,
a filtering capacitor may be added to the DC/DC output
end and input end to reduce the noise and ripple.
However, the capacitance of the output filter capacitor
must be proper. If the capacitance is too big, a startup
problem might arise. For every channel of output,
provided the safe and reliable operation is ensured, the
greatest capacitance of its filter capacitor sees the
EXTERNAL CAPACITOR TABLE (see Table 1).
EXTERNAL
EXTERNAL
EXTERNAL
EXTERNAL CAPACITOR
CAPACITOR
CAPACITOR
CAPACITOR TABLE
TABLE
TABLE
TABLE (TABLE
(TABLE
(TABLE
(TABLE 1)
1)
1)
1)
Vin
Vin
Cin
Cin
Vout
Vout
Cout
Cout
(VDC)
(μF)
(VDC)
(μF)
5
4.7
±5
4.7
12
2.2
±9
2.2
24
0.47
±12
1
-
-
±15
0.47
It's not recommend to connect any external capacitor in
the application field with less than 0.5 watt output.
Input
Input
Input
Input Over-voltage
Over-voltage
Over-voltage
Over-voltage Protection
Protection
Protection
Protection Circuit
Circuit
Circuit
Circuit
The simplest device for input over-voltage protection is
a linear voltage regulator with overheat protection that is
connected to the input end in series (Figure 2).
When the environment temperature is higher than 71°C,
the product output power should be less then 60% of the
rated power.
No parallel connection or plug and play.
Use dual output simultaneously, forbid opening output
pin (0V) to use as single output.
TYPICAL
TYPICAL
TYPICAL
TYPICAL
TYPICAL
TYPICAL
TYPICAL
TYPICAL CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
Temperature
Temperature
Temperature
Temperature Derating
Derating
Derating
Derating Graph
Graph
Graph
Graph
OUTLINE
OUTLINE
OUTLINE
OUTLINE
OUTLINE
OUTLINE
OUTLINE
OUTLINE DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS &
&
&
&
&
&
&
& PIN
PIN
PIN
PIN
PIN
PIN
PIN
PIN CONNECTIONS
CONNECTIONS
CONNECTIONS
CONNECTIONS
CONNECTIONS
CONNECTIONS
CONNECTIONS
CONNECTIONS
SIZE
SIZE
SIZE
SIZE Graph
Graph
Graph
Graph
Note:
Unit:mm(inch)
Pin section:0.50*0.3mm(0.020*0.012inch)
Pin section tolerances:
0.10mm(
0.004inch)
General tolerances:
0.25mm(
0.010inch)
RECOMMENDED FOOTPRINT
Top view,grid:2.54mm(0.1inch)
diameter:1.00mm(0.039inch)
All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise
specified.Another 24V products, please inquire Our technical department!
Requirement
Requirement
Requirement
Requirement on
on
on
on output
output
output
output load
load
load
load
To ensure this module can operate efficiently and reliably, During operation, the minimum output load is
not less than 10% of the full load, and that this product should never be operated under no load! If the
actual output power is very small, please connect a resistor with proper resistance at the output end in
parallel to increase the load.or use our company's products with a lower rated output power (IA_XS-1W
series).
Microdc Professional Power Module,Inc.
Tel:0086-20-86000646
E-mail:tech@microdc.cn
Website:http://www.microdc.cn
RoHS
RoHS
RoHS
RoHS COMPLIANT
COMPLIANT
COMPLIANT
COMPLIANT INFORMATION
INFORMATION
INFORMATION
INFORMATION
This series is compatible with RoHS soldering systems with a peak wave solder temperature
of 300°C for 10 seconds.
The pin termination finish on the SIP package type is Tin Plate, Hot Dipped over Matte Tin
with Nickel Preplate. The DIP types are Matte Tin over Nickel Preplate. Both types in this
series are backward compatible with Sn/Pb soldering systems.
REACH
REACH
REACH
REACH COMPLIANT
COMPLIANT
COMPLIANT
COMPLIANT INFORMATION
INFORMATION
INFORMATION
INFORMATION
This series has proven that this product does not contain harmful chemicals, it also has
harmful chemical substances through the registration, inspection and approval.
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT DETAILS
DETAILS
DETAILS
DETAILS
DETAILS
DETAILS
DETAILS
DETAILS
Pin
Pin
Pin
Pin
Function
Function
Function
Function
1
VIN
2
GND
7
+V0
9
-V0
10
0V


Similar Part No. - IA1209XS-2W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
IA1209XS-1W MICRODC-IA1209XS-1W Datasheet
671Kb / 2P
   FIXED INPUT,ISOLATED & REGULATED Dual Output DC/DC Converters
More results

Similar Description - IA1209XS-2W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
2A-XSR MICRODC-2A-XSR Datasheet
351Kb / 2P
   FIXED INPUT,ISOLATED REGULATED Dual Output DC/DC Converters
IA-XS-1W MICRODC-IA-XS-1W Datasheet
671Kb / 2P
   FIXED INPUT,ISOLATED & REGULATED Dual Output DC/DC Converters
IE-XS-2W MICRODC-IE-XS-2W Datasheet
719Kb / 2P
   FIXED INPUT,ISOLATED & REGULATED Dual Output DC/DC Converter
E-XSR MICRODC-E-XSR Datasheet
389Kb / 2P
   FIXED INPUT,ISOLATED REGULATED Dual Output DC/DC Converter
2E-XSR MICRODC-2E-XSR Datasheet
401Kb / 2P
   FIXED INPUT,ISOLATED REGULATED Dual Output DC/DC Converter
IE-XS-1W MICRODC-IE-XS-1W Datasheet
680Kb / 2P
   FIXED INPUT,ISOLATED & REGULATED Dual Output DC/DC Converter
logo
MORNSUN Science& Techno...
IA0505S-1W5 MORNSUN-IA0505S-1W5 Datasheet
360Kb / 3P
   2W, FIXED INPUT, ISOLATED & REGULATED DUAL OUTPUT DC-DC CONVERTER
IA0512WS-1W5 MORNSUN-IA0512WS-1W5 Datasheet
241Kb / 2P
   1.5W, FIXED INPUT, ISOLATED& REGULATED DUAL OUTPUT DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
1T16WE GAPTEC-1T16WE Datasheet
851Kb / 3P
   1W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Regulated
logo
Microdc power Technolog...
IF-XS-2W MICRODC-IF-XS-2W Datasheet
467Kb / 2P
   FIXED INPUT,ISOLATED & REGULATED Single Output DC/DC Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com