Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F1218XMD-1W Datasheet(PDF) 1 Page - Microdc power Technology Co., Ltd

Part # F1218XMD-1W
Description  3KV ISOLATED 1 W UNREGULATED SINGLE OUTPUT DIP8 DC/DC Converter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

F1218XMD-1W Datasheet(HTML) 1 Page - Microdc power Technology Co., Ltd

  F1218XMD-1W Datasheet HTML 1Page - Microdc power Technology Co., Ltd F1218XMD-1W Datasheet HTML 2Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
F
F
F
F
F
F
F
F-X
-X
-X
-X
-X
-X
-X
-XMD
MD
MD
MD
MD
MD
MD
MD----
----1
1
1
1
1
1
1
1W
W
W
W
W
W
W
W S
Series
eries
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 1 of 2
Order code
Input
Output
Isolation
(VDC)
Max
Capacitive
Load(µF)
Efficiency
(%,Typ)
Voltage
(VDC)
Voltage
(VDC)
Current
(max.mA)
F0303XMD-1W
3.0-3.6
3.3
303
3000
220
72
F0305XMD-1W
3.0-3.6
5
200
3000
220
75
F0309XMD-1W
3.0-3.6
9
111
3000
220
74
F0312XMD-1W
3.0-3.6
12
83
3000
220
76
F0315XMD-1W
3.0-3.6
15
66
3000
220
77
F0503XMD-1W
4.5-5.5
3.3
300
3000
220
72
F0505XMD-1W
4.5-5.5
5
200
3000
220
75
F0507XMD-1W
4.5-5.5
7.2
140
3000
220
76
F0509XMD-1W
4.5-5.5
9
110
3000
220
77
F0512XMD-1W
4.5-5.5
12
83
3000
220
78
F0515XMD-1W
4.5-5.5
15
67
3000
220
78
F0518XMD-1W
4.5-5.5
18
56
3000
220
78
F0524XMD-1W
4.5-5.5
24
42
3000
220
78
F1203XMD-1W
10.8-13.2
3.3
300
3000
220
72
F1205XMD-1W
10.8-13.2
5
200
3000
220
75
F1207XMD-1W
10.8-13.2
7.2
140
3000
220
76
F1209XMD-1W
10.8-13.2
9
110
3000
220
77
F1212XMD-1W
10.8-13.2
12
83
3000
220
78
F1215XMD-1W
10.8-13.2
15
67
3000
220
78
F1218XMD-1W
10.8-13.2
18
56
3000
220
78
F1224XMD-1W
10.8-13.2
24
42
3000
220
78
F2403XMD-1W
21.6-26.4
3.3
300
3000
220
72
F2405XMD-1W
21.6-26.4
5
200
3000
220
75
F2407XMD-1W
21.6-26.4
7.2
140
3000
220
76
F2409XMD-1W
21.6-26.4
9
110
3000
220
77
F2412XMD-1W
21.6-26.4
12
83
3000
220
78
F2415XMD-1W
21.6-26.4
15
67
3000
220
78
F2418XMD-1W
21.6-26.4
18
56
3000
220
78
F2424XMD-1W
21.6-26.4
24
42
3000
220
78
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
F
F
F
F
F
F
F
F
05
05
05
05
05
05
05
05
05
05
05
05
05
05
05
05
X
X
X
X
X
X
X
X
MD
MD
MD
MD
MD
MD
MD
MD
--------1
1
1
1
1
1
1
1W
W
W
W
W
W
W
W
①Product Series
②Input Voltage
③Output Voltage
④Fixed Input
⑤DIP8 Package
⑥Rated Power
3KV ISOLATED 1 W UNREGULATED SINGLE OUTPUT DIP8 DC/DC Converter
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
Availabel Inputs:3,5, 12 and 24 VDC
Availabel Outputs:3.3,5, 7.2,9,12,15,18,24 VDC
Other specifications please enquire
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION GUIDE
GUIDE
GUIDE
GUIDE
GUIDE
GUIDE
GUIDE
GUIDE
MICRODC reserves the copyright
DESCRIPTION
DESCRIPTION
DESCRIPTION
DESCRIPTION
DESCRIPTION
DESCRIPTION
DESCRIPTION
DESCRIPTION
The
F_XMD-1W
series
are
specially
designed
for
applications where a group of polar power supplies are
isolated from the input power supply in a distributed power
supply system on a circuit board.
These products apply to:
1) where the voltage of the input power supply is fixed
(voltage variation ≤±5%);
2) where isolation is necessary between input and output
(isolation voltage ≤3000VDC);
3) where the regulation of the output voltage and the output
ripple noise are demanded.
Input
Input
Input
Input
Input
Input
Input
Input Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Parameter
Test conditions
Voltage range
+/- 10 %
Filter
Capacitors
Isolation
Isolation
Isolation
Isolation
Isolation
Isolation
Isolation
Isolation Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Parameter
Test conditions
Rated voltage
3000 VDC
Leakage current
1 mA
Resistance
109Ohm
Capacitance
60 pF typ.
Output
Output
Output
Output
Output
Output
Output
Output Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Parameter
Test conditions
Voltage accuracy
+/- 5 %, max.
Ripple and noise (at 20 MHz BW)
100 mV p-p, max.
Short circuit protection
Momentary
Line voltage regulation
+/- 1,2 % / 1,0 % of Vin
Load voltage regulation
+/- 8 %, load = 20 ~ 100 %
Temperature coefficient
+/- 0,02 % / °C


Similar Part No. - F1218XMD-1W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
F1218XMD-1W MICRODC-F1218XMD-1W Datasheet
680Kb / 2P
   3KV ISOLATED 1 W UNREGULATED SINGLE OUTPUT DIP8 DC/DC Converter
More results

Similar Description - F1218XMD-1W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
F0303XMD-1W MICRODC-F0303XMD-1W Datasheet
680Kb / 2P
   3KV ISOLATED 1 W UNREGULATED SINGLE OUTPUT DIP8 DC/DC Converter
logo
PEAK electronics GmbH
P6KU-0505E PEAK-P6KU-0505E Datasheet
245Kb / 2P
   3KV ISOLATED 1 W UNREGULATED SINGLE OUTPUT DIP8
P6IU-0505E PEAK-P6IU-0505E Datasheet
214Kb / 2P
   3KV ISOLATED 1 W UNREGULATED SINGLE OUTPUT SIP4
logo
MORNSUN Science& Techno...
B0305M-1W MORNSUN-B0305M-1W Datasheet
340Kb / 4P
   ISOLATED & UNREGULATED SINGLE OUTPUT DC-DC CONVERTER
logo
Microdc power Technolog...
B-XMD MICRODC-B-XMD Datasheet
378Kb / 3P
   1KV Isolated 1W unregulated single dual separated output DIP8 DC?껪C Converter
A-XMD MICRODC-A-XMD Datasheet
298Kb / 2P
   1KV ISOLATED 1W UNREGULATED DUAL OUTPUT DIP8 DC?껪C Converter
logo
List of Unclassifed Man...
P6BU-0505 ETC-P6BU-0505 Datasheet
250Kb / 2P
   1KV ISOLATED 1 W UNREGULATED DUAL OUTPUT DIP8
logo
Texas Instruments
DCP010505B TI1-DCP010505B Datasheet
1Mb / 30P
[Old version datasheet]   1-W, Isolated, Unregulated DC/DC Converter Modules
logo
PEAK electronics GmbH
P7BU-XXXXE PEAK-P7BU-XXXXE Datasheet
240Kb / 2P
   1KV ISOLATED 1.25 W UNREGULATED SINGLE OUTPUT DIP8
P7BU-0505E PEAK-P7BU-0505E Datasheet
244Kb / 3P
   1KV ISOLATED 1.25 W UNREGULATED SINGLE OUTPUT DIP8
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com