Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WRB0503YD-1200 Datasheet(PDF) 3 Page - Microdc power Technology Co., Ltd

Part # WRB0503YD-1200
Description  5W,WIDE INPUT, ISOLATED & REGULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

WRB0503YD-1200 Datasheet(HTML) 3 Page - Microdc power Technology Co., Ltd

  WRB0503YD-1200 Datasheet HTML 1Page - Microdc power Technology Co., Ltd WRB0503YD-1200 Datasheet HTML 2Page - Microdc power Technology Co., Ltd WRB0503YD-1200 Datasheet HTML 3Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
WRA
WRA
WRA
WRA
WRA
WRA
WRA
WRA----
----YD-
YD-
YD-
YD-
YD-
YD-
YD-
YD-5
5
5
5
5
5
5
5W
W
W
W
W
W
W
W
WRB
WRB
WRB
WRB
WRB
WRB
WRB
WRB----
----YD
YD
YD
YD
YD
YD
YD
YD ----
----5
5
5
5
5
5
5
5W
W
W
W
W
W
W
W Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 3 of 3
OUTLINE
OUTLINE
OUTLINE
OUTLINE
OUTLINE
OUTLINE
OUTLINE
OUTLINE DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT DETAILS
DETAILS
DETAILS
DETAILS
DETAILS
DETAILS
DETAILS
DETAILS
MECHANICAL
MECHANICAL
MECHANICAL
MECHANICAL
MECHANICAL
MECHANICAL
MECHANICAL
MECHANICAL DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
Note:
Pin diameter ø 0.5 ±0.05 (0.02 ±0.002)
Tolerances ±0.5 (0.02)
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
RECOMMENDED FOOTPRINT
Top view grid:2.54mm(0.1inch)
diameter:1.00mm(0.039inch)
Pin
Single
Dual
2、3
–Vin (GND)
–Vin (GND)
9
No pin
Common
11
No con.
–Vout
14
+Vout
+Vout
16
–Vout
Common
22、23
+Vin (Vcc)
+Vin (Vcc)
NC:No connection
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT DETAILS
DETAILS
DETAILS
DETAILS
DETAILS
DETAILS
DETAILS
DETAILS
TUBE
TUBE
TUBE
TUBE
TUBE
TUBE
TUBE
TUBE OUTLINE
OUTLINE
OUTLINE
OUTLINE
OUTLINE
OUTLINE
OUTLINE
OUTLINE DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
Note:
Unit :mm[inch]
General tolerances:±0.50mm[±0.020inch]
L=530mm[20.866inch] Tube Quantity: 15pcs
L=220mm[8.661inch] Tube Quantity: 6pcs
When
When
When
When the
the
the
the environment
environment
environment
environment temperature
temperature
temperature
temperature is
is
is
is higher
higher
higher
higher than
than
than
than
71
71
71
71℃,,,, the
the
the
the product
product
product
product output
output
output
output power
power
power
power should
should
should
should be
be
be
be less
less
less
less
then
then
then
then 60%
60%
60%
60% of
of
of
of the
the
the
the rated
rated
rated
rated power.
power.
power.
power.
No
No
No
No parallel
parallel
parallel
parallel connection
connection
connection
connection or
or
or
or plug
plug
plug
plug and
and
and
and play.
play.
play.
play.
Use
Use
Use
Use dual
dual
dual
dual output
output
output
output simultaneously,forbid
simultaneously,forbid
simultaneously,forbid
simultaneously,forbid pening
pening
pening
pening
output
output
output
output pin
pin
pin
pin (0V)
(0V)
(0V)
(0V) to
to
to
to use
use
use
use as
as
as
as single
single
single
single output.
output.
output.
output.
Microdc Professional Power Module,Inc.
Tel:0086-20-86000646
E-mail:tech@microdc.cn
Website:http://www.microdc.cn
RoHS
RoHS
RoHS
RoHS COMPLIANT
COMPLIANT
COMPLIANT
COMPLIANT INFORMATION
INFORMATION
INFORMATION
INFORMATION
This series is compatible with RoHS soldering systems with a peak wave solder temperature
of 300°C for 10 seconds.
The pin termination finish on the SIP package type is Tin Plate, Hot Dipped over Matte Tin
with Nickel Preplate. The DIP types are Matte Tin over Nickel Preplate. Both types in this
series are backward compatible with Sn/Pb soldering systems.
REACH
REACH
REACH
REACH COMPLIANT
COMPLIANT
COMPLIANT
COMPLIANT INFORMATION
INFORMATION
INFORMATION
INFORMATION
This series has proven that this product does not contain harmful chemicals, it also has
harmful chemical substances through the registration, inspection and approval.


Similar Part No. - WRB0503YD-1200

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRB0503YD-2000 MICRODC-WRB0503YD-2000 Datasheet
673Kb / 4P
   8W, WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
WRB0503YD-2400 MICRODC-WRB0503YD-2400 Datasheet
673Kb / 4P
   8W, WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
More results

Similar Description - WRB0503YD-1200

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRA-ZD-5W MICRODC-WRA-ZD-5W Datasheet
943Kb / 3P
   5W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRA-ZHD-6W MICRODC-WRA-ZHD-6W Datasheet
656Kb / 3P
   6W,WIDE INPUT, ISOLATED & REGULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRA-YD-8W MICRODC-WRA-YD-8W Datasheet
1Mb / 4P
   8W,WIDE INPUT, ISOLATED & REGULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRA-YMD-3W MICRODC-WRA-YMD-3W Datasheet
741Kb / 4P
   3W,WIDE INPUT, ISOLATED & REGULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRA-YMD-6W MICRODC-WRA-YMD-6W Datasheet
989Kb / 3P
   WIDEINPUT,ISOLATED®ULATEDDual/SingleOutputDC/DCConverter
WRA-ZD-4W MICRODC-WRA-ZD-4W Datasheet
930Kb / 3P
   4W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRA-ZMD-30W MICRODC-WRA-ZMD-30W Datasheet
603Kb / 3P
   30W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRA-YS-3W MICRODC-WRA-YS-3W Datasheet
757Kb / 3P
   3W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WR-ZD-3W MICRODC-WR-ZD-3W Datasheet
1Mb / 3P
   3W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WR-ZMD-10W MICRODC-WR-ZMD-10W Datasheet
1Mb / 3P
   10W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com