Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WRA0515YDV-3W Datasheet(PDF) 3 Page - Microdc power Technology Co., Ltd

Part # WRA0515YDV-3W
Description  3W,WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

WRA0515YDV-3W Datasheet(HTML) 3 Page - Microdc power Technology Co., Ltd

  WRA0515YDV-3W Datasheet HTML 1Page - Microdc power Technology Co., Ltd WRA0515YDV-3W Datasheet HTML 2Page - Microdc power Technology Co., Ltd WRA0515YDV-3W Datasheet HTML 3Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
WRA-YDV-3W&WRB-YDV-3W
WRA-YDV-3W&WRB-YDV-3W
WRA-YDV-3W&WRB-YDV-3W
WRA-YDV-3W&WRB-YDV-3W
WRA-YDV-3W&WRB-YDV-3W
WRA-YDV-3W&WRB-YDV-3W
WRA-YDV-3W&WRB-YDV-3W
WRA-YDV-3W&WRB-YDV-3W Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 3 of 3
OUTLINE
OUTLINE
OUTLINE
OUTLINE
OUTLINE
OUTLINE
OUTLINE
OUTLINE DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT DETAILS
DETAILS
DETAILS
DETAILS
DETAILS
DETAILS
DETAILS
DETAILS
MECHANICAL
MECHANICAL
MECHANICAL
MECHANICAL
MECHANICAL
MECHANICAL
MECHANICAL
MECHANICAL DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
Microdc Professional Power Module,Inc.
Tel:0086-20-86000646 E-mail:tech@microdc.cn
Website:http://www.microdc.cn
Microdc Professional Power module,Inc.makes no representation that
the use of its products in the circuits described herein, or the use of other
technical information contained herein, will not infringe upon existing or
future patent rights. Specifications are subject to change without notice.
©2010
Microdc Professional Power Module, Inc. Guangzhou
RoHS
RoHS
RoHS
RoHS COMPLIANT
COMPLIANT
COMPLIANT
COMPLIANT INFORMATION
INFORMATION
INFORMATION
INFORMATION
This series is compatible with RoHS soldering systems with a peak wave solder temperature of 300°C
for 10 seconds. The pin termination finish on the SIP package type is Tin Plate, Hot Dipped over Matte
Tin with Nickel Preplate. The DIP types are Matte Tin over Nickel Preplate. Both types in this series are
backward compatible with Sn/Pb soldering systems.
REACH
REACH
REACH
REACH COMPLIANT
COMPLIANT
COMPLIANT
COMPLIANT INFORMATION
INFORMATION
INFORMATION
INFORMATION
This series has proven that this product does not contain harmful chemicals, it also has harmful chemical
substances through the registration, inspection and approval.
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
Note:
1. The load shouldn't be less than 10%, otherwise ripple will increase dramatically.
2. Operation under 10% load will not damage the converter; However, they may not meet all specification listed.
3. All specifications measured at Ta=25℃, humidity<75%, nominal input voltage and rated output load unless otherwise specified.
4. In this datasheet, all the test methods of indications are based on corporate standards.
5. Only typical models listed, other models may be different, please contact our technical person for more details.


Similar Part No. - WRA0515YDV-3W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRA0515YD-3W MICRODC-WRA0515YD-3W Datasheet
1Mb / 3P
   3W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRA0515YD-6W MICRODC-WRA0515YD-6W Datasheet
1Mb / 3P
   6W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRA0515YD-8W MICRODC-WRA0515YD-8W Datasheet
673Kb / 4P
   8W, WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
More results

Similar Description - WRA0515YDV-3W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRA-ZHD-3W MICRODC-WRA-ZHD-3W Datasheet
988Kb / 3P
   3W, WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
3T16WE GAPTEC-3T16WE Datasheet
985Kb / 3P
   3W - Single/Dual Output DC-DC Converter - Wide Input - Isolated & Regulated
logo
Toppower Electronic Tec...
TPD-3W TOPPOWER-TPD-3W Datasheet
716Kb / 3P
   3W Wide Input Isolated & Regulated twin Output Dip Dc-Dc Converter
logo
GAPTEC Electronic GmbH ...
3T8W GAPTEC-3T8W Datasheet
1Mb / 4P
   3W - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
3T14W4 GAPTEC-3T14W4 Datasheet
1Mb / 4P
   3W - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
3D8W GAPTEC-3D8W Datasheet
1Mb / 4P
   3W - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
3S8W-4.3RP GAPTEC-3S8W-4.3RP Datasheet
1Mb / 4P
   3W - Wide Input - Isolated & Regulated DC-DC Converter
logo
MORNSUN Science& Techno...
CWRF1215S-3W MORNSUN-CWRF1215S-3W Datasheet
994Kb / 4P
   3W,wide input isolated & regulated DC-DC converter
logo
GAPTEC Electronic GmbH ...
3S6W4 GAPTEC-3S6W4 Datasheet
859Kb / 4P
   3W - Wide Input - Isolated & Regulated DC-DC Converter
logo
MORNSUN Science& Techno...
VRA0505ZP-6WR3 MORNSUN-VRA0505ZP-6WR3 Datasheet
2Mb / 6P
   6W,wide input, isolated & regulated dual/ single output, DIP package, DC-DC converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com