Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WRB1212YMD-5W Datasheet(PDF) 2 Page - Microdc power Technology Co., Ltd

Part # WRB1212YMD-5W
Description  WIDE INPUT,ISOLATED & REGULATEDDual/Single OutputDC/DC Converter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

WRB1212YMD-5W Datasheet(HTML) 2 Page - Microdc power Technology Co., Ltd

  WRB1212YMD-5W Datasheet HTML 1Page - Microdc power Technology Co., Ltd WRB1212YMD-5W Datasheet HTML 2Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
WRA
WRA
WRA
WRA
WRA
WRA
WRA
WRA----
----Y
Y
Y
Y
Y
Y
Y
YMD
MD
MD
MD
MD
MD
MD
MD----
----5
5
5
5
5
5
5
5W
W
W
W
W
W
W
W
WRB
WRB
WRB
WRB
WRB
WRB
WRB
WRB----
----Y
Y
Y
Y
Y
Y
Y
YMD
MD
MD
MD
MD
MD
MD
MD----
----5
5
5
5
5
5
5
5W
W
W
W
W
W
W
W Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 2 of 2
OUTLINE
OUTLINE
OUTLINE
OUTLINE
OUTLINE
OUTLINE
OUTLINE
OUTLINE DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT DETAILS
DETAILS
DETAILS
DETAILS
DETAILS
DETAILS
DETAILS
DETAILS
Pin
Pin
Pin
Pin
Single
Single
Single
Single
Dual
Dual
Dual
Dual
1
GND
GND
2
Vin
Vin
3
+V0
+V0
4
NC
0V
5
0V
-V0
NC:No connection
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT DETAILS
DETAILS
DETAILS
DETAILS
DETAILS
DETAILS
DETAILS
DETAILS
Note:
1.The load shouldn't be less than 10%, otherwise ripple will increase dramatically.
2.Operation under 10% load will not damage the converter; However, they may not meet all specification listed.
3.All specifications measured at Ta=25°C, humidity<75%, nominal input voltage and rated output load unless otherwise
specified.
4.In this data sheet, all the test methods of indications are based on corporate standards.
5.Only typical models listed, other models may be different, please contact our technical person for more details.
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
Dual/Single Output
RECOMMENDED FOOTPRINT
Top view,grid:2.54mm(0.1inch)
diameter:1.00mm(0.039inch)
TUBE
TUBE
TUBE
TUBE
TUBE
TUBE
TUBE
TUBE OUTLINE
OUTLINE
OUTLINE
OUTLINE
OUTLINE
OUTLINE
OUTLINE
OUTLINE DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
Note:
Unit :mm[inch]
General tolerances:
±0.50mm[±0.020inch]
L=530mm[20.866inch]
Tube Quantity: 19pcs
L=220mm[8.661inch]
Tube Quantity: 7pcs
When
When
When
When the
the
the
the environment
environment
environment
environment temperature
temperature
temperature
temperature is
is
is
is higher
higher
higher
higher than
than
than
than 71
71
71
71°°°°C,
C,
C,
C, the
the
the
the product
product
product
product output
output
output
output ower
ower
ower
ower
should
should
should
should be
be
be
be less
less
less
less then
then
then
then 60%
60%
60%
60% of
of
of
of the
the
the
the rated
rated
rated
rated power.
power.
power.
power.
No
No
No
No parallel
parallel
parallel
parallel connection
connection
connection
connection or
or
or
or plug
plug
plug
plug and
and
and
and play.
play.
play.
play.
Use
Use
Use
Use dual
dual
dual
dual output
output
output
output simultaneously,
simultaneously,
simultaneously,
simultaneously, forbid
forbid
forbid
forbid opening
opening
opening
opening output
output
output
output pin
pin
pin
pin (0V)
(0V)
(0V)
(0V) to
to
to
to use
use
use
use as
as
as
as single
single
single
single
output.
output.
output.
output.
Microdc Professional Power Module,Inc.
Tel:0086-20-86000646
E-mail:tech@microdc.cn
Website:http://www.microdc.cn
RoHS
RoHS
RoHS
RoHS COMPLIANT
COMPLIANT
COMPLIANT
COMPLIANT INFORMATION
INFORMATION
INFORMATION
INFORMATION
This series is compatible with RoHS soldering systems with a peak wave solder temperature
of 300°C for 10 seconds.
The pin termination finish on the SIP package type is Tin Plate, Hot Dipped over Matte Tin
with Nickel Preplate. The DIP types are Matte Tin over Nickel Preplate. Both types in this
series are backward compatible with Sn/Pb soldering systems.
REACH
REACH
REACH
REACH COMPLIANT
COMPLIANT
COMPLIANT
COMPLIANT INFORMATION
INFORMATION
INFORMATION
INFORMATION
This series has proven that this product does not contain harmful chemicals, it also has
harmful chemical substances through the registration, inspection and approval.
MECHANICAL
MECHANICAL
MECHANICAL
MECHANICAL
MECHANICAL
MECHANICAL
MECHANICAL
MECHANICAL DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
Note:
Unit:mm[inch]
Pin section tolerances:±0.10mm[±0.004inch]
General tolerances:±0.25mm[±0.010inch]


Similar Part No. - WRB1212YMD-5W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRB1212YMD-10W MICRODC-WRB1212YMD-10W Datasheet
766Kb / 3P
   2:1WIDEINPUT,ISOLATED®ULATED Dual/SingleOutputDC/DCConverter
WRB1212YMD-15W MICRODC-WRB1212YMD-15W Datasheet
714Kb / 3P
   15W, WIDE INPUT, ISOLATED®ULATED SINGLE/DUAL OUTPUTDC-DC CONVERTER
WRB1212YMD-20W MICRODC-WRB1212YMD-20W Datasheet
512Kb / 2P
   Wide Input,Isolated & Regulated SingleOutputDC/DC Converter
logo
MORNSUN Science& Techno...
WRB1212YMD-3W MORNSUN-WRB1212YMD-3W Datasheet
129Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
Microdc power Technolog...
WRB1212YMD-3W MICRODC-WRB1212YMD-3W Datasheet
741Kb / 4P
   3W,WIDE INPUT, ISOLATED & REGULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
More results

Similar Description - WRB1212YMD-5W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRA-YMD-15W MICRODC-WRA-YMD-15W Datasheet
714Kb / 3P
   15W, WIDE INPUT, ISOLATED®ULATED SINGLE/DUAL OUTPUTDC-DC CONVERTER
WRA-YMD-20W MICRODC-WRA-YMD-20W Datasheet
657Kb / 3P
   20W, WIDE INPUT, ISOLATED®ULATED DUAL OUTPUTDC-DC CONVERTER
WRA1212YMD-20W MICRODC-WRA1212YMD-20W Datasheet
666Kb / 3P
   20W, WIDE INPUT, ISOLATED®ULATED DUAL OUTPUTDC-DC CONVERTER
WRA-YMT-3W MICRODC-WRA-YMT-3W Datasheet
490Kb / 3P
   3W, WIDE INPUT , ISOLA TED & REGULATED SINGLE/DUAL OUTPUTDC/DC CONVERTER
WRA-ZHD-6W MICRODC-WRA-ZHD-6W Datasheet
656Kb / 3P
   6W,WIDE INPUT, ISOLATED & REGULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRA-YD-8W MICRODC-WRA-YD-8W Datasheet
1Mb / 4P
   8W,WIDE INPUT, ISOLATED & REGULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRA-YMD-3W MICRODC-WRA-YMD-3W Datasheet
741Kb / 4P
   3W,WIDE INPUT, ISOLATED & REGULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRA-YD-5W MICRODC-WRA-YD-5W Datasheet
664Kb / 3P
   5W,WIDE INPUT, ISOLATED & REGULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
logo
MORNSUN Science& Techno...
VRB2412LD-40WHR3 MORNSUN-VRB2412LD-40WHR3 Datasheet
825Kb / 5P
   40W, Wide input, isolated & regulated single output DC/DC converter
logo
Microdc power Technolog...
WRB0505YES-1W MICRODC-WRB0505YES-1W Datasheet
1Mb / 3P
   Wide Input,Isolated&Regulated Single Output SIP12 DC-DC Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com