Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3162 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP3162
Description  5-Bit Programmable 2-Phase Synchronous Buck Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3162 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP3162 Datasheet HTML 4Page - Analog Devices ADP3162 Datasheet HTML 5Page - Analog Devices ADP3162 Datasheet HTML 6Page - Analog Devices ADP3162 Datasheet HTML 7Page - Analog Devices ADP3162 Datasheet HTML 8Page - Analog Devices ADP3162 Datasheet HTML 9Page - Analog Devices ADP3162 Datasheet HTML 10Page - Analog Devices ADP3162 Datasheet HTML 11Page - Analog Devices ADP3162 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
REV. A
ADP3162
–10–
dictates whether standard threshold or logic-level threshold
MOSFETs must be used. Since VGATE < 8 V, logic-level threshold
MOSFETs (VGS(TH) < 2.5 V) are strongly recommended.
The maximum output current IO determines the RDS(ON) require-
ment for the power MOSFETs. When the ADP3162 is operating
in continuous mode, the simplifying assumption can be made
that in each phase one of the two MOSFETs is always conduct-
ing the average inductor current. For VIN = 12 V and VOUT =
1.7 V, the duty ratio of the high-side MOSFET is:
D
V
V
V
V
HSF
OUT
IN
==
=
18
5
36
.
%
(16)
The duty ratio of the low-side (synchronous rectifier) MOSFET is:
DD
LSF MAX
HSF MAX
()
()
%
=−
=
164
(17)
The maximum rms current of the high-side MOSFET during
normal operation is:
I
I
D
I
I
AA
A
A
HSF MAX
O
HSF
L
RIPPLE
O
()
()
.
.
.
=× +
×
 =
×+
×


=
2
1
3
28
2
036
1
58
328
85
2
2
2
2
(18)
The maximum rms current of the low-side MOSFET is:
II
D
D
A
LSF MAX
HFS MAX
LSF
HSF
()
(
)
.
= 11 3
(19)
The RDS(ON) for each MOSFET can be derived from the allow-
able dissipation. If 10% of the maximum output power is
allowed for MOSFET dissipation, the total dissipation in the
four MOSFETs of the two-phase converter will be:
PV
I
V
A
W
MOSFET TOTAL
OUT
O
()
..
.
.
×
=
×
×
=
01
01 18
28
50
(20)
Allocating half of the total dissipation for the pair of high-side
MOSFETs and half for the pair of low-side MOSFETs, and
assuming that the resistive and switching losses of the high-side
MOSFET are equal, the required maximum MOSFET resis-
tances will be:
R
P
I
W
A
m
DS ON HS MAX
MOSFET TOTAL
HSF MAX
()
(
)
()
(
)
.
(.
)
.
=
×
=
×
=Ω
8
50
88 5
86
22
(21)
R
P
I
W
A
m
DS ON LS MAX
MOSFET TOTAL
LSF MAX
()
(
)
()
()
.
(.
)
.
=
×
=
×
=Ω
4
50
411 3
98
22
(22)
An IRL3803 MOSFET from International Rectifier (RDS(ON) =
6 m
Ω nominal, 9 mΩ worst-case) is a good choice for both the
high-side and low-side. The high-side MOSFET dissipation is:
PR
I
VI
Q
f
I
VQ
f
HSF
DS ON HS
HSF MAX
IN
L PK
G
SW
G
IN
rr
SW
+
××
×
×
×
()
()
()
2
2
(23)
where the second term represents the turn-off loss of the
MOSFET and the third term represents the turn-on loss due to
the stored charge in the body diode of the low-side MOSFET.
(In the second term, QG is the gate charge to be removed from
the gate for turn-off and IG is the gate turn-off current. From the
data sheet, for the IRL3803 the value of QG is about 140 nC
and the peak gate drive current (IG) provided by the ADP3412
is about 1 A. In the third term Qrr is the charge stored in the
body diode of the low-side MOSFET at the valley of the induc-
tor current. The data sheet of the IRL3803 gives 450 nC for the
stored charge at 71 A. That value corresponds to a stored charge of
80 nC at the valley of the inductor current. In both terms fSW is
the actual switching frequency of the MOSFETs, or 200 kHz.
IL(PK) is the peak current in the inductor, or 17.8 A.)
Substituting the above data in Equation 23 and using the worst-
case value for the MOSFET resistance yields a conduction loss
of 0.7 W, a turn-off loss of 1.2 W, and a turn-on loss of 0.08 W.
Thus the worst-case total loss in a high-side MOSFET is 1.98 W.
The worst-case low-side MOSFET dissipation is:
PR
I
m
A
W
LSF
DS ON LS
LSF MAX
=
×
=
()
()
..
22
911 3
1 15
(24)
(Note that there are no switching losses in the low-side MOSFET.)
CIN Selection and Input Current di/dt Reduction
In continuous inductor-current mode, the source current of the
high-side MOSFET is approximately a square wave with a duty
ratio equal to VOUT/VIN and an amplitude of one-half of the
maximum output current. To prevent large voltage transients, a
low ESR input capacitor sized for the maximum rms current
must be used. The maximum rms capacitor current is given by:
I
I
DD
A
A
C RMS
O
HFS
HFS
()
()
.(
.
)
.
− ×
=
×− ×
=
2
22
28
2
20 36
20 36
6 3
2
2
(25)
Note that the capacitor manufacturer’s ripple current ratings are
often based on only 2000 hours of life. This makes it advisable
to further derate the capacitor, or to choose a capacitor rated at
a higher temperature than required. Several capacitors may be
placed in parallel to meet size or height requirements in the
design. In this example, the input capacitor bank is formed by
four 1000
µF, 16 V Rubycon capacitors.
The ripple voltage across the three paralleled capacitors is:
V
I
n
ESR
n
D
nC
f
Am
FkHz
mV
C RIPPLE
OC
C
HSF
CIN
SW
()
.
+
××


=
×
+
××


=
28
2
24
4
036
4 1000
200
90
µ
(26)
To reduce the input-current di/dt to below the recommended
maximum of 0.1 A/
µs, an additional small inductor (L > 1 µH
@ 5 A) should be inserted between the converter and the supply
bus. That inductor also acts as a filter between the converter
and the primary power source.


Similar Part No. - ADP3162

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3160 AD-ADP3160 Datasheet
292Kb / 16P
   5-Bit Programmable 2-Phase Synchronous Buck Controller
REV. B
ADP3160JR AD-ADP3160JR Datasheet
292Kb / 16P
   5-Bit Programmable 2-Phase Synchronous Buck Controller
REV. B
ADP3161 AD-ADP3161 Datasheet
164Kb / 12P
   4-Bit Programmable 2-Phase Synchronous Buck Controller
REV. 0
ADP3161JR AD-ADP3161JR Datasheet
164Kb / 12P
   4-Bit Programmable 2-Phase Synchronous Buck Controller
REV. 0
ADP3163 AD-ADP3163 Datasheet
138Kb / 16P
   5-Bit Programmable 2-/3-Phase Synchronous Buck Controller
REV. 0
More results

Similar Description - ADP3162

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3160 AD-ADP3160 Datasheet
292Kb / 16P
   5-Bit Programmable 2-Phase Synchronous Buck Controller
REV. B
ADP3163 AD-ADP3163 Datasheet
138Kb / 16P
   5-Bit Programmable 2-/3-Phase Synchronous Buck Controller
REV. 0
ADP3163JRUZ-REEL AD-ADP3163JRUZ-REEL Datasheet
138Kb / 16P
   5-Bit Programmable 2-/3-Phase Synchronous Buck Controller
REV. 0
logo
Fairchild Semiconductor
FAN5029 FAIRCHILD-FAN5029_07 Datasheet
139Kb / 3P
   8-Bit Programmable 2- to 5-Phase Synchronous Buck Controller
FAN5029 FAIRCHILD-FAN5029 Datasheet
443Kb / 3P
   8-Bit Programmable 2- to 5-Phase Synchronous Buck Controller
logo
Analog Devices
ADP3189 AD-ADP3189 Datasheet
1Mb / 36P
   8-Bit Programmable 2- to 5-Phase Synchronous Buck Controller
REV. 0
ADP3166 AD-ADP3166 Datasheet
351Kb / 20P
   5-Bit Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
REV. 0
ADP3186 AD-ADP3186 Datasheet
618Kb / 24P
   5-Bit Programmable 2-/3-/4-Phase Synchronous Buck Controller
REV. A
ADP3164 AD-ADP3164 Datasheet
162Kb / 16P
   5-Bit Programmable 4-Phase Synchronous Buck Controller
REV. 0
logo
ON Semiconductor
ADP3209CJCPZ-RL ONSEMI-ADP3209CJCPZ-RL Datasheet
752Kb / 32P
   5-Bit, Programmable, Single-Phase, Synchronous Buck Controller
Jan2008 Rev. 2 ADP3209/D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com