Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WRB2415YMD-15W Datasheet(PDF) 2 Page - Microdc power Technology Co., Ltd

Part # WRB2415YMD-15W
Description  15W, WIDE INPUT, ISOLATED®ULATED SINGLE/DUAL OUTPUTDC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

WRB2415YMD-15W Datasheet(HTML) 2 Page - Microdc power Technology Co., Ltd

  WRB2415YMD-15W Datasheet HTML 1Page - Microdc power Technology Co., Ltd WRB2415YMD-15W Datasheet HTML 2Page - Microdc power Technology Co., Ltd WRB2415YMD-15W Datasheet HTML 3Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
WRA-YMD-15W&WRB-YMD-15W
WRA-YMD-15W&WRB-YMD-15W
WRA-YMD-15W&WRB-YMD-15W
WRA-YMD-15W&WRB-YMD-15W
WRA-YMD-15W&WRB-YMD-15W
WRA-YMD-15W&WRB-YMD-15W
WRA-YMD-15W&WRB-YMD-15W
WRA-YMD-15W&WRB-YMD-15W S
Series
eries
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 2 of 3
COMMONTSPECIFICA
COMMONTSPECIFICA
COMMONTSPECIFICA
COMMONTSPECIFICA
COMMONTSPECIFICA
COMMONTSPECIFICA
COMMONTSPECIFICA
COMMONTSPECIFICA T
T
T
T
T
T
T
T IONS
IONS
IONS
IONS
IONS
IONS
IONS
IONS
Parameter
Test conditions
Min.
Typ.
Max
Units
Storage Humidity
95
%
Operating Temperature
-40
85
°C
Storage Temperature
-55
105
°C
Temp. Rise at Full Load
Case surface
50
°C
Lead Temperature
1.5mmfrom case for 10seconds
300
°C
Isolation voltage
Tested f or 1 minute and 1mA max
1500
VDC
Isolation resistance
Test at 500VDC
1000
Isolation capacitance
100KHz / 0.1V
1000
pF
Switching Frequency
Nominal, full load
500
KHz
MTBF
1000
K hours
Cooling
Free Air Convection
Case material
Nickel-coat ed copper
Weight
30
g
APPLICATION
APPLICATION
APPLICATION
APPLICATION
APPLICATION
APPLICATION
APPLICATION
APPLICATION NOTE
NOTE
NOTE
NOTE
NOTE
NOTE
NOTE
NOTE
Recommended
Recommended
Recommended
Recommended circuit
circuit
circuit
circuit
All the WRA_YMD-15W&WRB_YMD-15W Series have been tested according to the following
recommended testing circuit before leaving factory . This series should be tested under load.
Never be test ed under no load (see Figure 1).
If you want to further decrease the output ripple, you can increase capacitance properly or choose
capacitors with low ESR. However, the capacitance can't exceed the maximum capacitor load in the list.
Recommended
Recommended
Recommended
Recommended capacitance
capacitance
capacitance
capacitance
To ensure these series can operate efficiently and reliably, the recommended capacitance of input and
output sees the below table.
DERATING
DERATING
DERATING
DERATING
DERATING
DERATING
DERATING
DERATING &
&
&
&
&
&
&
& EFFICIENCY
EFFICIENCY
EFFICIENCY
EFFICIENCY
EFFICIENCY
EFFICIENCY
EFFICIENCY
EFFICIENCY CURVE
CURVE
CURVE
CURVE
CURVE
CURVE
CURVE
CURVE
1.
1.
1.
1. Temperature
Temperature
Temperature
Temperature derating
derating
derating
derating curve
curve
curve
curve
2.
2.
2.
2. Efficiency
Efficiency
Efficiency
Efficiency Vs
Vs
Vs
Vs Input
Input
Input
Input voltage
voltage
voltage
voltage
WRA2412YMD-15W
WRA2412YMD-15W
WRA2412YMD-15W
WRA2412YMD-15W
Efficiency VS Input voltage
3.
3.
3.
3. Efficiency
Efficiency
Efficiency
Efficiency Vs
Vs
Vs
Vs Output
Output
Output
Output Power
Power
Power
Power
WRA2412YMD-15W
WRA2412YMD-15W
WRA2412YMD-15W
WRA2412YMD-15W
Efficiency VS
Output load
OUTPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT VOLTAGE
VOLTAGE
VOLTAGE
VOLTAGE
VOLTAGE
VOLTAGE
VOLTAGE
VOLTAGE TRIM
TRIM
TRIM
TRIM
TRIM
TRIM
TRIM
TRIM UP/DOWN
UP/DOWN
UP/DOWN
UP/DOWN
UP/DOWN
UP/DOWN
UP/DOWN
UP/DOWN


Similar Part No. - WRB2415YMD-15W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRB2415YMD-15W MICRODC-WRB2415YMD-15W Datasheet
810Kb / 4P
   Isolated 15WSingle Output DC/DC Converter
More results

Similar Description - WRB2415YMD-15W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRA-YMD-20W MICRODC-WRA-YMD-20W Datasheet
657Kb / 3P
   20W, WIDE INPUT, ISOLATED®ULATED DUAL OUTPUTDC-DC CONVERTER
WRA1212YMD-20W MICRODC-WRA1212YMD-20W Datasheet
666Kb / 3P
   20W, WIDE INPUT, ISOLATED®ULATED DUAL OUTPUTDC-DC CONVERTER
logo
MORNSUN Science& Techno...
VRB2405LD-15WR3 MORNSUN-VRB2405LD-15WR3 Datasheet
3Mb / 8P
   15W, wide input, isolated & regulated DC/DC converter
logo
Microdc power Technolog...
WRA-YMD-5W MICRODC-WRA-YMD-5W Datasheet
556Kb / 2P
   WIDE INPUT,ISOLATED & REGULATEDDual/Single OutputDC/DC Converter
WRA-YMT-3W MICRODC-WRA-YMT-3W Datasheet
490Kb / 3P
   3W, WIDE INPUT , ISOLA TED & REGULATED SINGLE/DUAL OUTPUTDC/DC CONVERTER
logo
GAPTEC Electronic GmbH ...
15DPW GAPTEC-15DPW Datasheet
585Kb / 3P
   15W - Single/Dual Output - Wide Input - Isolated & Regulated
15DMW4 GAPTEC-15DMW4 Datasheet
463Kb / 3P
   15W - Single/Dual Output - Wide Input - Isolated & Regulated
15DMW GAPTEC-15DMW Datasheet
469Kb / 3P
   15W - Single/Dual Output - Wide Input - Isolated & Regulated
logo
Microdc power Technolog...
15B-ZPD MICRODC-15B-ZPD Datasheet
725Kb / 3P
   15W, WIDE INPUT, DIP PACKAGE,ISOLATED REGULATED SINGLE OUTPUT DC-DC CONVERTER
logo
MORNSUN Science& Techno...
VRB1203YMD-15WR3 MORNSUN-VRB1203YMD-15WR3 Datasheet
840Kb / 6P
   15W,wide input isolated & regulated single output ,DIP packaging, DC-DC converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com