Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WRA2412ZD-1W5 Datasheet(PDF) 2 Page - Microdc power Technology Co., Ltd

Part # WRA2412ZD-1W5
Description  1.5W, WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

WRA2412ZD-1W5 Datasheet(HTML) 2 Page - Microdc power Technology Co., Ltd

  WRA2412ZD-1W5 Datasheet HTML 1Page - Microdc power Technology Co., Ltd WRA2412ZD-1W5 Datasheet HTML 2Page - Microdc power Technology Co., Ltd WRA2412ZD-1W5 Datasheet HTML 3Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
WRA-ZD-1W5&WRB-ZD-1W5
WRA-ZD-1W5&WRB-ZD-1W5
WRA-ZD-1W5&WRB-ZD-1W5
WRA-ZD-1W5&WRB-ZD-1W5
WRA-ZD-1W5&WRB-ZD-1W5
WRA-ZD-1W5&WRB-ZD-1W5
WRA-ZD-1W5&WRB-ZD-1W5
WRA-ZD-1W5&WRB-ZD-1W5 S
Series
eries
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 2 of 3
ISOLATION
ISOLATION
ISOLATION
ISOLATION
ISOLATION
ISOLATION
ISOLATION
ISOLATION SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
Parameter
Test conditions
Min.
Typ.
Max
Units
Output power
See above products program
0.15
1.5
W
Positive voltage accuracy
Refer to recommended circuit
±1
±3
%
Negative voltage accuracy
Refer to recommended circuit
±3
±5
%
Load regulation
From 10% to 100% load
±0.5
±2*
%
Line regulation
Input voltage from low to high
±0.2
±0.75
%
Temperature drift
Refer to recommended circuit
±0.03
%/℃
Ripple**
20MHz Bandwidth
20
50
mVp-p
Noise**
20MHz Bandwidth
50
100
mVp-p
Switching frequency
100% load, input voltage range
300
KHz
* Dual output models unbalanced load: ±5%.
**Test ripple and noise by “parallel cable”method. See detailed operation instructions at Testing of Power
Converter section, application notes.
APPLICATION
APPLICATION
APPLICATION
APPLICATION
APPLICATION
APPLICATION
APPLICATION
APPLICATION NOTE
NOTE
NOTE
NOTE
NOTE
NOTE
NOTE
NOTE
1)
1)
1)
1) Requirement
Requirement
Requirement
Requirement on
on
on
on output
output
output
output load
load
load
load
In order to ensure the product operate efficiently and reliably, in addition to a max load (namely full
load), a minimum load is specified for this kind of DC/DC converter. Make sure the specified range of
input voltage is not exceeded, the minimum output load no
no
no
no less
less
less
less than
than
than
than 10%
10%
10%
10% load
load
load
load. If the actual load is less
than the specified minimum load, the output ripple may increase sharply while its efficiency and reliability
will reduce greatly. If the actual output power is very small, please add an appropriate resistor as extra
loading, or contact our company for other lower output power products.
2) Recommended Circuit
All the WRA_ZD-1W5&WRB_ZD-1W5 Series have been tested according to the following
recommended testing circuit before leaving factory. (See Figure 1).
If you want to further decrease the input/output ripple, you can increase capacitance properly or choose
capacitors with low ESR. However, the capacitance should not be too high, or may cause start-up
problem. For every channel of output, provided the safe and reliable operation is ensured, the greatest
capacitance of its filter capacitor sees (Table 1).If you want to use the products in high EMI, please
choose our metal packaged products (WRA_ZD-1W5 & WRB_ZD-1W5). General:
Cin:
24V&48V
10µF~47µF
Cout:
10µF/100mA
3)
3)
3)
3) Input
Input
Input
Input Current
Current
Current
Current
When it is used in unregulated power supply, be sure that the fluctuating range of the power supply
and the rippled voltage do not exceed the module standard. Input current of power supply should afford the
startup current of this kind of DC/DC module. (See figure 2)
General: Ip ≤1.4*Iin-max
4)
4)
4)
4) No
No
No
No parallel
parallel
parallel
parallel connection
connection
connection
connection or
or
or
or plug
plug
plug
plug and
and
and
and play
play
play
play
TYPICAL
TYPICAL
TYPICAL
TYPICAL
TYPICAL
TYPICAL
TYPICAL
TYPICAL CHARECTERISTICS
CHARECTERISTICS
CHARECTERISTICS
CHARECTERISTICS
CHARECTERISTICS
CHARECTERISTICS
CHARECTERISTICS
CHARECTERISTICS
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED CIRCUIT
CIRCUIT
CIRCUIT
CIRCUIT
CIRCUIT
CIRCUIT
CIRCUIT
CIRCUIT


Similar Part No. - WRA2412ZD-1W5

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRA2412ZD-3W MICRODC-WRA2412ZD-3W Datasheet
1Mb / 3P
   3W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRA2412ZD-4W MICRODC-WRA2412ZD-4W Datasheet
930Kb / 3P
   4W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRA2412ZD-5W MICRODC-WRA2412ZD-5W Datasheet
943Kb / 3P
   5W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRA2412ZD-6W MICRODC-WRA2412ZD-6W Datasheet
1Mb / 3P
   6W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
More results

Similar Description - WRA2412ZD-1W5

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRA-ZT-1W5 MICRODC-WRA-ZT-1W5 Datasheet
515Kb / 3P
   1.5W,WIDE INPUT ISOLATED®ULATED SINGLE/DUAL OUTPUT DC/DC CONVERTER MINIATURE SMD PACKAGE
logo
MORNSUN Science& Techno...
PWA2405LT-1W5 MORNSUN-PWA2405LT-1W5_10 Datasheet
278Kb / 3P
   1.5W, WIDE INPUT ISOLATED & REGULATED SINGLE/DUAL OUTPUT DC/DC CONVERTER MINIATURE SMD PACKAGE
IA0512WS-1W5 MORNSUN-IA0512WS-1W5 Datasheet
241Kb / 2P
   1.5W, FIXED INPUT, ISOLATED& REGULATED DUAL OUTPUT DC-DC CONVERTER
WRA2412LS-3W MORNSUN-WRA2412LS-3W Datasheet
196Kb / 2P
   WIDE INPUT, ISOLATED & REGULATED DUAL OUTPUT DC/DC CONVERTER
logo
GAPTEC Electronic GmbH ...
1S8W-2RP GAPTEC-1S8W-2RP Datasheet
958Kb / 3P
   1W - Dual/Single Output - Wide Input - Isolated & Regulated DC-DC Converter
1S8W-3RP GAPTEC-1S8W-3RP Datasheet
841Kb / 4P
   1W - Dual/Single Output - Wide Input - Isolated & Regulated DC-DC Converter
logo
Microdc power Technolog...
WRA-YD-2W MICRODC-WRA-YD-2W Datasheet
484Kb / 3P
   2W, WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
2TC12W4 GAPTEC-2TC12W4 Datasheet
854Kb / 3P
   2W - Single/Dual Output DC-DC Converter - Wide Input - Isolated & Regulated
logo
Microdc power Technolog...
WRB0503YD-2000 MICRODC-WRB0503YD-2000 Datasheet
673Kb / 4P
   8W, WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
MORNSUN Science& Techno...
VRB121DLD-20WR3 MORNSUN-VRB121DLD-20WR3 Datasheet
3Mb / 9P
   20W,wide input isolated & regulated dual / single output DC/DC converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com