Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WRA0512YT-2W Datasheet(PDF) 3 Page - Microdc power Technology Co., Ltd

Part # WRA0512YT-2W
Description  2W,WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLEOUTPUTDC/DCCONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

WRA0512YT-2W Datasheet(HTML) 3 Page - Microdc power Technology Co., Ltd

  WRA0512YT-2W Datasheet HTML 1Page - Microdc power Technology Co., Ltd WRA0512YT-2W Datasheet HTML 2Page - Microdc power Technology Co., Ltd WRA0512YT-2W Datasheet HTML 3Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
WRA-YT-2W&WRB-YT-2W
WRA-YT-2W&WRB-YT-2W
WRA-YT-2W&WRB-YT-2W
WRA-YT-2W&WRB-YT-2W
WRA-YT-2W&WRB-YT-2W
WRA-YT-2W&WRB-YT-2W
WRA-YT-2W&WRB-YT-2W
WRA-YT-2W&WRB-YT-2W Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 3 of 3
Outline
Outline
Outline
Outline
Outline
Outline
Outline
Outline Dimensions
Dimensions
Dimensions
Dimensions
Dimensions
Dimensions
Dimensions
Dimensions mm
mm
mm
mm
mm
mm
mm
mm (inches)
(inches)
(inches)
(inches)
(inches)
(inches)
(inches)
(inches)
Microdc Professional Power Module,Inc.
Tel:0086-20-86000646
E-mail:tech@microdc.cn
Website:http://www.microdc.cn
RoHS
RoHS
RoHS
RoHS COMPLIANT
COMPLIANT
COMPLIANT
COMPLIANT INFORMATION
INFORMATION
INFORMATION
INFORMATION
This series is compatible with RoHS soldering systems with a peak wave solder temperature
of 300°C for 10 seconds.
The pin termination finish on the SIP package type is Tin Plate, Hot Dipped over Matte Tin
with Nickel Preplate. The DIP types are Matte Tin over Nickel Preplate. Both types in this
series are backward compatible with Sn/Pb soldering systems.
REACH
REACH
REACH
REACH COMPLIANT
COMPLIANT
COMPLIANT
COMPLIANT INFORMATION
INFORMATION
INFORMATION
INFORMATION
This series has proven that this product does not contain harmful chemicals, it also has
harmful chemical substances through the registration, inspection and approval.
Note:
1.
The load shouldn't be less than 10%, otherwise ripple will increase dramatically.
2.
Operation under 10% load will not damage the converter; However, they may not meet all specification listed.
3.
Capacitor MAX load tested at input voltage range and full load.
4.
All specifications measured at Ta=25℃, humidity<75%, nominal input voltage and rated output load unless otherwise specified.
5.
Only typical models listed, other models may be different, please contact our technical person for more details.
6.
In this data sheet, all the test methods of indications are based on corporate standards.
Pin-Out
Pin-Out
Pin-Out
Pin-Out
Pin-Out
Pin-Out
Pin-Out
Pin-Out
Pin
Pin
Pin
Pin
Single
Single
Single
Single
Dual
Dual
Dual
Dual
1
–Vin (GND)
–Vin (GND)
7
No con.
No con.
8
No con.
Common
9
+Vout
+Vout
10
–Vout
–Vout
16
+Vin
+Vin
Outline
Outline
Outline
Outline
Outline
Outline
Outline
Outline Dimensions
Dimensions
Dimensions
Dimensions
Dimensions
Dimensions
Dimensions
Dimensions mm
mm
mm
mm
mm
mm
mm
mm (inches)
(inches)
(inches)
(inches)
(inches)
(inches)
(inches)
(inches)


Similar Part No. - WRA0512YT-2W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRA0512YD-3W MICRODC-WRA0512YD-3W Datasheet
1Mb / 3P
   3W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRA0512YD-6W MICRODC-WRA0512YD-6W Datasheet
1Mb / 3P
   6W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRA0512YD-8W MICRODC-WRA0512YD-8W Datasheet
673Kb / 4P
   8W, WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
WRA0512YDV-3W MICRODC-WRA0512YDV-3W Datasheet
748Kb / 3P
   3W,WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
WRA0512YMD-10W MICRODC-WRA0512YMD-10W Datasheet
766Kb / 3P
   2:1WIDEINPUT,ISOLATED®ULATED Dual/SingleOutputDC/DCConverter
More results

Similar Description - WRA0512YT-2W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRB-YD-30W MICRODC-WRB-YD-30W Datasheet
1Mb / 3P
   30W,WIDE INPUT, DIPPACKAGE,ISOLATED®ULATED SINGLEOUTPUTDC-DCCONVERTER
WRE-YS-2W MICRODC-WRE-YS-2W Datasheet
606Kb / 3P
   2W,WIDE INPUT,ISOLATED®ULATED DUAL/SINGLEOUTPUT DC-DCCONVERTER
WRE-YS-1W MICRODC-WRE-YS-1W Datasheet
742Kb / 3P
   1W,WIDEINPUT,ISOLATED®ULATED DUAL/SINGLEOUTPUTDC-DCCONVERTER
WRA-YMT-2W MICRODC-WRA-YMT-2W Datasheet
451Kb / 3P
   2W,WIDE INPUT, ISOLATED & REGULATED SINGLE/DUALOUTPUT DC/DCCONVERTER
WRA-ZHD-6W MICRODC-WRA-ZHD-6W Datasheet
656Kb / 3P
   6W,WIDE INPUT, ISOLATED & REGULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRA-YD-5W MICRODC-WRA-YD-5W Datasheet
664Kb / 3P
   5W,WIDE INPUT, ISOLATED & REGULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRA-YMD-10W MICRODC-WRA-YMD-10W Datasheet
766Kb / 3P
   2:1WIDEINPUT,ISOLATED®ULATED Dual/SingleOutputDC/DCConverter
WRA-YD-8W MICRODC-WRA-YD-8W Datasheet
1Mb / 4P
   8W,WIDE INPUT, ISOLATED & REGULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRA-YMD-3W MICRODC-WRA-YMD-3W Datasheet
741Kb / 4P
   3W,WIDE INPUT, ISOLATED & REGULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRB1203YMD-4500 MICRODC-WRB1203YMD-4500 Datasheet
512Kb / 2P
   Wide Input,Isolated & Regulated SingleOutputDC/DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com