Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WRA2405YMD-5W Datasheet(PDF) 1 Page - Microdc power Technology Co., Ltd

Part # WRA2405YMD-5W
Description  WIDE INPUT,ISOLATED & REGULATEDDual/Single OutputDC/DC Converter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

WRA2405YMD-5W Datasheet(HTML) 1 Page - Microdc power Technology Co., Ltd

  WRA2405YMD-5W Datasheet HTML 1Page - Microdc power Technology Co., Ltd WRA2405YMD-5W Datasheet HTML 2Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
WRA
WRA
WRA
WRA
WRA
WRA
WRA
WRA----
----Y
Y
Y
Y
Y
Y
Y
YMD
MD
MD
MD
MD
MD
MD
MD----
----5
5
5
5
5
5
5
5W
W
W
W
W
W
W
W
WRB
WRB
WRB
WRB
WRB
WRB
WRB
WRB----
----Y
Y
Y
Y
Y
Y
Y
YMD
MD
MD
MD
MD
MD
MD
MD----
----5
5
5
5
5
5
5
5W
W
W
W
W
W
W
W Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 1 of 2
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION GUIDE
GUIDE
GUIDE
GUIDE
GUIDE
GUIDE
GUIDE
GUIDE
order
order
order
order code
code
code
code
Input
Input
Input
Input Voltage
Voltage
Voltage
Voltage(VDC)
(VDC)
(VDC)
(VDC)
Output
Output
Output
Output Voltage
Voltage
Voltage
Voltage(VDC)
(VDC)
(VDC)
(VDC)
Output
Output
Output
Output Current(mA)
Current(mA)
Current(mA)
Current(mA)
WRB0503YMD-1200
4.5 - 9
3.3
1200
WRB0505YMD-5W
4.5 - 9
5
1000
WRB0512YMD-5W
4.5 - 9
12
420
WRB0515YMD-5W
4.5 - 9
15
330
WRB0524YMD-5W
4.5 - 9
24
210
WRB1203YMD-1200
9 - 18
3.3
1200
WRB1205YMD-5W
9 - 18
5
1000
WRB1212YMD-5W
9 - 18
12
420
WRB1215YMD-5W
9 - 18
15
330
WRB1224YMD-5W
9 - 18
24
210
WRB2403YMD-1200
18 - 36
3.3
1200
WRB2405YMD-5W
18 - 36
5
1000
WRB2412YMD-5W
18 - 36
12
420
WRB2415YMD-5W
18 - 36
15
330
WRB2424YMD-5W
18 - 36
24
210
WRB4803YMD-1200
36 - 72
3.3
1200
WRB4805YMD-5W
36 - 72
5
1000
WRB4812YMD-5W
36 - 72
12
420
WRB4815YMD-5W
36 - 72
15
330
WRB4824YMD-5W
36 - 72
24
210
WRA0505YMD-5W
4.5 - 9
±5
±500
WRA0512YMD-5W
4.5 - 9
±12
±200
WRA0515YMD-5W
4.5 - 9
±15
±160
WRA1205YMD-5W
9 - 18
±5
±500
WRA1212YMD-5W
9 - 18
±12
±200
WRA1215YMD-5W
9 - 18
±15
±160
WRA2405YMD-5W
18 - 36
±5
±500
WRA2412YMD-5W
18 - 36
±12
±200
WRA2415YMD-5W
18 - 36
±15
±160
WRA4805YMD-5W
36 - 72
±5
±500
WRA4812YMD-5W
36 - 72
±12
±200
WRA4815YMD-5W
36 - 72
±15
±160
*Input voltage can't exceed this value,or will cause the permanent damage.
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
WR
WR
WR
WR
WR
WR
WR
WRB
B
B
B
B
B
B
B
24
24
24
24
24
24
24
24
05
05
05
05
05
05
05
05
Y
Y
Y
Y
Y
Y
Y
Y
M
M
M
M
M
M
M
M
D
D
D
D
D
D
D
D
--------5
5
5
5
5
5
5
5W
W
W
W
W
W
W
W(1000)
(1000)
(1000)
(1000)
(1000)
(1000)
(1000)
(1000)
①Product Series
②Input Voltage
③Output Voltage
④Wide (2:1) Input Range
⑤Metal Shield
1"X1"DIP Package
⑦Rated Power(Output current)
Input
Input
Input
Input
Min
Min
Min
Min
Nom
Nom
Nom
Nom
Max
Max
Max
Max
Notes
Notes
Notes
Notes
Input Voltage
4.5
6
9
9
12
18
18
24
36
36
48
72
Output
Output
Output
Output
Min
Min
Min
Min
Nom
Nom
Nom
Nom
Max
Max
Max
Max
Notes
Notes
Notes
Notes
Setpoint Accuracy
±1%
Vo1
±3%
Vo2
Line Regulation
±0.2%
Load Regulation
±0.5%
Dynamic Response
3%Vo Pk deviation
50~75% load
50~25% load
200 settling time
Ripple and Noise
50mVp-p
Vo 5Vdc
100mVp-p
Other
Temperature coefficient
±0.02%/℃
General
General
General
General
Min
Min
Min
Min
Nom
Nom
Nom
Nom
Max
Max
Max
Max
Notes
Notes
Notes
Notes
Isolation Voltage
500Vdc
Input-Output
Input-Case
Output-Case
Switching Frequency
300KHZ
Efficiency
82%
typ
MTBF
10X105h
Bellcore ,25℃
Case Temperature
-25℃
+85℃
-43℃
+105℃
Military
Storage Temperature
-40℃
+125℃
Relative Humidity
10%
90%
*Input voltage can't exceed this value,or will cause the permanent damage.
WIDE
WIDE
WIDE
WIDE INPUT,ISOLATED
INPUT,ISOLATED
INPUT,ISOLATED
INPUT,ISOLATED &
&
&
& REGULATED
REGULATED
REGULATED
REGULATED Dual/Single
Dual/Single
Dual/Single
Dual/Single Output
Output
Output
Output DC/DC
DC/DC
DC/DC
DC/DC Converter
Converter
Converter
Converter
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
RoHS compliant
Efficiency up to 86%
1"X1" DIP Package
Wide temperature performance at full
5 Watt load,-40°C to 85°C
UL 94V-0 package material
No heatsink required
Low ripple and good EMC Features
Industry standard pinout
Power sharing on output
I/O Isolation 1500VDC
Short Circuit Protection(automatic recovery)
Metal case package
MTBF>1000000 hours
DESCRIPTION
DESCRIPTION
DESCRIPTION
DESCRIPTION
DESCRIPTION
DESCRIPTION
DESCRIPTION
DESCRIPTION
The WRA_YMD-5W& WRB_YMD-5W series are specially
designed for applications where a group of polar power
supplies are isolated from the input power supply in a
distributed power supply system on a circuit board.
These products apply to:
1) where the voltage of the input power supply is wide
range
(voltage range ≤2:1);
2) where isolation is necessary between input and output
(isolation voltage ≤1500VDC);
3) where the regulation of the output voltage and the
output ripple noise are demanded.
MICRODC reserves the copyright


Similar Part No. - WRA2405YMD-5W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRA2405YMD-10W MICRODC-WRA2405YMD-10W Datasheet
766Kb / 3P
   2:1WIDEINPUT,ISOLATED®ULATED Dual/SingleOutputDC/DCConverter
WRA2405YMD-15W MICRODC-WRA2405YMD-15W Datasheet
714Kb / 3P
   15W, WIDE INPUT, ISOLATED®ULATED SINGLE/DUAL OUTPUTDC-DC CONVERTER
logo
MORNSUN Science& Techno...
WRA2405YMD-3W MORNSUN-WRA2405YMD-3W Datasheet
129Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
Microdc power Technolog...
WRA2405YMD-3W MICRODC-WRA2405YMD-3W Datasheet
741Kb / 4P
   3W,WIDE INPUT, ISOLATED & REGULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
logo
MORNSUN Science& Techno...
WRA2405YMD-6W MORNSUN-WRA2405YMD-6W Datasheet
127Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
More results

Similar Description - WRA2405YMD-5W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRA-YMD-15W MICRODC-WRA-YMD-15W Datasheet
714Kb / 3P
   15W, WIDE INPUT, ISOLATED®ULATED SINGLE/DUAL OUTPUTDC-DC CONVERTER
WRA-YMD-20W MICRODC-WRA-YMD-20W Datasheet
657Kb / 3P
   20W, WIDE INPUT, ISOLATED®ULATED DUAL OUTPUTDC-DC CONVERTER
WRA1212YMD-20W MICRODC-WRA1212YMD-20W Datasheet
666Kb / 3P
   20W, WIDE INPUT, ISOLATED®ULATED DUAL OUTPUTDC-DC CONVERTER
WRA-YMT-3W MICRODC-WRA-YMT-3W Datasheet
490Kb / 3P
   3W, WIDE INPUT , ISOLA TED & REGULATED SINGLE/DUAL OUTPUTDC/DC CONVERTER
WRA-ZHD-6W MICRODC-WRA-ZHD-6W Datasheet
656Kb / 3P
   6W,WIDE INPUT, ISOLATED & REGULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRA-YD-8W MICRODC-WRA-YD-8W Datasheet
1Mb / 4P
   8W,WIDE INPUT, ISOLATED & REGULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRA-YMD-3W MICRODC-WRA-YMD-3W Datasheet
741Kb / 4P
   3W,WIDE INPUT, ISOLATED & REGULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRA-YD-5W MICRODC-WRA-YD-5W Datasheet
664Kb / 3P
   5W,WIDE INPUT, ISOLATED & REGULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
logo
MORNSUN Science& Techno...
VRB2412LD-40WHR3 MORNSUN-VRB2412LD-40WHR3 Datasheet
825Kb / 5P
   40W, Wide input, isolated & regulated single output DC/DC converter
logo
Microdc power Technolog...
WRB0505YES-1W MICRODC-WRB0505YES-1W Datasheet
1Mb / 3P
   Wide Input,Isolated&Regulated Single Output SIP12 DC-DC Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com