Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WRB4812YMT-3W Datasheet(PDF) 2 Page - Microdc power Technology Co., Ltd

Part # WRB4812YMT-3W
Description  3W, WIDE INPUT , ISOLA TED & REGULATED SINGLE/DUAL OUTPUTDC/DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

WRB4812YMT-3W Datasheet(HTML) 2 Page - Microdc power Technology Co., Ltd

  WRB4812YMT-3W Datasheet HTML 1Page - Microdc power Technology Co., Ltd WRB4812YMT-3W Datasheet HTML 2Page - Microdc power Technology Co., Ltd WRB4812YMT-3W Datasheet HTML 3Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
WRA-YMT-3W&WRB-YMT-3W
WRA-YMT-3W&WRB-YMT-3W
WRA-YMT-3W&WRB-YMT-3W
WRA-YMT-3W&WRB-YMT-3W
WRA-YMT-3W&WRB-YMT-3W
WRA-YMT-3W&WRB-YMT-3W
WRA-YMT-3W&WRB-YMT-3W
WRA-YMT-3W&WRB-YMT-3W S
Series
eries
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 2 of 3
ISOLATION
ISOLATION
ISOLATION
ISOLATION
ISOLATION
ISOLATION
ISOLATION
ISOLATION SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
Parameter
Test conditions
Min.
Typ.
Max
Units
Isolation voltage
Tested for 1 minute and 1mA max
1500
VDC
Isolation resistance
Test at 500VDC
1000
MΩ
Isolation capacitance
Input/output, 100KHz/1V
1000
pF
APPLICATION
APPLICATION
APPLICATION
APPLICATION
APPLICATION
APPLICATION
APPLICATION
APPLICATION NOTE
NOTE
NOTE
NOTE
NOTE
NOTE
NOTE
NOTE
Requirement
Requirement
Requirement
Requirement on
on
on
on output
output
output
output load
load
load
load
In order to ensure the product operate efficiently and reliably, in addition to a max load (namely full
load), a minimum load is specified for this kind of DC/DC converter. Make sure the specified range of
input voltage is not exceeded, the minimum output load no less than 10% load. If the actual load is less
than the specified minimum load, the output ripple may increase sharply while its efficiency and reliability
will reduce greatly. If the actual output power is very small, please add an appropriate resistor as extra
loading, or contact our company for other lower output power products.
Recommended
Recommended
Recommended
Recommended Circuit
Circuit
Circuit
Circuit
All the WRA_YMT-3W & WRB_YMT-3W series have been tested according to the following
recommended testing circuit before leaving factory. This series should be tested under load (See Figure 1).
If you want to further decrease the input/output ripple, you can increase capacitance properly or choose
capacitors with low ESR. However, the capacitance of the output filter capacitor must be proper. If the
capacitance is too big, a startup problem might arise. For every channel of output, provided the safe and
reliable operation is ensured, the greatest capacitance of its filter capacitor sees (Table 1).
General:
Cin:
5V&12V
100µF
24V&48V
10µF~47µF
Cout: 10µF/100mA
Input
Input
Input
Input Current
Current
Current
Current
When it is used in unregulated power supply, be sure that the fluctuating range of the power supply and
the rippled voltage do not exceed the module standard. Input current of power supply should afford the
flash startup current of this kind of DC/DC module (Figure 2),
General:
Ip ≤1.6*Iin-max(Vin=5V)
Ip ≤1.4*Iin-max(Vin=12V/24V/48V)
No
No
No
No parallel
parallel
parallel
parallel connection
connection
connection
connection or
or
or
or plug
plug
plug
plug and
and
and
and play
play
play
play
TYPICAL
TYPICAL
TYPICAL
TYPICAL
TYPICAL
TYPICAL
TYPICAL
TYPICAL CHARECTERISTICS
CHARECTERISTICS
CHARECTERISTICS
CHARECTERISTICS
CHARECTERISTICS
CHARECTERISTICS
CHARECTERISTICS
CHARECTERISTICS
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED CIRCUIT
CIRCUIT
CIRCUIT
CIRCUIT
CIRCUIT
CIRCUIT
CIRCUIT
CIRCUIT
OUTPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
Parameter
Test conditions
Min.
Typ.
Max
Units
Output power
See above products program
0.3
3
W
Positive voltage accuracy
Refer to recommended circuit
±1
±3
%
Negative voltage accuracy
Refer to recommended circuit
±3
±5
%
Load regulation
From 10% to 100% load
±0.5
±1*
%
Line regulation
Input voltage from low to high
±0.2
±0.5
%
Temperature Drift (Vout)
Refer to recommended circuit
±0.03
%/℃
Output ripple& noise**
20MHz Bandwidth
35
100
mVp-p
Switching frequency
100% load, nominal input voltage
300
KHz
* Dual output models unbalanced load:±5%.
**Test ripple and noise by “parallel cable”method. See detailed operation instructions at Testing of Power
Converter section, application notes.


Similar Part No. - WRB4812YMT-3W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRB4812YMD-10W MICRODC-WRB4812YMD-10W Datasheet
766Kb / 3P
   2:1WIDEINPUT,ISOLATED®ULATED Dual/SingleOutputDC/DCConverter
WRB4812YMD-15W MICRODC-WRB4812YMD-15W Datasheet
714Kb / 3P
   15W, WIDE INPUT, ISOLATED®ULATED SINGLE/DUAL OUTPUTDC-DC CONVERTER
WRB4812YMD-15W MICRODC-WRB4812YMD-15W Datasheet
810Kb / 4P
   Isolated 15WSingle Output DC/DC Converter
WRB4812YMD-20W MICRODC-WRB4812YMD-20W Datasheet
512Kb / 2P
   Wide Input,Isolated & Regulated SingleOutputDC/DC Converter
logo
MORNSUN Science& Techno...
WRB4812YMD-3W MORNSUN-WRB4812YMD-3W Datasheet
129Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
More results

Similar Description - WRB4812YMT-3W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
MA-XD-1W MICRODC-MA-XD-1W Datasheet
445Kb / 2P
   1W/2W, FIXED INPUT , ISOLA TED & REGULATED DUAL OUTPUT DC-DC CONVERTER
WRA-YMD-15W MICRODC-WRA-YMD-15W Datasheet
714Kb / 3P
   15W, WIDE INPUT, ISOLATED®ULATED SINGLE/DUAL OUTPUTDC-DC CONVERTER
WRA-YMD-20W MICRODC-WRA-YMD-20W Datasheet
657Kb / 3P
   20W, WIDE INPUT, ISOLATED®ULATED DUAL OUTPUTDC-DC CONVERTER
WRA1212YMD-20W MICRODC-WRA1212YMD-20W Datasheet
666Kb / 3P
   20W, WIDE INPUT, ISOLATED®ULATED DUAL OUTPUTDC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
3T16WE GAPTEC-3T16WE Datasheet
985Kb / 3P
   3W - Single/Dual Output DC-DC Converter - Wide Input - Isolated & Regulated
logo
Microdc power Technolog...
WRA-ZHD-3W MICRODC-WRA-ZHD-3W Datasheet
988Kb / 3P
   3W, WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
WRA-YDV-3W MICRODC-WRA-YDV-3W Datasheet
748Kb / 3P
   3W,WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
WRE-YS-3W MICRODC-WRE-YS-3W Datasheet
745Kb / 3P
   3W,WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLEOUTPUTDC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
3T8W GAPTEC-3T8W Datasheet
1Mb / 4P
   3W - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
3T14W4 GAPTEC-3T14W4 Datasheet
1Mb / 4P
   3W - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com