Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WRB2405YS-2W Datasheet(PDF) 2 Page - Microdc power Technology Co., Ltd

Part # WRB2405YS-2W
Description  WIDEINPUT,ISOLATED®ULATEDDual/SingleOutput SIPDC/DCConverter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

WRB2405YS-2W Datasheet(HTML) 2 Page - Microdc power Technology Co., Ltd

  WRB2405YS-2W Datasheet HTML 1Page - Microdc power Technology Co., Ltd WRB2405YS-2W Datasheet HTML 2Page - Microdc power Technology Co., Ltd WRB2405YS-2W Datasheet HTML 3Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
WRA
WRA
WRA
WRA
WRA
WRA
WRA
WRA----
----YS-
YS-
YS-
YS-
YS-
YS-
YS-
YS-2
2
2
2
2
2
2
2W
W
W
W
W
W
W
W
WRB
WRB
WRB
WRB
WRB
WRB
WRB
WRB----
----YS
YS
YS
YS
YS
YS
YS
YS ----
----2
2
2
2
2
2
2
2W
W
W
W
W
W
W
W Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 2 of 3
TEMPERATURE
TEMPERATURE
TEMPERATURE
TEMPERATURE
TEMPERATURE
TEMPERATURE
TEMPERATURE
TEMPERATURE CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
Parameter
Parameter
Parameter
Parameter
Conditions
Conditions
Conditions
Conditions
Min.
Min.
Min.
Min.
Typ.
Typ.
Typ.
Typ.
Max.
Max.
Max.
Max.
Units
Units
Units
Units
Storage humidity range
95
%
NO-load power consumption
120
°C
Operating temperature
-40
85
°C
Storage temperature
-55
125
°C
Lead temperature
1.5mm from case for 10 seconds
300
°C
Temp.rise at full load
15
35
°C
Cooling
Free air convection
Case material
Plastic(UL94-V0)
Short circuit protection
*
Continuous,automatic recovery
1
S
MTBF
1000
K hours
Weight
5
g
*Supply voltage must be discontinued at the end of short circuit duration.
ISOLATION
ISOLATION
ISOLATION
ISOLATION
ISOLATION
ISOLATION
ISOLATION
ISOLATION SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
Parameter
Parameter
Parameter
Parameter
Test
Test
Test
Test conditions
conditions
conditions
conditions
Min.
Min.
Min.
Min.
Typ.
Typ.
Typ.
Typ.
Max.
Max.
Max.
Max.
Units
Units
Units
Units
Isolation test voltage
Flash tested for 1 minute and 1mA max
1500
VDC
Isolation resistance
Test at Viso=500VDC
1000
Isolation capacitance
100KHz,1v
35
pF
APPLICATION
APPLICATION
APPLICATION
APPLICATION
APPLICATION
APPLICATION
APPLICATION
APPLICATION NOTE
NOTE
NOTE
NOTE
NOTE
NOTE
NOTE
NOTE
SIZE
SIZE
SIZE
SIZE Graph
Graph
Graph
Graph
1)
1)
1)
1) Recommended
Recommended
Recommended
Recommended circuit
circuit
circuit
circuit
If you want to further decrease the input/output ripple, an ° LC ° filtering network may be connected to the input and
output ends of the DC/DC converter, see (Figure 1). Lin However, the capacitance of the output filter capacitor must be
proper. If the capacitance is too big, a startup problem might arise. For every channel of output, provided the safe and
reliable operation is ensured, the greatest capacitance of its filter capacitor sees (Table 1). General:
Cin:
5V,12V
100PF
24V,48V
10uF
Cout:
47PF(typ.)
Lin:
4.7PH ~120PH
Lout:2.2PH ~10PH
Cs:
10uF ~ 22uF
2)
2)
2)
2) CTRL
CTRL
CTRL
CTRL Terminal
Terminal
Terminal
Terminal
When open or high impedance,the converter work well; When this pin is °high°; the converter shutdown; It should be
note that the input
current (Ic) should between 5-10mA, exceeding the maximum 20mA will cause permanence damage to
the converter. The value of R Can be derived as follows :
3)
3)
3)
3) Input
Input
Input
Input current
current
current
current
While using unstable power source, please ensure the output voltage and ripple voltage do not excced indexes of the
converter. The preceding power source must be
able to provide for converter sufficient starting current Ip (Figure 2).
General: Ip≤1.4*Iin-max
4)
4)
4)
4) No
No
No
No parallel
parallel
parallel
parallel connection
connection
connection
connection or
or
or
or plug
plug
plug
plug and
and
and
and play
play
play
play
TYPICAL
TYPICAL
TYPICAL
TYPICAL
TYPICAL
TYPICAL
TYPICAL
TYPICAL CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
Temperature
Temperature
Temperature
Temperature Derating
Derating
Derating
Derating Graph
Graph
Graph
Graph
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED CIRCUIT
CIRCUIT
CIRCUIT
CIRCUIT
CIRCUIT
CIRCUIT
CIRCUIT
CIRCUIT
OUTPUT
OUTPUT
OUTPUT
OUTPUT Graph
Graph
Graph
Graph
EXTERNAL CAPACITOR TABLE (TABLE 1)
Single
Single
Single
Single
Single
Single
Single
Single Vout
Vout
Vout
Vout
Vout
Vout
Vout
Vout
Cout
Cout
Cout
Cout
Cout
Cout
Cout
Cout
Dual
Dual
Dual
Dual
Dual
Dual
Dual
Dual Vout
Vout
Vout
Vout
Vout
Vout
Vout
Vout
Cout
Cout
Cout
Cout
Cout
Cout
Cout
Cout
(VDC)
(VDC)
(VDC)
(VDC)
((((μ
μ
μ
μF)
F)
F)
F)
(VDC)
(VDC)
(VDC)
(VDC)
((((μ
μ
μ
μF)
F)
F)
F)
5
680
±5
330
9
560
±12
220
12
470
±15
150
15
330
_
_


Similar Part No. - WRB2405YS-2W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRB2405YS-1W MICRODC-WRB2405YS-1W Datasheet
1Mb / 3P
   WIDEINPUT,ISOLATED®ULATEDDual/SingleOutput SIPDC/DCConverter
WRB2405YS-3W MICRODC-WRB2405YS-3W Datasheet
757Kb / 3P
   3W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
More results

Similar Description - WRB2405YS-2W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRA-YS-1W MICRODC-WRA-YS-1W Datasheet
1Mb / 3P
   WIDEINPUT,ISOLATED®ULATEDDual/SingleOutput SIPDC/DCConverter
WRA-ZS-2W MICRODC-WRA-ZS-2W Datasheet
649Kb / 2P
   WIDEINPUT,ISOLATED®ULATEDDual/SingleOutput SIP-8DC/DCConverter
WRA-ZLS-2W MICRODC-WRA-ZLS-2W Datasheet
604Kb / 2P
   WIDEINPUT,ISOLATED®ULATEDDual/SingleOutput SIP-9(10)DC/DCConverter
WRA-YLS-3W MICRODC-WRA-YLS-3W Datasheet
683Kb / 4P
   WIDEINPUT,ISOLATED®ULATEDDualOutput SIPDC/DCConverter
WRA-YMD-6W MICRODC-WRA-YMD-6W Datasheet
989Kb / 3P
   WIDEINPUT,ISOLATED®ULATEDDual/SingleOutputDC/DCConverter
WRA-ZD-4W MICRODC-WRA-ZD-4W Datasheet
930Kb / 3P
   4W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRA-ZMD-30W MICRODC-WRA-ZMD-30W Datasheet
603Kb / 3P
   30W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRA-YS-3W MICRODC-WRA-YS-3W Datasheet
757Kb / 3P
   3W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WR-ZD-3W MICRODC-WR-ZD-3W Datasheet
1Mb / 3P
   3W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WR-ZMD-10W MICRODC-WR-ZMD-10W Datasheet
1Mb / 3P
   10W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com