Electronic Components Datasheet Search |
|
WRA4809YD-4W Datasheet(PDF) 3 Page - Microdc power Technology Co., Ltd |
|
WRA4809YD-4W Datasheet(HTML) 3 Page - Microdc power Technology Co., Ltd |
3 / 3 page WRA-YD-4W&WRB-YD-4W WRA-YD-4W&WRB-YD-4W WRA-YD-4W&WRB-YD-4W WRA-YD-4W&WRB-YD-4W WRA-YD-4W&WRB-YD-4W WRA-YD-4W&WRB-YD-4W WRA-YD-4W&WRB-YD-4W WRA-YD-4W&WRB-YD-4W Series Series http://www.microdc.cn Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646 Page 3 of 3 OUTLINE OUTLINE OUTLINE OUTLINE OUTLINE OUTLINE OUTLINE OUTLINE DIMENSIONS DIMENSIONS DIMENSIONS DIMENSIONS DIMENSIONS DIMENSIONS DIMENSIONS DIMENSIONS & & & & & & & & FOOTPRINT FOOTPRINT FOOTPRINT FOOTPRINT FOOTPRINT FOOTPRINT FOOTPRINT FOOTPRINT DETAILS DETAILS DETAILS DETAILS DETAILS DETAILS DETAILS DETAILS MECHANICAL MECHANICAL MECHANICAL MECHANICAL MECHANICAL MECHANICAL MECHANICAL MECHANICAL DIMENSIONS DIMENSIONS DIMENSIONS DIMENSIONS DIMENSIONS DIMENSIONS DIMENSIONS DIMENSIONS Note: Unit:mm[inch] Pin section tolerances:±0.10mm[±0.004inch] General tolerances:±0.25mm[±0.010inch] RECOMMENDED RECOMMENDED RECOMMENDED RECOMMENDED RECOMMENDED RECOMMENDED RECOMMENDED RECOMMENDED FOOTPRINT FOOTPRINT FOOTPRINT FOOTPRINT FOOTPRINT FOOTPRINT FOOTPRINT FOOTPRINT RECOMMENDED FOOTPRINT Top view grid:2.54mm(0.1inch) diameter:1.00mm(0.039inch) FOOTPRINT FOOTPRINT FOOTPRINT FOOTPRINT FOOTPRINT FOOTPRINT FOOTPRINT FOOTPRINT DETAILS DETAILS DETAILS DETAILS DETAILS DETAILS DETAILS DETAILS Pin Single Dual 2、3 -V Input -V Input 9 N.C Common 11 N.C -V Output 14 +V Output +V Output 16 -V Output Common 22、23 +V Input +V Input NC:No connection Note: 1. The load shouldn't be less than 10%, otherwise ripple will increase dramatically. 2. Operation under 10% load will not damage the converter; However, they may not meet all specification listed. 3. All specifications measured at Ta=25°C, humidity<75%, nominal input voltage and rated output load unless otherwise specified. 4. In this data sheet, all the test methods of indications are based on corporate standards. 5. Only typical models listed, other models may be different, please contact our technical person for more details. TUBE TUBE TUBE TUBE TUBE TUBE TUBE TUBE OUTLINE OUTLINE OUTLINE OUTLINE OUTLINE OUTLINE OUTLINE OUTLINE DIMENSIONS DIMENSIONS DIMENSIONS DIMENSIONS DIMENSIONS DIMENSIONS DIMENSIONS DIMENSIONS Note: Unit :mm[inch] General tolerances:±0.50mm[±0.020inch] L=530mm[20.866inch] Tube Quantity: 15pcs L=220mm[8.661inch] Tube Quantity: 6pcs When When When When the the the the environment environment environment environment temperature temperature temperature temperature is is is is higher higher higher higher than than than than 71 71 71 71℃,,,, the the the the product product product product output output output output power power power power should should should should be be be be less less less less then then then then 60% 60% 60% 60% of of of of the the the the rated rated rated rated power. power. power. power. No No No No parallel parallel parallel parallel connection connection connection connection or or or or plug plug plug plug and and and and play. play. play. play. Use Use Use Use dual dual dual dual output output output output simultaneously,forbid simultaneously,forbid simultaneously,forbid simultaneously,forbid pening pening pening pening output output output output pin pin pin pin (0V) (0V) (0V) (0V) to to to to use use use use as as as as single single single single output. output. output. output. |
Similar Part No. - WRA4809YD-4W |
|
Similar Description - WRA4809YD-4W |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |