Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WRA4809ZHD-330 Datasheet(PDF) 1 Page - Microdc power Technology Co., Ltd

Part # WRA4809ZHD-330
Description  6W,WIDE INPUT, ISOLATED & REGULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

WRA4809ZHD-330 Datasheet(HTML) 1 Page - Microdc power Technology Co., Ltd

  WRA4809ZHD-330 Datasheet HTML 1Page - Microdc power Technology Co., Ltd WRA4809ZHD-330 Datasheet HTML 2Page - Microdc power Technology Co., Ltd WRA4809ZHD-330 Datasheet HTML 3Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
WRA-ZHD-6W&WRB-ZHD-6W
WRA-ZHD-6W&WRB-ZHD-6W
WRA-ZHD-6W&WRB-ZHD-6W
WRA-ZHD-6W&WRB-ZHD-6W
WRA-ZHD-6W&WRB-ZHD-6W
WRA-ZHD-6W&WRB-ZHD-6W
WRA-ZHD-6W&WRB-ZHD-6W
WRA-ZHD-6W&WRB-ZHD-6W Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 1 of 3
S
S
S
S
S
S
S
SE
E
E
E
E
E
E
ELECTION
LECTION
LECTION
LECTION
LECTION
LECTION
LECTION
LECTION GUIDE
GUIDE
GUIDE
GUIDE
GUIDE
GUIDE
GUIDE
GUIDE
Model
Model
Model
Model
Input
Input
Input
Input
Voltage
Voltage
Voltage
Voltage (V)
(V)
(V)
(V)
Output
Output
Output
Output
Voltage
Voltage
Voltage
Voltage
(V)
(V)
(V)
(V)
Output
Output
Output
Output
Current
Current
Current
Current
max
max
max
max (mA)
(mA)
(mA)
(mA)
Isolation
Isolation
Isolation
Isolation
(VDC)
(VDC)
(VDC)
(VDC)
Max
Max
Max
Max
Capacitive
Capacitive
Capacitive
Capacitive
Load(uF)
Load(uF)
Load(uF)
Load(uF)
Efficiency
Efficiency
Efficiency
Efficiency
(%)
(%)
(%)
(%)
WRB2403ZHD-1400
9-36
3.3
1400
1500
1000
75
WRB2405ZHD-6W
9-36
5
1200
1500
680
81
WRB2407ZHD-830
9-36
7.2
830
1500
680
78
WRB2409ZHD-660
9-36
9
660
1500
330
82
WRB2412ZHD-6W
9-36
12
500
1500
100
83
WRB2415ZHD-6W
9-36
15
400
1500
100
83
WRB2418ZHD-330
9-36
18
330
1500
100
83
WRB2424ZHD-6W
9-36
24
250
1500
68
82
WRB4803ZHD-1400
18-72
3.3
1400
1500
1000
75
WRB4805ZHD-6W
18-72
5
1200
1500
680
81
WRB4807ZHD-830
18-72
7.2
830
1500
680
81
WRB4809ZHD-660
18-72
9
660
1500
330
82
WRB4812ZHD-6W
18-72
12
500
1500
100
82
WRB4815ZHD-6W
18-72
15
400
1500
100
85
WRB4818ZHD-330
18-72
18
330
1500
100
83
WRB4824ZHD-6W
18-72
24
250
1500
68
83
WRA2403ZHD-700
9-36
±3.3
±700
1500
±470
80
WRA2405ZHD-6W
9-36
±5
±600
1500
±330
82
WRA2407ZHD-410
9-36
±7.2
±410
1500
±330
80
WRA2409ZHD-330
9-36
±9
±330
1500
±100
82
WRA2412ZHD-6W
9-36
±12
±250
1500
±68
84
WRA2415ZHD-6W
9-36
±15
±200
1500
±68
80
WRA2418ZHD-160
9-36
±18
±160
1500
±68
80
WRA2424ZHD-6W
9-36
±24
±125
1500
±22
81
WRA4803ZHD-700
18-72
±3.3
±700
1500
±470
79
WRA4805ZHD-6W
18-72
±5
±600
1500
±330
82
WRA4807ZHD-410
18-72
±7.2
±410
1500
±330
81
WRA4809ZHD-330
18-72
±9
±330
1500
±100
81
WRA4812ZHD-6W
18-72
±12
±250
1500
±68
83
WRA4815ZHD-6W
18-72
±15
±200
1500
±68
81
WRA4818ZHD-160
18-72
±18
±160
1500
±68
81
WRA4824ZHD-6W
18-72
±24
±125
1500
±22
81
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
WR
WR
WR
WR
WR
WR
WR
WRA
A
A
A
A
A
A
A
24
24
24
24
24
24
24
24
15
15
15
15
15
15
15
15
Z
Z
Z
Z
Z
Z
Z
Z
H
H
H
HD
D
D
D
D
D
D
D
--------6
6
6
6
6
6
6
6W
W
W
W
W
W
W
W(200)
(200)
(200)
(200)
①Product Series
②Input Voltage
③Output Voltage
④4:1Wide Input Volage Range
⑤Symmetric pin layout DIP24 Package Style
⑥Rated Power(Output current)
Parameters
Parameters
Parameters
Parameters
Parameters
Parameters
Parameters
Parameters
Model
Model
Model
Model
CE
CE
CE
CE
Standards
EN55022 Class A, EN55024
IEC61000-4-2, Perf. Criteria B
IEC61000-4-3, Perf. Criteria A
IEC61000-4-4, Perf. Criteria B (external 220uF/100V cap required)
IEC61000-4-5, Perf. Criteria B (external 220uF/100V cap required)
IEC61000-4-6, Perf. Criteria A
IEC61000-4-8, Perf. Criteria A
NOTE: Also designed to meet IEC60950-1:2001
an
6
6
6
6W,
W,
W,
W, WIDE
WIDE
WIDE
WIDE INPUT,
INPUT,
INPUT,
INPUT, ISOLATED
ISOLATED
ISOLATED
ISOLATED &
&
&
& REGULATED
REGULATED
REGULATED
REGULATED DUAL/SINGLE
DUAL/SINGLE
DUAL/SINGLE
DUAL/SINGLE OUTPUT
OUTPUT
OUTPUT
OUTPUT DC-DC
DC-DC
DC-DC
DC-DC CONVERTER
CONVERTER
CONVERTER
CONVERTER
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
RoHS compliant
24 Pin DIP Package
Wide 4:1 input range
High efficiency up to 85%
Operating temperature -40℃ to + 85℃
Input/output isolation 1500VDC
Pin compatible with multiple manufacturers
Continuous short circuit protection
No heat sink required
Industry standard pinout
MTBF<1,000,000 hours
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
MICRODC reserves the copyright
The
WRA-ZHD-6W&WRB-ZHD-6W
series
offer 6 watts of output power from a package in
an IC compatible 24 pin DIP configuration
without derating to 71ºC ambient temperature.
WRA-ZHD-6W&WRB-ZHD-6W series have 4:1
wide input voltage of 9-36 and 18-72VDC.


Similar Part No. - WRA4809ZHD-330

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRA4809ZHD-3W MICRODC-WRA4809ZHD-3W Datasheet
988Kb / 3P
   3W, WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
More results

Similar Description - WRA4809ZHD-330

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WR-ZD-6W MICRODC-WR-ZD-6W Datasheet
1Mb / 3P
   6W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRA-YD-6W MICRODC-WRA-YD-6W Datasheet
1Mb / 3P
   6W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRA-YD-5W MICRODC-WRA-YD-5W Datasheet
664Kb / 3P
   5W,WIDE INPUT, ISOLATED & REGULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRA-YD-8W MICRODC-WRA-YD-8W Datasheet
1Mb / 4P
   8W,WIDE INPUT, ISOLATED & REGULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRA-YMD-3W MICRODC-WRA-YMD-3W Datasheet
741Kb / 4P
   3W,WIDE INPUT, ISOLATED & REGULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRA-YMD-6W MICRODC-WRA-YMD-6W Datasheet
989Kb / 3P
   WIDEINPUT,ISOLATED®ULATEDDual/SingleOutputDC/DCConverter
WRA-ZD-4W MICRODC-WRA-ZD-4W Datasheet
930Kb / 3P
   4W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRA-ZMD-30W MICRODC-WRA-ZMD-30W Datasheet
603Kb / 3P
   30W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRA-YS-3W MICRODC-WRA-YS-3W Datasheet
757Kb / 3P
   3W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WR-ZD-3W MICRODC-WR-ZD-3W Datasheet
1Mb / 3P
   3W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com