Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WRB4805ZS-2W Datasheet(PDF) 2 Page - Microdc power Technology Co., Ltd

Part # WRB4805ZS-2W
Description  WIDEINPUT,ISOLATED®ULATEDDual/SingleOutput SIP-8DC/DCConverter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

WRB4805ZS-2W Datasheet(HTML) 2 Page - Microdc power Technology Co., Ltd

  WRB4805ZS-2W Datasheet HTML 1Page - Microdc power Technology Co., Ltd WRB4805ZS-2W Datasheet HTML 2Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
WRA_
WRA_
WRA_
WRA_
WRA_
WRA_
WRA_
WRA_Z
Z
Z
Z
Z
Z
Z
ZS-
S-
S-
S-
S-
S-
S-
S-2
2
2
2
2
2
2
2W
W
W
W
W
W
W
W
WRB_
WRB_
WRB_
WRB_
WRB_
WRB_
WRB_
WRB_Z
Z
Z
Z
Z
Z
Z
ZS
S
S
S
S
S
S
S ----
----2
2
2
2
2
2
2
2W
W
W
W
W
W
W
W Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 2 of 2
Note:
1.
The load shouldn't be less than 10%, otherwise ripple will increase dramatically.
2.
Operation under 10% load will not damage the converter; However, they may not meet all specification listed.
3.
All specifications measured at Ta=25 ° C, humidity<75%, nominal input voltage and rated output load unless
otherwise specified.
4. In this datasheet, all the test methods of indications are based on corporate standards.
5.
Only typical models listed, other models may be different, please contact our technical person for more details.
General
General
General
General
General
General
General
General Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Parameter
Parameter
Parameter
Parameter
results
results
results
results
Temperature ranges
– Operating
– Case temperature
– Storage
–40°C to +85°C
+90°C max.
–55°C to +105°C
Derating (convection cooling)
3.3 %/K above 70°C
Humidity (non condensing)
95 % rel. H max.
Reliability, calculated MTBF (MIL-HDBK-217F at +25°C, ground benign)
>1 Mio h
Isolation voltage (60 sec.)
– Input/Output
1’500 VDC
Isolation capacitance
– Input/Output
500 pF max.
Isolation resistance
– Input/Output (500 VDC)
>1‘000 M Ohm
Switching frequency
100 to 650 kHz (PFM)
Remote On/Off control
– On:
– Off:
– Off stand by input current
<0.6 VDC or open circuit
2.9 to 15 VDC
1 mA typ / 3 mA max.
Microdc Professional Power Module,Inc.
Tel:0086-20-86000646
E-mail:tech@microdc.cn
Website:http://www.microdc.cn
RoHS
RoHS
RoHS
RoHS COMPLIANT
COMPLIANT
COMPLIANT
COMPLIANT INFORMATION
INFORMATION
INFORMATION
INFORMATION
This series is compatible with RoHS soldering systems with a peak wave solder temperature
of 300°C for 10 seconds.
The pin termination finish on the SIP package type is Tin Plate, Hot Dipped over Matte Tin
with Nickel Preplate. The DIP types are Matte Tin over Nickel Preplate. Both types in this
series are backward compatible with Sn/Pb soldering systems.
REACH
REACH
REACH
REACH COMPLIANT
COMPLIANT
COMPLIANT
COMPLIANT INFORMATION
INFORMATION
INFORMATION
INFORMATION
This series has proven that this product does not contain harmful chemicals, it also has
harmful chemical substances through the registration, inspection and approval.
Physical
Physical
Physical
Physical
Physical
Physical
Physical
PhysicalSpecifications
Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Parameter
Parameter
Parameter
Parameter
results
results
results
results
Casing material
non-conductive plastic
Potting material
epoxy (UL 94V-0 rated)
Weight
6.5 g (0.23 oz)
Soldering temperature
max. 260°C / 10 sec.
Environmental compliance
– Reach
– RoHS directive 2002/95/EC
http://www.microdc.cn/uploadfiles/WRA(B)-ZS-2W.pdf
All
All
All
All
All
All
All
All specifcations
specifcations
specifcations
specifcations
specifcations
specifcations
specifcations
specifcations valid
valid
valid
valid
valid
valid
valid
valid at
at
at
at
at
at
at
at nominal
nominal
nominal
nominal
nominal
nominal
nominal
nominal input
input
input
input
input
input
input
input voltage,
voltage,
voltage,
voltage,
voltage,
voltage,
voltage,
voltage, full
full
full
full
full
full
full
full load
load
load
load
load
load
load
load and
and
and
and
and
and
and
and +25
+25
+25
+25
+25
+25
+25
+25°°°°°°°°C
C
C
C
C
C
C
C after
after
after
after
after
after
after
after warm-up
warm-up
warm-up
warm-up
warm-up
warm-up
warm-up
warm-up time
time
time
time
time
time
time
time unless
unless
unless
unless
unless
unless
unless
unless otherwise
otherwise
otherwise
otherwise
otherwise
otherwise
otherwise
otherwise stated.
stated.
stated.
stated.
stated.
stated.
stated.
stated.
Outline
Outline
Outline
Outline
Outline
Outline
Outline
Outline Dimensions
Dimensions
Dimensions
Dimensions
Dimensions
Dimensions
Dimensions
Dimensions
Pin
Single
Dual
1
-Vin(GND)
-Vin(GND)
2
+Vin(Vcc)
+Vin(Vcc)
3
Remote On/Off
Remote On/Off
5
No function
No function
6
+Vout
+Vout
7
-Vout
Common
8
No function
-Vout
Note:specifications can be changed any time without notice.
Dimensions in [mm], () = Inch
Pin diameter ø 0.5 ±0.05
(0.02 ±0.002)
Tolerances
±0.5 (±0.02)
Pin pitch tolerances ±0.2 (±0.008)


Similar Part No. - WRB4805ZS-2W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRB4805ZS-3W MICRODC-WRB4805ZS-3W Datasheet
770Kb / 3P
   3W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
More results

Similar Description - WRB4805ZS-2W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRA-YS-1W MICRODC-WRA-YS-1W Datasheet
1Mb / 3P
   WIDEINPUT,ISOLATED®ULATEDDual/SingleOutput SIPDC/DCConverter
WRA-YS-2W MICRODC-WRA-YS-2W Datasheet
1Mb / 3P
   WIDEINPUT,ISOLATED®ULATEDDual/SingleOutput SIPDC/DCConverter
WRA-ZLS-2W MICRODC-WRA-ZLS-2W Datasheet
604Kb / 2P
   WIDEINPUT,ISOLATED®ULATEDDual/SingleOutput SIP-9(10)DC/DCConverter
WRA-YMD-6W MICRODC-WRA-YMD-6W Datasheet
989Kb / 3P
   WIDEINPUT,ISOLATED®ULATEDDual/SingleOutputDC/DCConverter
WRA-ZD-4W MICRODC-WRA-ZD-4W Datasheet
930Kb / 3P
   4W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRA-ZMD-30W MICRODC-WRA-ZMD-30W Datasheet
603Kb / 3P
   30W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRA-YS-3W MICRODC-WRA-YS-3W Datasheet
757Kb / 3P
   3W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WR-ZD-3W MICRODC-WR-ZD-3W Datasheet
1Mb / 3P
   3W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WR-ZMD-10W MICRODC-WR-ZMD-10W Datasheet
1Mb / 3P
   10W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRA-ZMD-12W MICRODC-WRA-ZMD-12W Datasheet
678Kb / 3P
   12W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com