Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WRF1212YS-1W Datasheet(PDF) 2 Page - Microdc power Technology Co., Ltd

Part # WRF1212YS-1W
Description  1W,WIDEINPUT,ISOLATED®ULATED DUAL/SINGLEOUTPUTDC-DCCONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

WRF1212YS-1W Datasheet(HTML) 2 Page - Microdc power Technology Co., Ltd

  WRF1212YS-1W Datasheet HTML 1Page - Microdc power Technology Co., Ltd WRF1212YS-1W Datasheet HTML 2Page - Microdc power Technology Co., Ltd WRF1212YS-1W Datasheet HTML 3Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
WRE-YS-1W&WRF-YS-1W
WRE-YS-1W&WRF-YS-1W
WRE-YS-1W&WRF-YS-1W
WRE-YS-1W&WRF-YS-1W
WRE-YS-1W&WRF-YS-1W
WRE-YS-1W&WRF-YS-1W
WRE-YS-1W&WRF-YS-1W
WRE-YS-1W&WRF-YS-1W Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 2 of 3
ISOLATION
ISOLATION
ISOLATION
ISOLATION
ISOLATION
ISOLATION
ISOLATION
ISOLATION SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
Item
Item
Item
Item
Test
Test
Test
Test Conditions
Conditions
Conditions
Conditions
Min.
Min.
Min.
Min.
Typ.
Typ.
Typ.
Typ.
Max.
Max.
Max.
Max.
Units
Units
Units
Units
Isolation voltage
Tested for 1 minute and 1mA max
3000
VDC
Isolation resistance
Test at 500VDC
1000
MΩ
Isolation capacitance
100KHz,1V
35
pF
*Supply voltage must be discontinued at the end of short circuit duration.
OUTPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
Item
Item
Item
Item
Test
Test
Test
Test conditions
conditions
conditions
conditions
Min.
Min.
Min.
Min.
Typ.
Typ.
Typ.
Typ.
Max.
Max.
Max.
Max.
Units
Units
Units
Units
Output power
0.1
1
W
Positive voltage accuracy
Refer to recommended circuit
±1
±3
%
Negative voltage accuracy
Refer to recommended circuit
±3
±5
Load regulation
10% to 100% load(WRF_YS-1W)
±0.5
±0.75
10% to 100% load(WRE_YS-1W)*
±0.75
±1.0
Line regulation
Input voltage from Low To high
±0.2
±0.5
Temperature Drift (Vout)
Refer to recommended circuit
±0.03
%/℃
Ripple & Noise**
20MHz Bandwidth
25
75
mVp-p
Switching frequency
Input voltage range 100% load
300
KHz
*Dual output models unbalanced load (25/100%): ±5%Max.
**Test
ripple
and
noise
by " Parallel
cable " method. See
detailed
operation
instructions
at
Testing
of
Power Converter section, application notes.
TYPICAL
TYPICAL
TYPICAL
TYPICAL
TYPICAL
TYPICAL
TYPICAL
TYPICAL TEMPERATURE
TEMPERATURE
TEMPERATURE
TEMPERATURE
TEMPERATURE
TEMPERATURE
TEMPERATURE
TEMPERATURE CURVE
CURVE
CURVE
CURVE
CURVE
CURVE
CURVE
CURVE
1)
1)
1)
1) Recommended
Recommended
Recommended
Recommended circuit
circuit
circuit
circuit
If
you
want
to
further
decrease
the
input/output
ripple,
an "LC" filtering
network
may
be
connected to the input and output ends of the DC/DC converter, see (Figure 1).
However, the capacitance of the output filter capacitor must be proper. If the capacitance is too big,
a startup problem might arise. For every
channel of output,
provided
the safe
and
reliable
operation is ensured, the greatest capacitance of its filter capacitor sees (Table 1). General:
Cin:
5V,12V
100µF 
24V,48V
10µF 
Cout:
47µF  (Typ.)
Lin:
4.7µH-120µH 
Lout:
2.2µH-10µH 
Cs:
10µH-22µF 
2)
2)
2)
2) CTRL
CTRL
CTRL
CTRL Terminal
Terminal
Terminal
Terminal
When open or high
impedance,the converter work well; When
this pin
is "high"
the converter
shutdown; It should be note that the input current (Ic) should between 5-10mA,exceeding
the maximum
20mA will cause permanence damage to the converter. The value of R Can be derived as follows :
3)
3)
3)
3) Input
Input
Input
Input current
current
current
current
While using unstable power source, please ensure the output voltage and ripple voltage do not
exceed
indexes
of
the
converter.
The
preceding
power
source
must
be
able
to
provide
for converter sufficient starting current Ip (Figure 2).
General: Ip ≤1.4Iin-max
4) No
No
No
No parallel
parallel
parallel
parallel connection
connection
connection
connection or
or
or
or plug
plug
plug
plug and
and
and
and play
play
play
play
APPLICATION
APPLICATION
APPLICATION
APPLICATION
APPLICATION
APPLICATION
APPLICATION
APPLICATION NOTE
NOTE
NOTE
NOTE
NOTE
NOTE
NOTE
NOTE
Temperature
Temperature
Temperature
Temperature Derating
Derating
Derating
Derating Graph
Graph
Graph
Graph
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED CIRCUIT
CIRCUIT
CIRCUIT
CIRCUIT
CIRCUIT
CIRCUIT
CIRCUIT
CIRCUIT
Single Output
External Capacitor Table(Table 1)
Single
Single
Single
Single
Single
Single
Single
Single Vout
Vout
Vout
Vout
Vout
Vout
Vout
Vout
Cout
Cout
Cout
Cout
Cout
Cout
Cout
Cout
Dual
Dual
Dual
Dual
Dual
Dual
Dual
Dual Vout
Vout
Vout
Vout
Vout
Vout
Vout
Vout
Cout
Cout
Cout
Cout
Cout
Cout
Cout
Cout
(VDC)
(VDC)
(VDC)
(VDC)
((((μ
μ
μ
μF)
F)
F)
F)
(VDC)
(VDC)
(VDC)
(VDC)
((((μ
μ
μ
μF)
F)
F)
F)
5
680
±5
330
9
560
±9
270
12
470
±12
220
15
330
±15
150
Ic
0
.
1
=
V
V
R


Similar Part No. - WRF1212YS-1W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRF1212YD-3W MICRODC-WRF1212YD-3W Datasheet
543Kb / 3P
   3W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRF1212YD-4W MICRODC-WRF1212YD-4W Datasheet
782Kb / 3P
   4W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRF1212YD-5W MICRODC-WRF1212YD-5W Datasheet
462Kb / 3P
   5W,2:1 WIDE INPUT,ISOLATED®ULATED DUAL/SINGLE OUTPUT DIP24 DC/DC CONVERTER
WRF1212YD-6W MICRODC-WRF1212YD-6W Datasheet
533Kb / 3P
   6W, 2:1WIDEINPUT, ISOLATED®ULATEDSINGLE/DUALOUTPUTDC-DCCONVERTER
More results

Similar Description - WRF1212YS-1W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRA-YMD-6W MICRODC-WRA-YMD-6W Datasheet
989Kb / 3P
   WIDEINPUT,ISOLATED®ULATEDDual/SingleOutputDC/DCConverter
WRA-ZD-4W MICRODC-WRA-ZD-4W Datasheet
930Kb / 3P
   4W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRA-ZMD-30W MICRODC-WRA-ZMD-30W Datasheet
603Kb / 3P
   30W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRA-YS-3W MICRODC-WRA-YS-3W Datasheet
757Kb / 3P
   3W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WR-ZD-3W MICRODC-WR-ZD-3W Datasheet
1Mb / 3P
   3W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WR-ZMD-10W MICRODC-WR-ZMD-10W Datasheet
1Mb / 3P
   10W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRA-ZD-5W MICRODC-WRA-ZD-5W Datasheet
943Kb / 3P
   5W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRA-YD-4W MICRODC-WRA-YD-4W Datasheet
783Kb / 3P
   4W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WR-ZS-3W MICRODC-WR-ZS-3W Datasheet
770Kb / 3P
   3W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRA-ZD-8W MICRODC-WRA-ZD-8W Datasheet
698Kb / 4P
   8W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com