Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WRN786.5-1500B Datasheet(PDF) 1 Page - Microdc power Technology Co., Ltd

Part # WRN786.5-1500B
Description  WIDEINPUTNON-ISOLATED & REGULATED SINGLEOUTPUT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

WRN786.5-1500B Datasheet(HTML) 1 Page - Microdc power Technology Co., Ltd

  WRN786.5-1500B Datasheet HTML 1Page - Microdc power Technology Co., Ltd WRN786.5-1500B Datasheet HTML 2Page - Microdc power Technology Co., Ltd WRN786.5-1500B Datasheet HTML 3Page - Microdc power Technology Co., Ltd WRN786.5-1500B Datasheet HTML 4Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
WRN78XX-1500(B)
WRN78XX-1500(B)
WRN78XX-1500(B)
WRN78XX-1500(B)
WRN78XX-1500(B)
WRN78XX-1500(B)
WRN78XX-1500(B)
WRN78XX-1500(B) Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 1 of 4
Product
Product
Product
Product
Product
Product
Product
Product Program
Program
Program
Program
Program
Program
Program
Program
Part
Part
Part
Part Number
Number
Number
Number
Input
Input
Input
Input Voltage(VDC)
Voltage(VDC)
Voltage(VDC)
Voltage(VDC)
Output
Output
Output
Output
Efficiency
Efficiency
Efficiency
Efficiency(%,Typ)
(%,Typ)
(%,Typ)
(%,Typ)
Nominal
Nominal
Nominal
Nominal
Range
Range
Range
Range
Voltage
Voltage
Voltage
Voltage
(VDC)
(VDC)
(VDC)
(VDC)
Current
Current
Current
Current
(MA)
(MA)
(MA)
(MA)
Vin
Vin
Vin
Vin
(min.)
(min.)
(min.)
(min.)
Vin
Vin
Vin
Vin
(max.)
(max.)
(max.)
(max.)
WRN781.5-1500
12
4.75-18
1.5
1500
83
78
WRN781.8-1500
12
4.75-18
1.8
1500
85
81
WRN782.5-1500
12
4.75-18
2.5
1500
88
85
WRN7803-1500
12
4.75-18
3.3
1500
91
88
WRN7805-1500
12
6.5-18
5
1500
93
91
WRN786.5-1500
12
8-18
6.5
1500
95
93
WRN781.5-1500B
12
4.75-18
1.5
1500
83
78
WRN781.8-1500B
12
4.75-18
1.8
1500
85
81
WRN782.5-1500B
12
4.75-18
2.5
1500
88
85
WRN7803-1500B
12
4.75-18
3.3
1500
91
88
WRN7805-1500B
12
6.5-18
5
1500
93
91
WRN786.5-1500B
12
8-18
6.5
1500
95
93
Add suffix
"B"
for 90°bend pins, for example: WRN7805-1500B.
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
WR
WR
WR
WR
WR
WR
WR
WRN78
N78
N78
N78
N78
N78
N78
N78
05
05
05
05
05
05
05
05
--------1500
1500
1500
1500
1500
1500
1500
1500
(B)
(B)
(B)
(B)
①Product Series
②Output Voltage
③Output Current
④Bend 90°pins
WIDE
WIDE
WIDE
WIDE INPUT
INPUT
INPUT
INPUT NON-ISOLATED
NON-ISOLATED
NON-ISOLATED
NON-ISOLATED &
&
&
& REGULATED
REGULATED
REGULATED
REGULATED SINGLE
SINGLE
SINGLE
SINGLE OUTPUT
OUTPUT
OUTPUT
OUTPUT
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
Efficiency up to 95%, No heatsink require
1.5A large current output
Operating temperature : -40°C~ +85°C
Short circuit protection, thermal shutdown
Low ripple and noise
Micro miniature SIP3 package
UL94-V0 requirement
Ultra low power loss
Industry standard pinout
Pin-out compatible with WRN78xx linear
MTBE>2000,000Hours
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
The WRN78xx-1500(B) series switching regulators
are ideal replacement for WRN78xx linear regulators. The
efficiency of up to 95% means that very little energy is
wasted as heat so there is no need for any heat sinks with
their additional space and mounting costs. They are
widely used in industrial control, instrumentation, and
electric power applications.
MICRODC reserves the copyright
OUTPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT SPECIFICATION
SPECIFICATION
SPECIFICATION
SPECIFICATION
SPECIFICATION
SPECIFICATION
SPECIFICATION
SPECIFICATIONS
S
S
S
S
S
S
S
Item
Item
Item
Item
Test
Test
Test
Test conditions
conditions
conditions
conditions
Min.
Min.
Min.
Min.
Typ.
Typ.
Typ.
Typ.
Max.
Max.
Max.
Max.
Units
Units
Units
Units
Output voltage accuracy
100% full load,input voltage range
±2
±3
%
Line regulation
Vin=min. to max, at full load
±0.5
±0.75
Load regulation
10% to 100% load
±0.5
±1.0
Ripple & Noise*
20MHz bandwidth (refer to figure 6 )
20
45
mVp-p
Short circuit input power
0.5
1.8
W
Short circuit protection
Continuous, auto-recovery
Thermal shutdown
Internal IC junction
150
Output current limit
5000
mA
Switching frequency
Full load, input voltage range
300
340
380
KHz
Quiescent current
5
10
mA
Temperature coefficient
-40℃ ~ +85℃ ambient
±0.02
%/℃
Max capacitance load
1000
µF
*Test ripple and noise by "parallel cable" method.
COMMON
COMMON
COMMON
COMMON
COMMON
COMMON
COMMON
COMMON SPECIFICATION
SPECIFICATION
SPECIFICATION
SPECIFICATION
SPECIFICATION
SPECIFICATION
SPECIFICATION
SPECIFICATIONS
S
S
S
S
S
S
S
Operating temp. range
-40~+85℃(above 71℃ power derating)
Operating case temp.
+100℃(max)
Storage temp. range
-55~+125℃
Cooling
Free air convection
Lead temperature**
300℃(max)
Storage humidity range
≤95%
Case material
Plastic(UL94-V0)
MTBF
> 2000k hours (25℃MIL-HDBK-217F)
Weight
4.0g
Conducted emissions (Refer to Figure 5)
EN55022
CLASS B
Radiated emissions
EN55022
CLASS B
ESD
EN61000-4-2
Level 3
6kV/8kV perf. Criteria B
**1.5mm from case for 10 seconds
Note:


Similar Part No. - WRN786.5-1500B

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRN786.5-1000 MICRODC-WRN786.5-1000 Datasheet
731Kb / 2P
   WIDEINPUT,NON-ISOLATED REGULATED SINGLEOUTPUT SIP3DC/DCCONVERTER
More results

Similar Description - WRN786.5-1500B

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRN72XX-2000 MICRODC-WRN72XX-2000 Datasheet
816Kb / 4P
   WIDEINPUTNON-ISOLATED & REGULATED SINGLEOUTPUT
WRN78UXX-500 MICRODC-WRN78UXX-500 Datasheet
1Mb / 4P
   WIDEINPUTNON-ISOLATED & REGULATED SINGLEOUTPUT
WRN78XX-2000 MICRODC-WRN78XX-2000 Datasheet
772Kb / 4P
   WIDEINPUTNON-ISOLATED & REGULATED SINGLEOUTPUT
WRN78XXT-1000 MICRODC-WRN78XXT-1000 Datasheet
1Mb / 5P
   WIDEINPUT,NON-ISOLATED®ULATED SMDPACKAGE SINGLEOUTPUT
WRN78XXT-500 MICRODC-WRN78XXT-500 Datasheet
1Mb / 6P
   WIDEINPUT,NON-ISOLATED®ULATED SMDPACKAGE SINGLEOUTPUT
WRN78XXM-1000 MICRODC-WRN78XXM-1000 Datasheet
1Mb / 4P
   WIDEINPUT,NON-ISOLATED REGULATED SINGLEOUTPUT SIP3DC/DCCONVERTER
WRN78XX-1000 MICRODC-WRN78XX-1000 Datasheet
731Kb / 2P
   WIDEINPUT,NON-ISOLATED REGULATED SINGLEOUTPUT SIP3DC/DCCONVERTER
WRE-YS-2W MICRODC-WRE-YS-2W Datasheet
606Kb / 3P
   2W,WIDE INPUT,ISOLATED®ULATED DUAL/SINGLEOUTPUT DC-DCCONVERTER
WRA-YS-1W MICRODC-WRA-YS-1W Datasheet
1Mb / 3P
   WIDEINPUT,ISOLATED®ULATEDDual/SingleOutput SIPDC/DCConverter
WRA-YS-2W MICRODC-WRA-YS-2W Datasheet
1Mb / 3P
   WIDEINPUT,ISOLATED®ULATEDDual/SingleOutput SIPDC/DCConverter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com