Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKP1V120 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MKP1V120
Description  SIDACs 0.9 AMPERES RMS 110 thru 280 VOLTS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MKP1V120 Datasheet(HTML) 2 Page - Motorola, Inc

  MKP1V120 Datasheet HTML 1Page - Motorola, Inc MKP1V120 Datasheet HTML 2Page - Motorola, Inc MKP1V120 Datasheet HTML 3Page - Motorola, Inc MKP1V120 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MKP1V120 MKP1V130
2
Motorola Thyristor Device Data
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted; both directions)
Characteristic
Symbol
Min
Typ
Max
Unit
Breakover Voltage
MKP1V120
MKP1V130
VBO
110
120
130
140
Volts
Repetitive Peak Off-State Current
(60 Hz Sine Wave, VD = Rated VDRM)
TJ = 125°C
IDRM
5
50
µA
Forward “On” Voltage
(ITM = 1 A)
VTM
1.3
1.5
Volts
Dynamic Holding Current
IH
100
mA
Switching Resistance
RS
0.1
k
Breakover Current
IBO
200
µA
Maximum Rate-of-Change of On-State Current
MKP1V120, 130,
di/dt
90
A/
µs
Figure 1. Maximum Lead Temperature
Figure 2. Maximum Ambient Temperature
Figure 3. Typical On-State Voltage
Figure 4. Power Dissipation
2.0
1.0
0
3.0
4.0
0.2
10
7.0
5.0
3.0
2.0
1.0
0.7
0.5
0.3
0.1
125
°C
TJ = 25°C
5.0
VT, INSTANTANEOUS ON-STATE VOLTAGE (VOLTS)
1.00
0.2
0.4
0.6
0.8
0
0.50
0.25
0.75
1.25
1.0
TJ = 25°C
Conduction Angle = 180
°C
IT(RMS), ON-STATE CURRENT (AMPS)
130
40
50
60
70
80
90
100
110
120
1.8
140
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
2.0
TL
IT(RMS) ON-STATE CURRENT (AMPS)
0.8
TJ = 125°C
Sine Wave
Conduction Angle = 180
°
0.2
0.4
120
0.6
0
20
40
60
80
100
1.0
Assembled in PCB
Lead Length =
TJ = 125°C
Sine Wave
Conduction Angle = 180
°
140
TA, MAXIMUM AMBIENT TEMPERATURE (°C)
3
8″
3
8″
3
8″


Similar Part No. - MKP1V120

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MKP1V120 ONSEMI-MKP1V120 Datasheet
53Kb / 6P
   Sidac High Voltage
September, 2004 ??Rev. 6
MKP1V120RL ONSEMI-MKP1V120RL Datasheet
53Kb / 6P
   Sidac High Voltage
September, 2004 ??Rev. 6
MKP1V120RL ONSEMI-MKP1V120RL Datasheet
58Kb / 5P
   Sidac High Voltage Bidirectional Triggers 0.9 AMPERES RMS 120 ??240 VOLTS
October, 2006 ??Rev. 10
MKP1V120RLG ONSEMI-MKP1V120RLG Datasheet
58Kb / 5P
   Sidac High Voltage Bidirectional Triggers 0.9 AMPERES RMS 120 ??240 VOLTS
October, 2006 ??Rev. 10
MKP1V120 ONSEMI-MKP1V120_06 Datasheet
58Kb / 5P
   Sidac High Voltage Bidirectional Triggers 0.9 AMPERES RMS 120 ??240 VOLTS
October, 2006 ??Rev. 10
More results

Similar Description - MKP1V120

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MKP3V110 MOTOROLA-MKP3V110 Datasheet
85Kb / 4P
   SIDACs 1 AMPERE RMS 100 thru 135 VOLTS
MAC8D MOTOROLA-MAC8D Datasheet
79Kb / 4P
   TRIACS 8 AMPERES RMS 400 thru 800 VOLTS
MAC15SD MOTOROLA-MAC15SD Datasheet
690Kb / 8P
   TRIACS 15 AMPERES RMS 400 THRU 800 VOLTS
MAC16D MOTOROLA-MAC16D Datasheet
133Kb / 4P
   TRIACS 15 AMPERES RMS 400 thru 800 VOLTS
MAC4DCM MOTOROLA-MAC4DCM Datasheet
156Kb / 8P
   TRIACS 4.0 AMPERES RMS 600 thru 800 VOLTS
MAC8SD MOTOROLA-MAC8SD Datasheet
753Kb / 8P
   TRIACS 8 AMPERES RMS 400 THRU 800 VOLTS
MAC9D MOTOROLA-MAC9D Datasheet
78Kb / 4P
   TRIACS 8.0 AMPERES RMS 400 thru 800 VOLTS
MAC12D MOTOROLA-MAC12D Datasheet
41Kb / 2P
   TRIACS 12 AMPERES RMS 400 thru 800 VOLTS
MAC212-4 MOTOROLA-MAC212-4 Datasheet
70Kb / 4P
   TRIACs 12 AMPERES RMS 200 thru 800 VOLTS
MAC6071 MOTOROLA-MAC6071 Datasheet
233Kb / 8P
   TRIACs 4 AMPERES RMS 200 thru 600 VOLTS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com