Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6424T Datasheet(PDF) 2 Page - ebm-papst

Part # 6424T
Description  DC axial compact fan
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

6424T Datasheet(HTML) 2 Page - ebm-papst

  6424T Datasheet HTML 1Page - ebm-papst 6424T Datasheet HTML 2Page - ebm-papst 6424T Datasheet HTML 3Page - ebm-papst 6424T Datasheet HTML 4Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DC axial compact fan
6424 T
Technical features
General description
Diagonal fan with low noise when there is a high pressure saddle curve. Very rigid compression
curve for high air flow at high counterpressure. Electronic commutation completely integrated.
Mass
0.760 kg
Dimensions
172 x 150 x 51 mm
Material of impeller
Fiberglass-reinforced PA plastic
Housing material
Aluminum. Housing with grounding lug for screw M4 x 8 (TORX).
Direction of air flow
Air exhaust over bars
Direction of rotation
Left, looking at rotor
Bearing
Ball bearings
Lifetime L10 at 40 °C
77500 h
Lifetime L10 at maximum
temperature
35000 h
Connection line
Flat plugs 3.0 x 0.5 mm.
Motor protection
Protected against reverse polarity and locking.
Locked-rotor protection
Electronic blocking protection, with electronic motor current limit in the startup phase and when the
rotor is blocked.
Approval
VDE, CSA, UL, CE
Web data sheet XI · Page 2 of 4
ebm-papst St. Georgen GmbH & Co. KG · Hermann-Papst-Straße 1 · D-78112 St. Georgen · Phone +49 7724 81-0 · Fax +49 7724 81-1309 · info2@de.ebmpapst.com · www.ebmpapst.com


Similar Part No. - 6424T

ManufacturerPart #DatasheetDescription
logo
ebm-papst
6424TD EBMPAPST-6424TD Datasheet
304Kb / 4P
   DC axial compact fan
More results

Similar Description - 6424T

ManufacturerPart #DatasheetDescription
logo
ebm-papst
3212JH EBMPAPST-3212JH Datasheet
523Kb / 4P
   DC axial compact fan
3214JH4 EBMPAPST-3214JH4 Datasheet
523Kb / 4P
   DC axial compact fan
3314 EBMPAPST-3314 Datasheet
301Kb / 4P
   DC axial compact fan
3314G EBMPAPST-3314G Datasheet
302Kb / 4P
   DC axial compact fan
3412NGH EBMPAPST-3412NGH Datasheet
285Kb / 4P
   DC axial compact fan
3412NHH EBMPAPST-3412NHH Datasheet
285Kb / 4P
   DC axial compact fan
3414NG EBMPAPST-3414NG Datasheet
285Kb / 4P
   DC axial compact fan
3414NM EBMPAPST-3414NM Datasheet
285Kb / 4P
   DC axial compact fan
252N EBMPAPST-252N Datasheet
282Kb / 3P
   DC axial compact fan
255H EBMPAPST-255H Datasheet
289Kb / 4P
   DC axial compact fan
414J EBMPAPST-414J Datasheet
314Kb / 4P
   DC axial compact fan
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com