Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR38F_1211 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # BR38F_1211
Description  BR38F SERIES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BR38F_1211 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  BR38F_1211 Datasheet HTML 1Page - Pan Jit International Inc. BR38F_1211 Datasheet HTML 2Page - Pan Jit International Inc. BR38F_1211 Datasheet HTML 3Page - Pan Jit International Inc. BR38F_1211 Datasheet HTML 4Page - Pan Jit International Inc. BR38F_1211 Datasheet HTML 5Page - Pan Jit International Inc. BR38F_1211 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PAGE . 1
September 21,2012-REV.01
BR38F SERIES
FEATURES
• Plastic package has Underwriters Laboratory Flammability
Classification 94V-O
• For surface mounted applications
• Ultra thin profile package for space constrained utilization
• Package suitable for automated handling
• Built-in strain relief
• Metal to silicon rectifier. majority carrier conduction
• Low power loss,high efficiency
• High surge capacity
• Lead free in comply with EU RoHS 2002/95/EC directives.
• Green molding compound as per IEC61249 Std. . (Halogen Free)
MECHANICAL DATA
• Case: SMBF molded plastic
• Terminals: Solder plated, solderable per MIL-STD-750,Method 2026
• Approx. Weight: 0.0018 ounces, 0.05 grams
• Polarity : Color band denotes cathode end
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
NOT ES :
1. Mounted on F R-4 P CB , si ngl e-si ded c opper, w i th 100cm 2 copper pad area.
2. Mounted on F R-4 P CB , si ngl e-sided copper, m ini pad.
VOLTAGE
80-200Volts
3 Amperes
CURRENT
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25
oC unless otherwise noted)
1
2
Cath ode
Ano de
PAR AME T E R
S YM B OL
B R 3 8 F
B R 39 F
B R 3 10 F
B R 3 1 5 F
B R 3 2 0 F
U N IT S
Re c urr ent P ea k Re ve rs e Vo lta ge
V
RR M
8 0
9 0
1 0 0
1 5 0
2 0 0
V
RM S Vo lta g e
V
RMS
5 6
6 3
7 0
1 0 5
1 4 0
V
D C B lo c k i ng Vo lta g e
V
R
8 0
9 0
1 0 0
1 5 0
2 0 0
V
A ve r a ge F o rwa r d C urre nt
I
F (A V )
3 .0
A
P e a k F o rwa r d S urg e C ur re nt : 8.3 m s s i ng le ha lf s i ne -wa ve
s up e r i m p o s e d o n ra te d lo a d( J E D E C me tho d )
I
FS M
80
A
F o rwa r d Vo ltag e a t 3 .0A
V
F
0 .8
0 .9
V
D C Re ve r s e C urr e nt a t Ra te d D C B lo c k i ng Vo ltag e
I
R
0 .0 5
m A
Typ i c a l J unc ti o n c a p a c i ta nc e (V R =4 V, f=1 MH z)
C
J
1 2 0
1 0 0
7 0
p F
Typ i c a l The rma l R es i s ta nc e ,J unc ti o n to L e a d (N ote 1 )
J unc ti o n to A mb i e nt ( No te 2 )
R
 JL
R
J A
1 7
1 3 5
OC / W
Op e ra ti ng J unc ti o n Tem p e ra ture a nd S to ra g e Te mp e ra ture Ra ng e
T
J , TS TG
-6 5 to +1 5 0
OC


Similar Part No. - BR38F_1211

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BR38F PANJIT-BR38F_16 Datasheet
313Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - BR38F_1211

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com