Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3333 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP3333
Description  High Accuracy Ultralow IQ, 300 mA, anyCAP Low Dropout Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3333 Datasheet(HTML) 4 Page - Analog Devices

  ADP3333 Datasheet HTML 1Page - Analog Devices ADP3333 Datasheet HTML 2Page - Analog Devices ADP3333 Datasheet HTML 3Page - Analog Devices ADP3333 Datasheet HTML 4Page - Analog Devices ADP3333 Datasheet HTML 5Page - Analog Devices ADP3333 Datasheet HTML 6Page - Analog Devices ADP3333 Datasheet HTML 7Page - Analog Devices ADP3333 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
REV. 0
ADP3333
–4–
INPUT VOLTAGE – V
2.502
34
12
68
10
VOUT = 2.5V
200mA
100mA
300mA
11
9
7
5
2.500
2.498
2.496
2.494
2.492
2.490
2.488
0mA
TPC 1. Line Regulation Output
Voltage vs. Supply Voltage
OUTPUT LOAD – mA
0
300
VIN = 6V
0
0.5
1.0
1.5
2.0
2.5
50
100
150
200
250
TPC 4. Ground Current vs.
Load Current
OUTPUT LOAD – mA
0
0
50
250
100
150
200
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
300
TPC 7. Dropout Voltage vs.
Output Current
OUTPUT LOAD – mA
2.502
2.500
0
100
150
300
250
2.494
2.492
2.490
2.488
2.498
2.496
VIN = 6V
VOUT = 2.5V
50
200
TPC 2. Output Voltage vs. Load
Current
JUNCTION TEMPERATURE – C
1.0
0.5
–50
–25
0
25
50
75
100
0.6
0.9
0.8
0.7
125
0.0
0.2
0.1
0.4
0.3
–0.2
–0.3
–0.1
–0.4
300mA
0
200mA
0
TPC 5. Output Voltage Variation % vs.
Junction Temperature
TIME – Sec
1
234
3.0
2.5
2.0
1.5
1.0
0.5
0
VOUT = 2.5V
SD = VIN
RL = 8.3
TPC 8. Power-Up/Power-Down
INPUT VOLTAGE – Volts
140
60
0
0
12
24
68
10
120
100
40
20
80
VOUT = 2.5V
IL = 100 A
IL = 0
TPC 3. Ground Current vs. Supply
Voltage
JUNCTION TEMPERATURE – C
0.5
0
IL = 300mA
VIN = 6V
IL = 200mA
IL = 100mA
IL = 0mA
1.0
1.5
2.0
2.5
3.0
3.5
–50
–25
0
25
50
75
100
125
TPC 6. Ground Current vs.
Junction Temperature
TIME –
s
200
400
600
800
3
2
1
0
4
2
0
VOUT = 2.5V
SD = VIN
RL = 8.3
COUT = 10 F
COUT = 1 F
TPC 9. Power-Up Response
–Typical Performance Characteristics


Similar Part No. - ADP3333

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3333 AD-ADP3333 Datasheet
245Kb / 12P
   High Accuracy Ultralow IQ, 300 mA, yCAP Low Dropout Regulator
REV. B
ADP3333ARM-1.5-RL AD-ADP3333ARM-1.5-RL Datasheet
245Kb / 12P
   High Accuracy Ultralow IQ, 300 mA, anyCAP Low Dropout Regulator
REV. B
ADP3333ARM-1.5-RL AD-ADP3333ARM-1.5-RL Datasheet
245Kb / 12P
   High Accuracy Ultralow IQ, 300 mA, yCAP Low Dropout Regulator
REV. B
ADP3333ARM-1.5-RL7 AD-ADP3333ARM-1.5-RL7 Datasheet
245Kb / 12P
   High Accuracy Ultralow IQ, 300 mA, anyCAP Low Dropout Regulator
REV. B
ADP3333ARM-1.5-RL7 AD-ADP3333ARM-1.5-RL7 Datasheet
245Kb / 12P
   High Accuracy Ultralow IQ, 300 mA, yCAP Low Dropout Regulator
REV. B
More results

Similar Description - ADP3333

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3333 AD-ADP3333_09 Datasheet
245Kb / 12P
   High Accuracy Ultralow IQ, 300 mA, anyCAP Low Dropout Regulator
REV. B
ADP3335ARM-3.3 AD-ADP3335ARM-3.3 Datasheet
258Kb / 16P
   High Accuracy, Ultralow IQ, 500 mA, anyCAP Low Dropout Regulator
REV. D
ADP3335ARM-18 AD-ADP3335ARM-18 Datasheet
258Kb / 16P
   High Accuracy, Ultralow IQ, 500 mA, anyCAP Low Dropout Regulator
REV. D
ADP3335 AD-ADP3335 Datasheet
639Kb / 8P
   High Accuracy Ultralow IQ, 500 mA anyCAP Low Dropout Regulator
REV. 0
ADP3335ARM-2.85 AD-ADP3335ARM-2.85 Datasheet
258Kb / 16P
   High Accuracy, Ultralow IQ, 500 mA, anyCAP Low Dropout Regulator
REV. D
ADP3335 AD-ADP3335_12 Datasheet
263Kb / 16P
   High Accuracy, Ultralow IQ, 500 mA, anyCAP Low Dropout Regulator
REV. C
ADP3336 AD-ADP3336 Datasheet
364Kb / 8P
   High Accuracy Ultralow IQ, 500 mA anyCAP Adjustable Low Dropout Regulator
REV. 0
ADP3338AKC-18 AD-ADP3338AKC-18 Datasheet
295Kb / 16P
   High Accuracy, Ultralow IQ, 1A, anyCAP Low Dropout Regulator
REV. B
ADP3333ARM-2.5 AD-ADP3333ARM-2.5 Datasheet
245Kb / 12P
   High Accuracy Ultralow IQ, 300 mA, yCAP Low Dropout Regulator
REV. B
ADP3330ARTZ-2.75R7 AD-ADP3330ARTZ-2.75R7 Datasheet
141Kb / 12P
   High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP??Low Dropout Regulator
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com